Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1531ETJ+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1531ETJ+
Description  Multiple-Output Power-Supply Controllers for LCD Monitors
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1531ETJ+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1531ETJ+ Datasheet HTML 6Page - Maxim Integrated Products MAX1531ETJ+ Datasheet HTML 7Page - Maxim Integrated Products MAX1531ETJ+ Datasheet HTML 8Page - Maxim Integrated Products MAX1531ETJ+ Datasheet HTML 9Page - Maxim Integrated Products MAX1531ETJ+ Datasheet HTML 10Page - Maxim Integrated Products MAX1531ETJ+ Datasheet HTML 11Page - Maxim Integrated Products MAX1531ETJ+ Datasheet HTML 12Page - Maxim Integrated Products MAX1531ETJ+ Datasheet HTML 13Page - Maxim Integrated Products MAX1531ETJ+ Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Multiple-Output Power-Supply
Controllers for LCD Monitors
10
______________________________________________________________________________________
Typical Operating Characteristics (continued)
(Circuit of Figure 1; including R5, R6, and D2; TA = +25°C, unless otherwise noted.)
Pin Description
PIN
MAX1530
MAX1531
NAME
FUNCTION
1
1
DRV2
Gamma Linear Regulator (LR2) Base Drive. Open drain of an internal N-channel MOSFET.
Connect DRV2 to the base of an external PNP pass transistor to form a positive linear
regulator. (See the Pass Transistor Selection section.)
2
2
FBL2
Gamma Linear Regulator (LR2) Feedback Input. FBL2 regulates at 1.245V nominal.
Connect FBL2 to the center tap of a resistive voltage-divider between the LR2 output and
AGND to set the output voltage. Place the divider close to the FBL2 pin.
3
3
FBL3
Gate-On Linear Regulator (LR3) Feedback Input. FBL3 regulates at 1.245V nominal.
Connect FBL3 to the center tap of a resistive voltage-divider between the LR3 output and
AGND to set the output voltage. Place the divider close to the FBL3 pin.
4
4
DRV3
Gate-On Linear Regulator (LR3) Base Drive. Open drain of an internal N-channel MOSFET.
Connect DRV3 to the base of an external PNP pass transistor to form a positive linear
regulator. (See the Pass Transistor Selection section.)
5–10, 18, 19
N. C.
No Connection. Not internally connected.
11
11
RSTIN
Adjustable Reset Input. RESET asserts low when the monitored voltage is less than the
reset trip threshold. RESET goes to a high-impedance state only after the monitored
voltage remains above the reset trip threshold for the duration of the reset timeout period.
Connect RSTIN to the center tap of a resistive voltage-divider between the monitored
output voltage and AGND to set the reset trip threshold. The internal RSTIN threshold of
90% of 1.238V allows direct connection of RSTIN to any of the device’s positive feedback
pins.
LR5 NORMALIZED LOAD REGULATION
LOAD CURRENT (mA)
40
30
20
10
-0.8
-0.6
-0.4
-0.2
0
-1.0
050
LR5 NORMALIZED LINE REGULATION
INPUT VOLTAGE (V)
-13
-17
-21
0
0.2
0.4
0.6
0.8
1.0
-0.2
-25
-9
20mA LOAD CURRENT


Similar Part No. - MAX1531ETJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1531ETJ MAXIM-MAX1531ETJ Datasheet
708Kb / 33P
   Multiple-Output Power-Supply Controllers for LCD Monitors
Rev 0; 5/03
More results

Similar Description - MAX1531ETJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1530 MAXIM-MAX1530 Datasheet
708Kb / 33P
   Multiple-Output Power-Supply Controllers for LCD Monitors
Rev 0; 5/03
MAX8728 MAXIM-MAX8728 Datasheet
424Kb / 29P
   Low-Cost, Multiple-Output Power Supply for LCD Monitors/TVs
Rev 0; 1/06
MAX17014 MAXIM-MAX17014 Datasheet
626Kb / 34P
   Low-Cost Multiple-Output Power Supply for LCD TVs
Rev 0; 10/07
logo
Monolithic Power System...
MP5600 MPS-MP5600 Datasheet
664Kb / 26P
   Compact Multiple-Output Power Supply for TV-LCD panel
logo
Maxim Integrated Produc...
MAX17113 MAXIM-MAX17113 Datasheet
1Mb / 30P
   Low-Cost, Multiple-Output Power Supply for LCD TVs
Rev 0; 8/09
MAX17014A MAXIM-MAX17014A Datasheet
626Kb / 32P
   Low-Cost Multiple-Output Power Supply for LCD TVs
Rev 0; 8/08
MAX17014 MAXIM-MAX17014_10 Datasheet
540Kb / 33P
   Low-Cost Multiple-Output Power Supply for LCD TVs
Rev 1; 11/09
MAX1513 MAXIM-MAX1513 Datasheet
523Kb / 28P
   TFT-LCD Power-Supply Controllers
Rev 0; 10/03
logo
Phihong USA Inc.
PSA-2041U PHIHONG-PSA-2041U Datasheet
82Kb / 2P
   Multiple Output Switching Power Supply
logo
Torex Semiconductor
XC9516 TOREX-XC9516 Datasheet
1Mb / 26P
   Triple Output Power Supply for TFT-LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com