Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1241AMJA+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1241AMJA+
Description  2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1241AMJA+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1241AMJA+ Datasheet HTML 6Page - Maxim Integrated Products MAX1241AMJA+ Datasheet HTML 7Page - Maxim Integrated Products MAX1241AMJA+ Datasheet HTML 8Page - Maxim Integrated Products MAX1241AMJA+ Datasheet HTML 9Page - Maxim Integrated Products MAX1241AMJA+ Datasheet HTML 10Page - Maxim Integrated Products MAX1241AMJA+ Datasheet HTML 11Page - Maxim Integrated Products MAX1241AMJA+ Datasheet HTML 12Page - Maxim Integrated Products MAX1241AMJA+ Datasheet HTML 13Page - Maxim Integrated Products MAX1241AMJA+ Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
+2.7V, Low-Power,
12-Bit Serial ADCs in 8-Pin SO
10
______________________________________________________________________________________
ed. After an internally timed conversion period, the end
of conversion is signaled by DOUT pulling high. Data
can then be shifted out serially with the external clock.
Using
SHDN to Reduce Supply Current
Power consumption can be reduced significantly by
shutting down the MAX1240/MAX1241 between con-
versions. Figure 6 shows a plot of average supply cur-
rent versus conversion rate. Because the MAX1241
uses an external reference voltage (assumed to be pre-
sent continuously), it “wakes up” from shutdown more
quickly (in 4µs) and therefore provides lower average
supply currents. The wake-up time (tWAKE) is the time
from when SHDN is deasserted to the time when a con-
version may be initiated (Figure 5). For the MAX1240,
this time depends on the time in shutdown (Figure 7)
because the external 4.7µF reference bypass capacitor
loses charge slowly during shutdown.
External Clock
The actual conversion does not require the external
clock. This allows the conversion result to be read back
at the µP’s convenience at any clock rate from up to
2.1MHz. The clock duty cycle is unrestricted if each
clock phase is at least 200ns. Do not run the clock
while a conversion is in progress.
Timing and Control
Conversion-start and data-read operations are controlled
by the CS and SCLK digital inputs. The timing diagrams
of Figures 8 and 9 outline serial-interface operation.
A CS falling edge initiates a conversion sequence: the
T/H stage holds the input voltage, the ADC begins to
convert, and DOUT changes from high impedance to
logic low. SCLK must be kept low during the conver-
sion. An internal register stores the data when the con-
version is in progress.
10
1
0.01
0.001
0.1
1
10
100
1k
10k
100k
0.1
CONVERSION RATE (Hz)
VDD = VREF = 3.0V
RLOAD =
∞, CLOAD = 50pF
CODE = 010101010000
MAX1241
MAX1240
Figure 6. Average Supply Current vs. Conversion Rate
1.0
0.0
0.001
0.01
0.1
1
10
0.8
0.6
0.4
0.2
TIME IN SHUTDOWN (sec)
Figure 7. Typical Reference Power-Up Delay vs. Time in
Shutdown
EOC
INTERFACE IDLE
CONVERSION
IN PROGRESS
EOC
0
μs
TRAILING
ZEROS
IDLE
CLOCK OUT SERIAL DATA
TRACK/HOLD
STATE
TRACK
HOLD
TRACK
DOUT
B11 B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
SCLK
14
8
12
16
7.5
μs (tCONV)
HOLD
0
μs
(tCS)
TOTAL = 13.7
μs
12.5
× 0.476μs = 5.95μs
CYCLE TIME
CS
0.24
μs
Figure 8. Interface Timing Sequence


Similar Part No. - MAX1241AMJA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1241AMJA++ MAXIM-MAX1241AMJA+ Datasheet
219Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 4; 6/10
More results

Similar Description - MAX1241AMJA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1240_101 MAXIM-MAX1240_101 Datasheet
219Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 4; 6/10
MAX1240 MAXIM-MAX1240 Datasheet
280Kb / 16P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
19-1155; Rev 2; 11/98
MAX1242 MAXIM-MAX1242 Datasheet
158Kb / 12P
   2.7V to %.25V, Low-Power, 10-Bit Serial ADCs in SO-8
19-1156; Rev 2; 6/98
MAX1242 MAXIM-MAX1242_V01 Datasheet
171Kb / 13P
   2.7V to 5.25V, Low-Power, 10-Bit Serial ADCs in SO-8
2012
MAX144 MAXIM-MAX144_05 Datasheet
969Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin μMAX
Rev 2; 10/05
MAX144 MAXIM-MAX144 Datasheet
240Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin 關MAX
Rev 0; 11/98
MAX1111CE MAXIM-MAX1111CE Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1110 MAXIM-MAX1110 Datasheet
284Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
19-1194; Rev 2; 10/98
MAX1110 MAXIM-MAX1110_11 Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX157 MAXIM-MAX157 Datasheet
238Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX
Rev 0; 11/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com