Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1241ACPA+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1241ACPA+
Description  2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1241ACPA+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1241ACPA+ Datasheet HTML 1Page - Maxim Integrated Products MAX1241ACPA+ Datasheet HTML 2Page - Maxim Integrated Products MAX1241ACPA+ Datasheet HTML 3Page - Maxim Integrated Products MAX1241ACPA+ Datasheet HTML 4Page - Maxim Integrated Products MAX1241ACPA+ Datasheet HTML 5Page - Maxim Integrated Products MAX1241ACPA+ Datasheet HTML 6Page - Maxim Integrated Products MAX1241ACPA+ Datasheet HTML 7Page - Maxim Integrated Products MAX1241ACPA+ Datasheet HTML 8Page - Maxim Integrated Products MAX1241ACPA+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
+2.7V, Low-Power,
12-Bit Serial ADCs in 8-Pin SO
_______________________________________________________________________________________
5
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
2.25
2.75
3.25
3.75
4.25
4.75
5.25
OFFSET ERROR
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
__________________________________________Typical Operating Characteristics
(VDD = 3.0V, VREF = 2.5V, fSCLK = 2.1MHz, CL = 20pF, TA = +25°C, unless otherwise noted.)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
24
35
6
OPERATING SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
RL =
CODE = 101010100000
MAX1241
MAX1240
0.8
0.9
1.0
1.1
1.2
1.3
-60
-20
20
60
100
140
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
MAX1241
MAX1240
RLOAD =
CODE = 10101010000
DOUT
DOUT
6k
DGND
CLOAD = 50pF
CLOAD = 50pF
6k
DGND
+2.7V
b) High-Z to VOL and VOH to VOL
a) High-Z to VOH and VOL to VOH
Figure 1. Load Circuits for DOUT Enable Time
DOUT
DOUT
6k
DGND
CLOAD = 50pF
CLOAD = 50pF
6k
DGND
+2.7V
b) VOLto High-Z
a) VOH to High-Z
Figure 2. Load Circuits for DOUT Disable Time


Similar Part No. - MAX1241ACPA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1241ACPA++ MAXIM-MAX1241ACPA+ Datasheet
219Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 4; 6/10
More results

Similar Description - MAX1241ACPA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1240_101 MAXIM-MAX1240_101 Datasheet
219Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 4; 6/10
MAX1240 MAXIM-MAX1240 Datasheet
280Kb / 16P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
19-1155; Rev 2; 11/98
MAX1242 MAXIM-MAX1242 Datasheet
158Kb / 12P
   2.7V to %.25V, Low-Power, 10-Bit Serial ADCs in SO-8
19-1156; Rev 2; 6/98
MAX1242 MAXIM-MAX1242_V01 Datasheet
171Kb / 13P
   2.7V to 5.25V, Low-Power, 10-Bit Serial ADCs in SO-8
2012
MAX144 MAXIM-MAX144_05 Datasheet
969Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin μMAX
Rev 2; 10/05
MAX144 MAXIM-MAX144 Datasheet
240Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin 關MAX
Rev 0; 11/98
MAX1111CE MAXIM-MAX1111CE Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1110 MAXIM-MAX1110 Datasheet
284Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
19-1194; Rev 2; 10/98
MAX1110 MAXIM-MAX1110_11 Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX157 MAXIM-MAX157 Datasheet
238Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX
Rev 0; 11/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com