Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1240BEPA+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1240BEPA+
Description  2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1240BEPA+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1240BEPA+ Datasheet HTML 5Page - Maxim Integrated Products MAX1240BEPA+ Datasheet HTML 6Page - Maxim Integrated Products MAX1240BEPA+ Datasheet HTML 7Page - Maxim Integrated Products MAX1240BEPA+ Datasheet HTML 8Page - Maxim Integrated Products MAX1240BEPA+ Datasheet HTML 9Page - Maxim Integrated Products MAX1240BEPA+ Datasheet HTML 10Page - Maxim Integrated Products MAX1240BEPA+ Datasheet HTML 11Page - Maxim Integrated Products MAX1240BEPA+ Datasheet HTML 12Page - Maxim Integrated Products MAX1240BEPA+ Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
+2.7V, Low-Power,
12-Bit Serial ADCs in 8-Pin SO
_______________________________________________________________________________________
9
Higher source impedances can be used if a 0.01µF
capacitor is connected to the analog input. Note that
the input capacitor forms an RC filter with the input
source impedance, limiting the ADC’s input signal
bandwidth.
Input Bandwidth
The ADCs’ input tracking circuitry has a 2.25MHz small-
signal bandwidth, so it is possible to digitize high-
speed transient events and measure periodic signals
with bandwidths exceeding the ADC’s sampling rate by
using undersampling techniques. To avoid aliasing of
unwanted high-frequency signals into the frequency
band of interest, anti-alias filtering is recommended.
Analog Input Protection
Internal protection diodes, which clamp the analog
input to VDD and GND, allow the input to swing from
GND - 0.3V to VDD + 0.3V without damage. However,
for accurate conversions near full scale, the input must
not exceed VDD by more than 50mV, or be lower than
GND by 50mV.
If the analog input exceeds 50mV beyond the sup-
plies, limit the input current to 2mA.
Internal Reference (MAX1240)
The MAX1240 has an on-chip voltage reference
trimmed to 2.5V. The internal reference output is con-
nected to REF and also drives the internal capacitive
DAC. The output can be used as a reference voltage
source for other components and can source up to
400µA. Bypass REF with a 4.7µF capacitor. Larger
capacitors increase wake-up time when exiting shut-
down (see the section Using SHDN to Reduce Supply
Current). The internal reference is enabled by pulling the
SHDN pin high. Letting SHDN open disables the internal
reference, which allows the use of an external reference,
as described in the External Reference section.
External Reference
The MAX1240/MAX1241 operate with an external refer-
ence at the REF pin. To use the MAX1240 with an
external reference, disable the internal reference by let-
ting SHDN open. Stay within the +1.0V to VDD voltage
range to achieve specified accuracy. The minimum
input impedance is 18k
Ω for DC currents. During con-
version, the external reference must be able to deliver
up to 250µA of DC load current and have an output
impedance of 10
Ω or less. The recommended mini-
mum value for the bypass capacitor is 0.1µF. If the ref-
erence has higher output impedance or is noisy,
bypass it close to the REF pin with a 4.7µF capacitor.
____________________Serial Interface
Initialization after Power-Up and
Starting a Conversion
When power is first applied, and if SHDN is not pulled
low, it takes the fully discharged 4.7µF reference
bypass capacitor up to 20ms to provide adequate
charge for specified accuracy. With an external refer-
ence, the internal reset time is 10µs after the power
supplies have stabilized. No conversions should be
performed during these times.
To start a conversion, pull CS low. At CS’s falling edge,
the T/H enters its hold mode and a conversion is initiat-
COMPLETE CONVERSION SEQUENCE
tWAKE
POWERED UP
POWERED DOWN
POWERED UP
CONVERSION 0
CONVERSION 1
DOUT
CS
SHDN
Figure 5. Shutdown Sequence


Similar Part No. - MAX1240BEPA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1240BEPA++ MAXIM-MAX1240BEPA+ Datasheet
219Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 4; 6/10
More results

Similar Description - MAX1240BEPA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1240_101 MAXIM-MAX1240_101 Datasheet
219Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 4; 6/10
MAX1240 MAXIM-MAX1240 Datasheet
280Kb / 16P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
19-1155; Rev 2; 11/98
MAX1242 MAXIM-MAX1242 Datasheet
158Kb / 12P
   2.7V to %.25V, Low-Power, 10-Bit Serial ADCs in SO-8
19-1156; Rev 2; 6/98
MAX1242 MAXIM-MAX1242_V01 Datasheet
171Kb / 13P
   2.7V to 5.25V, Low-Power, 10-Bit Serial ADCs in SO-8
2012
MAX144 MAXIM-MAX144_05 Datasheet
969Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin μMAX
Rev 2; 10/05
MAX144 MAXIM-MAX144 Datasheet
240Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin 關MAX
Rev 0; 11/98
MAX1111CE MAXIM-MAX1111CE Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1110 MAXIM-MAX1110 Datasheet
284Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
19-1194; Rev 2; 10/98
MAX1110 MAXIM-MAX1110_11 Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX157 MAXIM-MAX157 Datasheet
238Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX
Rev 0; 11/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com