Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1241CCSA+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1241CCSA+
Description  2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1241CCSA+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1241CCSA+ Datasheet HTML 3Page - Maxim Integrated Products MAX1241CCSA+ Datasheet HTML 4Page - Maxim Integrated Products MAX1241CCSA+ Datasheet HTML 5Page - Maxim Integrated Products MAX1241CCSA+ Datasheet HTML 6Page - Maxim Integrated Products MAX1241CCSA+ Datasheet HTML 7Page - Maxim Integrated Products MAX1241CCSA+ Datasheet HTML 8Page - Maxim Integrated Products MAX1241CCSA+ Datasheet HTML 9Page - Maxim Integrated Products MAX1241CCSA+ Datasheet HTML 10Page - Maxim Integrated Products MAX1241CCSA+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
+2.7V, Low-Power,
12-Bit Serial ADCs in 8-Pin SO
_______________________________________________________________________________________
7
_______________________________________________________________________Pin Description
6
DOUT
Serial Data Output. Data changes state at SCLK’s falling edge. DOUT is high impedance when CS is
high.
8
SCLK
3
SHDN
Three-Level Shutdown Input. Pulling SHDN low shuts the MAX1240/MAX1241 down to 15µA (max)
supply current. Both the MAX1240 and MAX1241 are fully operational with either SHDN high or
unconnected. For the MAX1240, pulling SHDN high enables the internal reference, and letting SHDN
open disables the internal reference and allows for the use of an external reference.
4
REF
Reference Voltage for Analog-to-Digital Conversion. Internal 2.5V reference output for MAX1240;
bypass with 4.7µF capacitor. External reference voltage input for MAX1241, or for MAX1240 with the
internal reference disabled. Bypass REF with a minimum of 0.1µF when using an external reference.
7
CS
Active-Low Chip Select initiates conversions on the falling edge. When CS is high, DOUT is high
impedance.
5
GND
Analog and Digital Ground
2
AIN
Sampling Analog Input, 0V to VREF range
NAME
FUNCTION
1
VDD
Positive Supply Voltage: 2.7V to 3.6V, (MAX1240); 2.7 to 5.25V (MAX1241)
PIN
Serial Clock Input. SCLK clocks data out at rates up to 2.1MHz.
0.6
INTEGRAL NONLINEARITY
vs. CODE
-0.6
0
-0.2
-0.4
0.4
0.2
CODE
1024
2048
3072
4096
0
20
-140
0
37.50
FFT PLOT
-120
0
-80
-100
-40
-20
-60
18.75
FREQUENCY (kHz)
fAIN = 10kHz, 2.5Vp-p
fSAMPLE = 73ksps
____________________________Typical Operating Characteristics (continued)
(VDD = 3.0V, REF = 2.5V, fSCLK = 2.1MHz, CL = 20pF, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX1241CCSA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1241CCSA++ MAXIM-MAX1241CCSA+ Datasheet
219Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 4; 6/10
More results

Similar Description - MAX1241CCSA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1240_101 MAXIM-MAX1240_101 Datasheet
219Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 4; 6/10
MAX1240 MAXIM-MAX1240 Datasheet
280Kb / 16P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
19-1155; Rev 2; 11/98
MAX1242 MAXIM-MAX1242 Datasheet
158Kb / 12P
   2.7V to %.25V, Low-Power, 10-Bit Serial ADCs in SO-8
19-1156; Rev 2; 6/98
MAX1242 MAXIM-MAX1242_V01 Datasheet
171Kb / 13P
   2.7V to 5.25V, Low-Power, 10-Bit Serial ADCs in SO-8
2012
MAX144 MAXIM-MAX144_05 Datasheet
969Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin μMAX
Rev 2; 10/05
MAX144 MAXIM-MAX144 Datasheet
240Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin 關MAX
Rev 0; 11/98
MAX1111CE MAXIM-MAX1111CE Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1110 MAXIM-MAX1110 Datasheet
284Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
19-1194; Rev 2; 10/98
MAX1110 MAXIM-MAX1110_11 Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX157 MAXIM-MAX157 Datasheet
238Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX
Rev 0; 11/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com