Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1241CEPA+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1241CEPA+
Description  2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1241CEPA+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1241CEPA+ Datasheet HTML 1Page - Maxim Integrated Products MAX1241CEPA+ Datasheet HTML 2Page - Maxim Integrated Products MAX1241CEPA+ Datasheet HTML 3Page - Maxim Integrated Products MAX1241CEPA+ Datasheet HTML 4Page - Maxim Integrated Products MAX1241CEPA+ Datasheet HTML 5Page - Maxim Integrated Products MAX1241CEPA+ Datasheet HTML 6Page - Maxim Integrated Products MAX1241CEPA+ Datasheet HTML 7Page - Maxim Integrated Products MAX1241CEPA+ Datasheet HTML 8Page - Maxim Integrated Products MAX1241CEPA+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
+2.7V, Low-Power,
12-Bit Serial ADCs in 8-Pin SO
2
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS
(VDD = +2.7V to +3.6V (MAX1240); VDD = +2.7V to +5.25V (MAX1241); 73ksps, fSCLK = 2.1MHz (50% duty cycle); MAX1240—4.7µF
capacitor at REF pin, MAX1241—external reference; VREF = 2.500V applied to REF pin; TA = TMIN to TMAX; unless otherwise noted.)
VDD to GND .............................................................-0.3V to +6V
AIN to GND................................................-0.3V to (VDD + 0.3V)
REF to GND ...............................................-0.3V to (VDD + 0.3V)
Digital Inputs to GND...............................................-0.3V to +6V
DOUT to GND............................................-0.3V to (VDD + 0.3V)
DOUT Current ..................................................................±25mA
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 9.09mW/°C above +70°C) ...........727mW
SO (derate 5.88mW/°C above +70°C)........................471mW
CERDIP (derate 8.00mW/°C above +70°C)................640mW
Operating Temperature Ranges
MAX1240_C_A/MAX1241_C_A .........................0°C to +70°C
MAX1240_E_ A/MAX1241_E_ A .....................-40°C to +85°C
MAX1240_MJA/MAX1241_MJA ...................-55°C to +125°C
Storage Temperature Range............................-60°C to +150°C
Lead Temperature (soldering, 10s) ................................+300°C
Soldering Temperature (reflow)
PDIP, SO .....................................................................+260°C
CDIP ...........................................................................+250°C
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
71.5
MAX124_C
Input Voltage Range
0VREF
V
Input Capacitance
Aperture Jitter
<50
ps
16
pF
MAX124_A
MAX124_B/C
Aperture Delay
tAPR
30
ns
Figure 8
Track/Hold Acquisition Time
tACQ
1.5
µs
Throughput Rate
73
ksps
fSCLK = 2.1MHz
Conversion Time
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
±0.5
±3.0
Offset Error
LSB
Differential Nonlinearity
DNL
±1
LSB
±1.0
Gain Temperature Coefficient
±0.5
±4.0
Gain Error (Note 3)
LSB
±0.5
±4.0
Resolution
12
Bits
Relative Accuracy (Note 2)
INL
±0.5
LSB
tCONV
5.5
7.5
µs
Small-Signal Bandwidth
Signal-to-Noise Plus
Distortion Ratio
SINAD
70
dB
2.25
MHz
Full-Power Bandwidth
Total Harmonic Distortion
THD
-80
dB
1.0
-3dB rolloff
MHz
CONDITIONS
Spurious-Free Dynamic Range
ppm/°C
No missing codes over temperature
MAX124_B/C
±0.25
SFDR
MAX124_A/B
80
Up to the 5th harmonic
dB
MAX124_A/B
MAX124_A
MAX124_A/B
MAX124_C
-88
MAX124_C
88
ANALOG INPUT
CONVERSION RATE
DYNAMIC SPECIFICATIONS (10kHz sine-wave input, 0V to 2.500Vp-p, 73ksps, fSCLK = 2.1MHz)
DC ACCURACY (Note 1)


Similar Part No. - MAX1241CEPA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1241CEPA++ MAXIM-MAX1241CEPA+ Datasheet
219Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 4; 6/10
More results

Similar Description - MAX1241CEPA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1240_101 MAXIM-MAX1240_101 Datasheet
219Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 4; 6/10
MAX1240 MAXIM-MAX1240 Datasheet
280Kb / 16P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
19-1155; Rev 2; 11/98
MAX1242 MAXIM-MAX1242 Datasheet
158Kb / 12P
   2.7V to %.25V, Low-Power, 10-Bit Serial ADCs in SO-8
19-1156; Rev 2; 6/98
MAX1242 MAXIM-MAX1242_V01 Datasheet
171Kb / 13P
   2.7V to 5.25V, Low-Power, 10-Bit Serial ADCs in SO-8
2012
MAX144 MAXIM-MAX144_05 Datasheet
969Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin μMAX
Rev 2; 10/05
MAX144 MAXIM-MAX144 Datasheet
240Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin 關MAX
Rev 0; 11/98
MAX1111CE MAXIM-MAX1111CE Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1110 MAXIM-MAX1110 Datasheet
284Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
19-1194; Rev 2; 10/98
MAX1110 MAXIM-MAX1110_11 Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX157 MAXIM-MAX157 Datasheet
238Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX
Rev 0; 11/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com