Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2036CCQ+TD Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX2036CCQ+TD
Description  Ultrasound VGA Integrated with CW Octal Mixer
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2036CCQ+TD Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX2036CCQ+TD Datasheet HTML 1Page - Maxim Integrated Products MAX2036CCQ+TD Datasheet HTML 2Page - Maxim Integrated Products MAX2036CCQ+TD Datasheet HTML 3Page - Maxim Integrated Products MAX2036CCQ+TD Datasheet HTML 4Page - Maxim Integrated Products MAX2036CCQ+TD Datasheet HTML 5Page - Maxim Integrated Products MAX2036CCQ+TD Datasheet HTML 6Page - Maxim Integrated Products MAX2036CCQ+TD Datasheet HTML 7Page - Maxim Integrated Products MAX2036CCQ+TD Datasheet HTML 8Page - Maxim Integrated Products MAX2036CCQ+TD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Ultrasound VGA Integrated
with CW Octal Mixer
_______________________________________________________________________________________
5
AC ELECTRICAL CHARACTERISTICS—CW MIXER MODE (continued)
(Figure 7, VCC = VREF = 4.75V to 5.25V, TA = 0°C to +70°C, VGND = 0V, LOW_PWR = 0, M4_EN = 0, CW_FILTER = 1, TEST_MODE =
0, PD = 0, CW_VG = 0, CW_M1 = 0, CW_M2 = 0, VG_CLAMP_MODE = 1, fRF = fLO/16 = 5MHz, capacitance to GND at each of the
VGA differential outputs is 60pF, differential capacitance across the VGA outputs is 10pF, RL = 1kΩ, CW mixer outputs pulled up to
+11V through four separate ±0.1% 115Ω resistors, differential mixer inputs are driven from a low-impedance source. Typical values
are at VCC = VREF = 5V, TA = +25°C, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Maximum Output Voltage at
Clamp ON
VG_CLAMP_MODE = 0,
VG_CTL set for +20dB of gain,
350mVP-P differential input
2.2
VP-P
differential
Maximum Output Voltage at
Clamp OFF
VG_CLAMP_MODE = 1,
VG_CTL set for +20dB of gain,
350mVP-P differential input
3.4
VP-P
differential
CW MIXER MODE
Mixer RF Frequency Range
0.9
7.6
MHz
Mixer LO Frequency Range
1
7.5
MHz
Mixer IF Frequency Range
100
kHz
Maximum Input Voltage Range
1.8
VP-P
differential
CW_FILTER = 0
633
Differential Input Resistance
CW_FILTER = 1
1440
Ω
Mode 3, fRF = fLO/4 = 1.25MHz, measured at a
1kHz offset frequency; clutter tone at 0.9VP-P
differential measured at the mixer input
6
Input-Referred Noise Voltage
Mode 3, RF terminated into 50
Ω;
fLO/4 = 1.25MHz, measured at 1kHz offset
4.6
nV/√Hz
Third-Order Intermodulation
Distortion
IMD3
Mode 1, fRF1 = 5MHz at 0.9VP-P differential
input, Doppler tone fRF2 = 5.01MHz at 25dBc
from clutter tone, fLO/16 = 5MHz (Note 10)
-50
dBc
Mixer Output Voltage Compliance
(Note 11)
4.75
12.00
V
Channel-to-Channel Phase
Matching
Measured under zero beat conditions,
fRF = 5MHz, fLO/16 = 5MHz (Note 12)
±3
Degrees
Channel-to-Channel Gain
Matching
Measured under zero beat conditions,
fRF = 5MHz, fLO/16 = 5MHz (Note 12)
±2
dB
CW_FILTER = 1
fRF = 1.1MHz at 1VP-P
differential,
fLO/16 = 1MHz
2.8
Transconductance
(Note 13)
CW_FILTER = 0
(low LPF cutoff
frequency)
fRF = 1.1MHz at 1VP-P
differential,
fLO/16 = 1MHz
2.8
mS


Similar Part No. - MAX2036CCQ+TD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2036CCQ+TD MAXIM-MAX2036CCQ+TD Datasheet
303Kb / 23P
   Ultrasound VGA Integrated with CW Octal Mixer
Rev 0; 1/09
More results

Similar Description - MAX2036CCQ+TD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2038 MAXIM-MAX2038_V01 Datasheet
331Kb / 24P
   Ultrasound VGA Integrated with CW Octal Mixer
19-4375; Rev 1; 5/10
MAX2036 MAXIM-MAX2036 Datasheet
303Kb / 23P
   Ultrasound VGA Integrated with CW Octal Mixer
Rev 0; 1/09
MAX2038 MAXIM-MAX2038 Datasheet
326Kb / 23P
   Ultrasound VGA Integrated with CW Octal Mixer
Rev 0; 1/09
MAX2078 MAXIM-MAX2078 Datasheet
428Kb / 25P
   Octal-Channel Ultrasound Front-End with CW Doppler Mixers
Rev 0; 6/09
logo
Texas Instruments
AFE5809 TI1-AFE5809_14 Datasheet
1Mb / 100P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End With Passive CW Mixer, andD igital I/Q Demodulator
logo
Analog Devices
AD9675 AD-AD9675 Datasheet
80Kb / 2P
   Octal Ultrasound AFE with JESD204B
Rev. PrB
AD9675 AD-AD9675_17 Datasheet
842Kb / 61P
   Octal Ultrasound AFE with JESD204B
logo
Maxim Integrated Produc...
MAX2079 MAXIM-MAX2079 Datasheet
3Mb / 49P
   Low-Power, High-Performance, Fully Integrated Octal Ultrasound Receiver (Octal LNA, VGA, AAF, ADC, and CWD Beamformer)
19-5901; Rev 1; 10/12
logo
Texas Instruments
VCA5807 TI-VCA5807 Datasheet
1Mb / 64P
[Old version datasheet]   Fully Integrated, 8-Channel Voltage Controlled Amplifier for Ultrasound with Passive CW Mixer, 0.75 nV/rtHz, 99 mW/CH
logo
Analog Devices
AD9670 AD-AD9670_17 Datasheet
828Kb / 53P
   Octal Ultrasound AFE with Digital Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com