Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3946ETG+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX3946ETG+
Description  1.0625Gbps to 11.3Gbps, SFP Laser Driver with Laser Impedance Mismatch Tolerance
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3946ETG+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX3946ETG+ Datasheet HTML 7Page - Maxim Integrated Products MAX3946ETG+ Datasheet HTML 8Page - Maxim Integrated Products MAX3946ETG+ Datasheet HTML 9Page - Maxim Integrated Products MAX3946ETG+ Datasheet HTML 10Page - Maxim Integrated Products MAX3946ETG+ Datasheet HTML 11Page - Maxim Integrated Products MAX3946ETG+ Datasheet HTML 12Page - Maxim Integrated Products MAX3946ETG+ Datasheet HTML 13Page - Maxim Integrated Products MAX3946ETG+ Datasheet HTML 14Page - Maxim Integrated Products MAX3946ETG+ Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
______________________________________________________________________________________ 11
1.0625Gbps to 11.3Gbps, SFP+ Laser Driver
with Laser Impedance Mismatch Tolerance
Pin Description (continued)
Figure 2. Functional Diagram
EYE SAFETY AND
OUTPUT CONTROL
TOUT+
VCCT
TOUT-
BIAS
BMON
TX_EN
TX_POL
50I
50I
FAULT
TIN+
TIN-
SDA
SCL
CSEL
DISABLE
BMAX
LASER BIAS
CURRENT LIMITER
POWER-ON RESET
VCCD
7.5kI
VCCD
VCM
75kI
1
0
PW
CONTROL
25I
25I
EQ
IMOD_DAC + IDE_DAC
IBIAS
VCC
IBIAS
100
3-WIRE
INTERFACE
REGISTER
CONTROL
LOGIC
SET_TXEQ
SET_PWCTRL
75kI
75kI
9b DAC SET_IMOD
6b DAC SET_TXDE
9b DAC SET_IBIAS
MAX3946
PIN
NAME
FUNCTION
18
SCL
Serial-Clock Input, CMOS. This pin has 75kI internal pulldown.
19, 24
VEET
Ground
20, 23
VCC
Power-Supply Connections. Provides supply voltage to the core circuitry.
21
TIN+
Noninverted Data Input
22
TIN-
Inverted Data Input
EP
Exposed Pad. Ground. Must be soldered to circuit board ground for proper thermal and electrical
performance (see the Exposed-Pad Package and Thermal Considerations section).


Similar Part No. - MAX3946ETG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3946ETG MAXIM-MAX3946ETG Datasheet
2Mb / 29P
   1Gbps to 11.3Gbps, SFP Laser Driver with Laser Impedance Mismatch Tolerance
Rev 1; 5/11
More results

Similar Description - MAX3946ETG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3946 MAXIM-MAX3946_11 Datasheet
2Mb / 29P
   1Gbps to 11.3Gbps, SFP Laser Driver with Laser Impedance Mismatch Tolerance
Rev 1; 5/11
logo
Micrel Semiconductor
SY88022L MICREL-SY88022L Datasheet
361Kb / 10P
   11.3Gbps Laser Diode Driver
SY88022AL MICREL-SY88022AL Datasheet
493Kb / 12P
   11.3Gbps Laser Diode Driver
logo
Maxim Integrated Produc...
MAX3945ETE MAXIM-MAX3945ETE Datasheet
2Mb / 24P
   1.0625Gbps to 11.3Gbps, SFP Dual-Path Limiting Amplifier
Rev 0; 2/10
MAX3949 MAXIM-MAX3949 Datasheet
2Mb / 38P
   11.3Gbps, Low-Power, AC-Coupled Laser Driver
Rev 1; 4/14
MAX3948 MAXIM-MAX3948_V01 Datasheet
2Mb / 37P
   11.3Gbps, Low-Power, DC-Coupled Laser Driver
2012
MAX3948 MAXIM-MAX3948 Datasheet
3Mb / 37P
   11.3Gbps, Low-Power, DC-Coupled Laser Driver
Rev 0; 6/11
MAX3735A MAXIM-MAX3735A Datasheet
1Mb / 18P
   2.7Gbps, Low-Power SFP Laser Driver
2013
MAX3646 MAXIM-MAX3646 Datasheet
832Kb / 14P
   155Mbps to 622Mbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 1; 7/04
MAX3738 MAXIM-MAX3738_11 Datasheet
441Kb / 16P
   155Mbps to 4.25Gbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 3; 6/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com