Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15038 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX15038
Description  4A, 2MHz Step-Down Regulator with Integrated Switches
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15038 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX15038_09 Datasheet HTML 1Page - Maxim Integrated Products MAX15038_09 Datasheet HTML 2Page - Maxim Integrated Products MAX15038_09 Datasheet HTML 3Page - Maxim Integrated Products MAX15038_09 Datasheet HTML 4Page - Maxim Integrated Products MAX15038_09 Datasheet HTML 5Page - Maxim Integrated Products MAX15038_09 Datasheet HTML 6Page - Maxim Integrated Products MAX15038_09 Datasheet HTML 7Page - Maxim Integrated Products MAX15038_09 Datasheet HTML 8Page - Maxim Integrated Products MAX15038_09 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
4A, 2MHz Step-Down Regulator
with Integrated Switches
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = VEN = 5V, CVDD = 2.2µF, TA = TJ = -40°C to +85°C, typical values are at TA = +25°C, circuit of Figure 1, unless otherwise
noted.) (Note 3)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN, PWRGD to GND..................................................-0.3V to +6V
VDD to GND..................-0.3V to the lower of +4V or (VIN + 0.3V)
COMP, FB, MODE, REFIN, CTL1, CTL2, SS,
FREQ to GND ..........................................-0.3V to (VDD + 0.3V)
OUT, EN to GND ......................................................-0.3V to +6V
BST to LX..................................................................-0.3V to +6V
BST to GND ............................................................-0.3V to +12V
PGND to GND .......................................................-0.3V to +0.3V
LX to PGND ..................-0.3V to the lower of +6V or (VIN + 0.3V)
LX to PGND ..........-1V to the lower of +6V or (VIN + 1V) for 50ns
ILX(RMS) (Note 1) ......................................................................4A
VDD Output Short-Circuit Duration .............................Continuous
Converter Output Short-Circuit Duration ....................Continuous
Continuous Power Dissipation (TA = +70°C)
24-Pin TQFN (derate 27.8mW/°C above +70°C) ........2222mW
Thermal Resistance (Note 2)
θJA.................................................................................36°C/W
θJC ..................................................................................6°C/W
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Note 1: LX has internal clamp diodes to PGND and IN. Applications that forward bias these diodes should take care not to exceed
the IC’s package power dissipation limits.
Note 2: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IN
IN Voltage Range
2.9
5.5
V
VIN = 3.3V
4.7
8
IN Supply Current
fS = 1MHz, no load
VIN = 5V
5
8.5
mA
VIN = 5V, VEN = 0V
10
20
Total Shutdown Current from IN
VIN = VDD = 3.3V, VEN = 0V
45
µA
3.3V LDO (VDD)
VDD rising
2.6
2.8
VDD falling
2.35
2.55
V
VDD Undervoltage Lockout
Threshold
LX starts/stops switching
Minimum glitch-width
rejection
10
µs
VDD Output Voltage
VIN = 5V, IVDD = 0 to 10mA
3.1
3.3
3.5
V
VDD Dropout
VIN = 2.9V, IVDD = 10mA
0.08
V
VDD Current Limit
VIN = 5V, VDD = 0V
25
40
mA
BST
BST Supply Current
VBST = VIN = 5V, VLX = 0 or 5V, VEN = 0V
0.025
µA
PWM COMPARATOR
PWM Comparator Propagation
Delay
10mV overdrive
20
ns
PWM Peak-to-Peak Ramp
Amplitude
1V
PWM Valley Amplitude
0.8
V


Similar Part No. - MAX15038_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15038ETG++ MAXIM-MAX15038ETG+ Datasheet
357Kb / 18P
   4A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 10/08
MAX15038ETG++ MAXIM-MAX15038ETG+ Datasheet
455Kb / 19P
   4A, 2MHz Step-Down Regulator with Integrated Switches
2010
MAX15038EVKIT MAXIM-MAX15038EVKIT Datasheet
234Kb / 8P
   Operates from 2.9V to 5.5V Input Supply
Rev 1; 5/10
MAX15038EVKIT++ MAXIM-MAX15038EVKIT+ Datasheet
234Kb / 8P
   Operates from 2.9V to 5.5V Input Supply
Rev 1; 5/10
MAX15038 MAXIM-MAX15038_V01 Datasheet
455Kb / 19P
   4A, 2MHz Step-Down Regulator with Integrated Switches
2010
More results

Similar Description - MAX15038_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15038 MAXIM-MAX15038_V01 Datasheet
455Kb / 19P
   4A, 2MHz Step-Down Regulator with Integrated Switches
2010
MAX15038 MAXIM-MAX15038 Datasheet
357Kb / 18P
   4A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 10/08
MAX15039 MAXIM-MAX15039 Datasheet
441Kb / 18P
   6A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 10/08
MAX8643 MAXIM-MAX8643 Datasheet
300Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 3/07
MAX8646 MAXIM-MAX8646 Datasheet
363Kb / 16P
   6A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 10/07
MAX8643_0709 MAXIM-MAX8643_0709 Datasheet
351Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 3; 9/07
MAX8643A MAXIM-MAX8643A Datasheet
303Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 3/07
MAX8643A_0709 MAXIM-MAX8643A_0709 Datasheet
321Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 1; 9/07
MAX15039 MAXIM-MAX15039_09 Datasheet
369Kb / 19P
   6A, 2MHz Step-Down Regulator with Integrated Switches
Rev 1; 12/09
MAX8643A MAXIM-MAX8643A_09 Datasheet
324Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com