Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15039 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX15039
Description  6A, 2MHz Step-Down Regulator with Integrated Switches
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15039 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX15039_09 Datasheet HTML 4Page - Maxim Integrated Products MAX15039_09 Datasheet HTML 5Page - Maxim Integrated Products MAX15039_09 Datasheet HTML 6Page - Maxim Integrated Products MAX15039_09 Datasheet HTML 7Page - Maxim Integrated Products MAX15039_09 Datasheet HTML 8Page - Maxim Integrated Products MAX15039_09 Datasheet HTML 9Page - Maxim Integrated Products MAX15039_09 Datasheet HTML 10Page - Maxim Integrated Products MAX15039_09 Datasheet HTML 11Page - Maxim Integrated Products MAX15039_09 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
6A, 2MHz Step-Down Regulator
with Integrated Switches
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(Typical values are VIN = VEN = 5V, VOUT = 1.8V, RFREQ = 49.9kΩ, IOUT = 6A, TA = +25°C, circuit of Figure 1, unless otherwise noted.)
STARTING INTO PREBIASED OUTPUT
(MODE = VDD, VOUT = 2.5V, NO LOAD)
MAX15039 toc20
200
µs/div
VEN
2V/div
VOUT
1V/div
VPWRGD
2V/div
0V
0V
0V
STARTING INTO PREBIASED OUTPUT
(MODE = VDD/2, VOUT = 2.5V, NO LOAD)
MAX15039 toc21
200
µs/div
VEN
2V/div
VOUT
1V/div
VPWRGD
2V/div
0V
0V
0V
STARTING INTO PREBIASED OUTPUT
ABOVE NOMINAL SET POINT (VOUT = 1.5V)
MAX15039 toc22
1ms/div
VEN
2V/div
VOUT
1V/div
VPWRGD
2V/div
0V
0V
0V
VMODE = VDD,
NO LOAD
STARTING INTO PREBIASED ABOVE
NOMINAL SET POINT (VOUT = 1.5V)
MAX15039 toc23
1ms/div
VEN
2V/div
VOUT
1V/div
VPWRGD
2V/div
0V
0V
0V
VOUT = 1.5V,
VMODE = VDD/2,
NO LOAD
TRANSITION FROM SKIP MODE
TO FORCED PWM MODE
MAX15039 toc24
2ms/div
VMODE
5V/div
VLX
5V/div
VOUT
0.5V/div
0V
NO LOAD
TRANSITION FROM FORCED PWM
TO SKIP MODE
MAX15039 toc25
4ms/div
VMODE
5V/div
VLX
5V/div
VOUT
0.5V/div
0V
NO LOAD


Similar Part No. - MAX15039_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15039ETG MAXIM-MAX15039ETG Datasheet
423Kb / 19P
   6A, 2MHz Step-Down Regulator with Integrated Switches Open-Drain, Power-Good Output
Rev 3; 12/10
MAX15039ETG++ MAXIM-MAX15039ETG+ Datasheet
441Kb / 18P
   6A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 10/08
MAX15039EVKIT MAXIM-MAX15039EVKIT Datasheet
241Kb / 11P
   500kHz to 2MHz Adjustable Frequency
Rev 1; 5/10
MAX15039EVKIT++ MAXIM-MAX15039EVKIT+ Datasheet
241Kb / 11P
   500kHz to 2MHz Adjustable Frequency
Rev 1; 5/10
MAX15039 MAXIM-MAX15039_11 Datasheet
423Kb / 19P
   6A, 2MHz Step-Down Regulator with Integrated Switches Open-Drain, Power-Good Output
Rev 3; 12/10
More results

Similar Description - MAX15039_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15039 MAXIM-MAX15039 Datasheet
441Kb / 18P
   6A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 10/08
MAX8646 MAXIM-MAX8646 Datasheet
363Kb / 16P
   6A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 10/07
MAX8643 MAXIM-MAX8643 Datasheet
300Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 3/07
MAX8643_0709 MAXIM-MAX8643_0709 Datasheet
351Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 3; 9/07
MAX15038 MAXIM-MAX15038 Datasheet
357Kb / 18P
   4A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 10/08
MAX8643A MAXIM-MAX8643A Datasheet
303Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 3/07
MAX8643A_0709 MAXIM-MAX8643A_0709 Datasheet
321Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 1; 9/07
MAX15038 MAXIM-MAX15038_09 Datasheet
365Kb / 19P
   4A, 2MHz Step-Down Regulator with Integrated Switches
Rev 1; 12/09
MAX8643A MAXIM-MAX8643A_09 Datasheet
324Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 10/09
MAX15038 MAXIM-MAX15038_V01 Datasheet
455Kb / 19P
   4A, 2MHz Step-Down Regulator with Integrated Switches
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com