Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16822AASA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX16822AASA
Description  2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16822AASA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX16822AASA Datasheet HTML 2Page - Maxim Integrated Products MAX16822AASA Datasheet HTML 3Page - Maxim Integrated Products MAX16822AASA Datasheet HTML 4Page - Maxim Integrated Products MAX16822AASA Datasheet HTML 5Page - Maxim Integrated Products MAX16822AASA Datasheet HTML 6Page - Maxim Integrated Products MAX16822AASA Datasheet HTML 7Page - Maxim Integrated Products MAX16822AASA Datasheet HTML 8Page - Maxim Integrated Products MAX16822AASA Datasheet HTML 9Page - Maxim Integrated Products MAX16822AASA Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Undervoltage Lockout (UVLO)
The MAX16822A/MAX16822B include UVLO with
500mV hysteresis. The internal MOSFET turns off when
VIN falls below 5.5V to 6.0V.
DIM Input
LED dimming is achieved by applying a PWM signal at
DIM. A logic level below 0.6V at DIM forces the
MAX16822A/MAX16822B’s output low, thus turning off
the LED current. To turn the LED current on, the logic
level at DIM must be greater than 2.8V.
Thermal Shutdown
The MAX16822A/MAX16822B thermal-shutdown fea-
ture turns off the LX driver when the junction tempera-
ture exceeds +165°C. The LX driver turns back on
when the junction temperature drops 10°C below the
shutdown-temperature threshold.
Analog Dimming
The MAX16822A/MAX16822B offer an analog dimming
feature that reduces the output current when the volt-
age at TEMP_I is below the internal 2V threshold volt-
age. The MAX16822A/MAX16822B achieve analog
dimming by either an external DC voltage source con-
nected between TEMP_I and ground or by a voltage on
a resistor connected across TEMP_I and ground
induced by an internal current source of 25µA. When
the voltage at TEMP_I is below the internal 2V threshold
limit, the MAX16822A/MAX16822B reduce the LED cur-
rent. Use the following formula to set the analog dim-
ming current.
where VTFB_ON = 2V and FBSLOPE = 0.75 are obtained
from the
Electrical Characteristics table and VAD is the
voltage at TEMP_I.
Thermal Foldback
The MAX16822A/MAX16822B also include a thermal-
foldback feature that reduces the output current when
the temperature of the LED string exceeds a specified
temperature point. These devices enter thermal-fold-
back mode when the voltage drop on the NTC thermis-
tor, thermally attached to the LEDs and electrically
connected between TEMP_I and ground, drops below
the internal 2V threshold limit.
Applications Information
Selecting RSENSE to Set LED Current
The LED current is programmed with a current-sense
resistor connected between IN and CS. Use the equa-
tion below to calculate the value of this resistor:
where VSNSHI is the sense voltage threshold high and
VSNSLO is sense voltage threshold low (see the
Electrical Characteristics table for values).
Current-Regulator Operation
The MAX16822A/MAX16822B regulate the LED current
using a comparator with hysteresis (see Figure 2). As
the current through the inductor ramps up and the volt-
age across the sense resistor reaches the upper
threshold, the internal MOSFET turns off. The internal
MOSFET turns on again when the inductor current
ramps down through the freewheeling diode until the
voltage across the sense resistor equals the lower
threshold. Use the following equation to determine the
operating frequency:
where n is the number of LEDs, VLED is the forward
voltage drop of 1 LED, and
ΔV = (VSNSHI - VSNSLO).
Inductor Selection
The MAX16822A/MAX16822B operate up to a switching
frequency of 2MHz. For space-sensitive applications,
the high switching frequency allows the size of the
inductor to be reduced. Use the following formula to
calculate an approximate inductor value and use the
closest standard value:
For component selection, use the MAX16822A/B Design
Tool available at:www.maxim-ic.com/MAX16822-
software.
L approx
VnV
nV
R
VV
f
IN
LED
LED
SENSE
IN
(.)
()
=
××
××
Δ
S
SW
f
VnV
nV
R
VV
L
SW
IN
LED
LED
SENSE
IN
=
××
××
()
Δ
R
VV
V
IA
SENSE
SNSHI
SNSLO
LED
()
()( )
()
Ω=
+
1
2
IA
I
A
FB
V
VV
TF
LED
SLOPE
TFB ON
A
()
()
_
⎝⎜
⎠⎟
×
−−
1
1
D
D
V
()
()
2MHz, High-Brightness LED Drivers with
Integrated MOSFET and High-Side Current Sense
_______________________________________________________________________________________
7


Similar Part No. - MAX16822AASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16822AASA++ MAXIM-MAX16822AASA+ Datasheet
226Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 2; 5/09
MAX16822AASA++ MAXIM-MAX16822AASA+ Datasheet
222Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 4; 2/15
MAX16822AASA/V++ MAXIM-MAX16822AASA/V+ Datasheet
222Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 4; 2/15
More results

Similar Description - MAX16822AASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16832A MAXIM-MAX16832A_10 Datasheet
238Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 3; 2/10
MAX16832A MAXIM-MAX16832A_15 Datasheet
265Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 7; 2/15
MAX16822A MAXIM-MAX16822A Datasheet
226Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 2; 5/09
MAX16832CASA-T MAXIM-MAX16832CASA-T Datasheet
253Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 6; 7/12
MAX16822 MAXIM-MAX16822 Datasheet
222Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 4; 2/15
MAX16832A MAXIM-MAX16832A_12 Datasheet
259Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 5; 3/12
MAX16832A MAXIM-MAX16832A Datasheet
142Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 2; 5/09
MAX16832A MAXIM-MAX16832A_V01 Datasheet
267Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
2015
MAX16819 MAXIM-MAX16819 Datasheet
216Kb / 10P
   2MHz High-Brightness LED Drivers with High-Side Current Sense and 5000:1 Dimming
Rev 0; 12/06
MAX16819ATT MAXIM-MAX16819ATT Datasheet
220Kb / 10P
   2MHz High-Brightness LED Drivers with High-Side Current Sense and 5000:1 Dimming
Rev 1; 3/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com