Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16814UUP+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX16814UUP+
Description  Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16814UUP+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX16814UUP+ Datasheet HTML 6Page - Maxim Integrated Products MAX16814UUP+ Datasheet HTML 7Page - Maxim Integrated Products MAX16814UUP+ Datasheet HTML 8Page - Maxim Integrated Products MAX16814UUP+ Datasheet HTML 9Page - Maxim Integrated Products MAX16814UUP+ Datasheet HTML 10Page - Maxim Integrated Products MAX16814UUP+ Datasheet HTML 11Page - Maxim Integrated Products MAX16814UUP+ Datasheet HTML 12Page - Maxim Integrated Products MAX16814UUP+ Datasheet HTML 13Page - Maxim Integrated Products MAX16814UUP+ Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Integrated, 4-Channel, High-Brightness LED Driver
with High-Voltage Boost and SEPIC Controller
10 _____________________________________________________________________________________
Figure 1. Simplified Functional Diagram
FAULT FLAG
LOGIC
TSHDN
(
= 50FA x fsw)
0.425V
OVP
COMP
ILIM
MAX16814
CS BLANKING
TSHDN
TSHDN
PWM
LOGIC
DRV
CLK
1.8V
NDRV
PGND
RT
CS
THERMAL
SHUTDOWN
SOFT-START
100ms
BANDGAP
VREF
SS_REF
SS_DONE
UVLO
UVLO
5V LDO
REGULATOR
SLOPE
COMPENSATION
RAMP/RT OSC
LOGIC
(REF/FB
SELECTOR)
SHORT LED
DETECTOR
RSDT
FLT
POKD
VREF
LEDGND
OUT_
DIM
OPEN-LED
DETECTOR
LOGIC
MIN STRING
VOLTAGE
UNUSED
STRING
DETECTOR
SHDN
SHDN
SHDN
TSHDN
COMP
IN
VCC
EN
FB
POKD
POK
VBG = 1.235V
VBG
VBG
SGND
SETI
OVP
SHDN
REF
gM
R
P
SGND
di
dt
1.23V


Similar Part No. - MAX16814UUP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16814UUP++ MAXIM-MAX16814UUP+ Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 2; 11/09
MAX16814UUP++ MAXIM-MAX16814UUP+ Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 7; 1/13
MAX16814UUP++ MAXIM-MAX16814UUP+ Datasheet
1Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 10; 2/15
More results

Similar Description - MAX16814UUP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16814 MAXIM-MAX16814_15 Datasheet
1Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 10; 2/15
MAX16814 MAXIM-MAX16814 Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 2; 11/09
MAX16814 MAXIM-MAX16814_11 Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 5; 3/11
MAX16814 MAXIM-MAX16814_13 Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 7; 1/13
MAX16813B MAXIM-MAX16813B Datasheet
1Mb / 27P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller and Battery Disconnect
Rev 1; 1/18
MAX16813 MAXIM-MAX16813 Datasheet
1Mb / 27P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller and Battery Disconnect
Rev 4; 3/16
logo
Global Mixed-mode Techn...
G5994 GMT-G5994 Datasheet
42Kb / 1P
   4-Channels HB-LED Driver with High Voltage DC-DC Controller
logo
Shenzhen Huazhimei Semi...
HM9806 HMSEMI-HM9806 Datasheet
472Kb / 6P
   Low-voltage high-brightness LED driver chip (DC-DC)
HM9808 HMSEMI-HM9808 Datasheet
660Kb / 6P
   Low-voltage high-brightness LED driver chip (DC-DC)
logo
Maxim Integrated Produc...
MAX16838B MAXIM-MAX16838B Datasheet
907Kb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 2; 3/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com