Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16822AAV+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX16822AAV+
Description  2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16822AAV+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX16822AAV+ Datasheet HTML 1Page - Maxim Integrated Products MAX16822AAV+ Datasheet HTML 2Page - Maxim Integrated Products MAX16822AAV+ Datasheet HTML 3Page - Maxim Integrated Products MAX16822AAV+ Datasheet HTML 4Page - Maxim Integrated Products MAX16822AAV+ Datasheet HTML 5Page - Maxim Integrated Products MAX16822AAV+ Datasheet HTML 6Page - Maxim Integrated Products MAX16822AAV+ Datasheet HTML 7Page - Maxim Integrated Products MAX16822AAV+ Datasheet HTML 8Page - Maxim Integrated Products MAX16822AAV+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2MHz, High-Brightness LED Drivers with
Integrated MOSFET and High-Side Current Sense
_______________________________________________________________________________________
5
Typical Operating Characteristics (continued)
(VIN = VDIM = 48V, CVCC = 1µF, RSENSE = 0.62Ω, L = 220µH (connected between IN and CS). Typical values are at TA = +25°C,
unless otherwise noted.)
LXRDSON
vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
80
65
50
35
20
5
-10
-25
0.5
0.6
0.7
0.8
0.9
1.0
0.4
-40
125
VIN = 6.5V
VIN = 65V
VIN = 48V
ITEMP_I
vs. TEMPERATURE
25.5
26.0
26.5
27.0
27.5
28.0
28.5
29.0
29.5
30.0
25.0
TEMPERATURE (
°C)
110
95
80
65
50
35
20
5
-10
-25
-40
125
VIN = 48V
Pin Description
PIN
NAME
FUNCTION
1
CS
Current-Sense Input. Connect a resistor between IN and CS to program the LED current.
2
IN
Positive Supply Voltage Input. Bypass with a 1μF or higher value capacitor to GND.
3
GND
Ground
4
PGND
Power Ground
5, 6
LX
Switching Node
7
DIM
Logic-Level Dimming Input. Drive DIM low to turn off the current regulator. Drive DIM high to
enable the current regulator.
8
TEMP_I
Thermal Foldback Control and Linear Input. Bypass with a 0.01μF capacitor to GND if thermal
foldback or analog dimming is used. See the Thermal Foldback section for more details.
Detailed Description
The MAX16822A/MAX16822B are step-down, constant-
current, high-brightness LED (HB LED) drivers. These
devices operate from a +6.5V to +65V input-voltage
range. The maximum output current is 500mA, if the
part is used at temperatures up to +105°C, or 350mA, if
it is used up to +125°C. A high-side current-sense
resistor sets the output current and a dedicated PWM
dimming input enables pulsed LED dimming over a
wide range of brightness levels.
A high-side current-sensing scheme and an on-board
current-setting circuitry minimize the number of exter-
nal components while delivering LED current with ±3%
accuracy, using a 1% sense resistor. See Figure 1 for
an internal block diagram.


Similar Part No. - MAX16822AAV+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16822AASA++ MAXIM-MAX16822AASA+ Datasheet
226Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 2; 5/09
MAX16822AASA++ MAXIM-MAX16822AASA+ Datasheet
222Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 4; 2/15
MAX16822AASA/V++ MAXIM-MAX16822AASA/V+ Datasheet
222Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 4; 2/15
More results

Similar Description - MAX16822AAV+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16832A MAXIM-MAX16832A_10 Datasheet
238Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 3; 2/10
MAX16832A MAXIM-MAX16832A_15 Datasheet
265Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 7; 2/15
MAX16822A MAXIM-MAX16822A Datasheet
226Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 2; 5/09
MAX16832CASA-T MAXIM-MAX16832CASA-T Datasheet
253Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 6; 7/12
MAX16822 MAXIM-MAX16822 Datasheet
222Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 4; 2/15
MAX16832A MAXIM-MAX16832A_12 Datasheet
259Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 5; 3/12
MAX16832A MAXIM-MAX16832A Datasheet
142Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 2; 5/09
MAX16832A MAXIM-MAX16832A_V01 Datasheet
267Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
2015
MAX16819 MAXIM-MAX16819 Datasheet
216Kb / 10P
   2MHz High-Brightness LED Drivers with High-Side Current Sense and 5000:1 Dimming
Rev 0; 12/06
MAX16819ATT MAXIM-MAX16819ATT Datasheet
220Kb / 10P
   2MHz High-Brightness LED Drivers with High-Side Current Sense and 5000:1 Dimming
Rev 1; 3/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com