Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD2114KS Datasheet(PDF) 3 Page - Rohm

Part # 2SD2114KS
Description  High-current Gain Medium Power Transistor (20V, 0.5A)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SD2114KS Datasheet(HTML) 3 Page - Rohm

  2SD2114KS Datasheet HTML 1Page - Rohm 2SD2114KS Datasheet HTML 2Page - Rohm 2SD2114KS Datasheet HTML 3Page - Rohm 2SD2114KS Datasheet HTML 4Page - Rohm 2SD2114KS Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SD2114K / 2SD2144S
Transistors
Rev.B
3/4
1
2
5
10 20
50 100 200 500 1000
10
20
50
100
200
500
1000
2000
5000
10000
Ta
=25
°C
Measured using
pulse current.
COLLECTOR CURRENT : IC
(mA)
Fig.4 DC current gain vs. collector
current ( )
3V
VCE
=5V
1V
1
2
5
10 20
50 100 200
500 1000
10000
5000
2000
1000
500
200
100
50
20
10
VCE
=3V
Measured using
pulse current.
COLLECTOR CURRENT : IC
(mA)
Fig.5 DC current gain vs.
collector current (
)
25
°C
−25°C
Ta
=100°C
1
2
2000
1000
200
500
100
20
50
10
5
2
5
10
20
50 100 200
5001000
Ta
=25
°C
Measured using
pulse current.
10
25
50
IC/IB
=100
COLLECTOR CURRENT : IC
(mA)
Fig.6 Collector-emitter saturation
voltage vs. collector current ( )
1
2
2000
1000
200
500
100
20
50
10
5
2
5
10
20
50 100 200 5001000
IC
/IB
=25
Measured using
pulse current.
COLLECTOR CURRENT : IC
(mA)
Fig.7 Collector-emitter saturation
voltage vs. collector current (
)
Ta
=100°C
25
°C
−25°C
COLLECTOR CURRENT : IC
(mA)
Fig.8 Base-emitter saturation
voltage vs. collector current ( )
1
2
5
10
20
50 100 200
500 1000
10000
5000
2000
1000
500
200
100
50
20
10
Ta
=25
°C
Pulsed
IC/IB
=10
25
50
100
1
2
5 10
20
50 100 200
5001000
10000
5000
2000
1000
500
200
100
50
20
10
COLLECTOR CURRENT : IC
(mA)
Fig.9 Base-emitter saturation voltage
vs. collector current (
)
Measured using
pulse current.
lC/lB
=10
25
°C
100
°C
Ta
=−25°C
EMITTER CURRENT : IE
(mA)
Fig.10 Gain bandwidth product vs.
emitter current
−1 −2
−5 −10 −20 −50 −100 −200 −500 −1000
10000
5000
2000
500
200
1000
100
20
50
10
Ta
=25
°C
VCE
=10V
Measured using
pulse current.
0.1 0.2
0.5 1
2
5
10 20
50 100
COLLECTOR TO BASE VOLTAGE : VCB
(V)
Fig.11 Collector output capacitance
vs. collector-base voltage
100
200
500
1000
10
20
50
2
5
1
Ta
=25
°C
f
=1MHz
IE
=0A
0.01 0.02 0.05 0.1 0.2
0.5
1
2
5
10
BASE CURRENT : IB
(mA)
Fig.12 Output-on resistance vs.
base current
0.1
0.2
0.5
1
2
5
10
20
50
100
Ta=25
°C
f=1kHz
Vi=100mV(rms)
RL=1k


Similar Part No. - 2SD2114KS

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD2114K ROHM-2SD2114K Datasheet
132Kb / 4P
   High-current Gain MediumPower Transistor (20V, 0.5A)
2SD2114K ROHM-2SD2114K Datasheet
99Kb / 5P
   High-current Gain Medium Power Transistor (20V, 0.5A)
logo
Guangdong Kexin Industr...
2SD2114K KEXIN-2SD2114K Datasheet
36Kb / 1P
   Power Transistor
logo
Rohm
2SD2114K ROHM-2SD2114K Datasheet
164Kb / 4P
   High-current Gain Medium Power Transistor
2SD2114K ROHM-2SD2114K Datasheet
112Kb / 4P
   High-current Gain Medium Power Transistor (20V, 0.5A)
More results

Similar Description - 2SD2114KS

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD2144STPU ROHM-2SD2144STPU Datasheet
112Kb / 4P
   High-current Gain Medium Power Transistor (20V, 0.5A)
2SD2114KT146W ROHM-2SD2114KT146W Datasheet
112Kb / 4P
   High-current Gain Medium Power Transistor (20V, 0.5A)
2SD2114KT146V ROHM-2SD2114KT146V Datasheet
112Kb / 4P
   High-current Gain Medium Power Transistor (20V, 0.5A)
2SD2114K ROHM-2SD2114K_1 Datasheet
99Kb / 5P
   High-current Gain Medium Power Transistor (20V, 0.5A)
logo
List of Unclassifed Man...
2SD2144 ETC-2SD2144 Datasheet
132Kb / 4P
   High-current Gain Medium Power Transistor (20V, 0.5A) 2SD2114K / 2SD2144S
logo
Rohm
2SD2114K ROHM-2SD2114K Datasheet
132Kb / 4P
   High-current Gain MediumPower Transistor (20V, 0.5A)
logo
Diodes Incorporated
ZXTP25020DG DIODES-ZXTP25020DG_15 Datasheet
581Kb / 7P
   20V PNP MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Rohm
2SD2114K ROHM-2SD2114K_12 Datasheet
164Kb / 4P
   High-current Gain Medium Power Transistor
logo
Diodes Incorporated
FZT689B DIODES-FZT689B_15 Datasheet
684Kb / 7P
   20V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
logo
SeCoS Halbleitertechnol...
PZT987A SECOS-PZT987A_15 Datasheet
1Mb / 2P
   Medium Power High Gain Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com