Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16834 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX16834
Description  High-Power LED Driver with Integrated High-Side LED Current Sense and PWM Dimming MOSFET Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16834 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX16834_10 Datasheet HTML 4Page - Maxim Integrated Products MAX16834_10 Datasheet HTML 5Page - Maxim Integrated Products MAX16834_10 Datasheet HTML 6Page - Maxim Integrated Products MAX16834_10 Datasheet HTML 7Page - Maxim Integrated Products MAX16834_10 Datasheet HTML 8Page - Maxim Integrated Products MAX16834_10 Datasheet HTML 9Page - Maxim Integrated Products MAX16834_10 Datasheet HTML 10Page - Maxim Integrated Products MAX16834_10 Datasheet HTML 11Page - Maxim Integrated Products MAX16834_10 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
High-Power LED Driver with Integrated High-Side LED
Current Sense and PWM Dimming MOSFET Driver
8
_______________________________________________________________________________________
MAX16834
AND
128 TOSC
ERROR
REJECT
DELAY
5
µs ERROR
REJECT
DELAY
4096 TOSC
HICCUP
TIMER
FLTB
SENSE+
4.3V
VLV
VBG
VBG
VBG
VBG
0.3V
0.6V
REFERENCE
OR
OT
AND
AND
AND
PWMDIM
OT
HIGH-SIDE
5V
REGULATOR
VBG
7V
LDO
RAMP
GENERATOR
PWM
COMP
OSC
BLANK
5k
0.3V
AV = 9.9
UVLO
S
REF
IN
UVEN
RT/SYNC
SC
CS
REFI
SENSE+
COMP
HV
LV
PWMDIM
OVP+
VCC
NDRV
PGND
FLT
CLV
DIMOUT
TO
INTERNAL
CIRCUITRY
CURRENT-LIMIT
COMPARATOR
LED CURRENT-
SENSE AMPLIFIERS
ERROR
AMPLIFIER
LV REFERENCE
SWITCH
Q
R
NDRVB
TEMPERATURE
SENSE
VLV
VLV
FLTA
FLTB
REFHI
FLTA
FLTB
VLV
VHV
VREF
VREF
LPF
VIN
VLV
REFHI
gm
NDRVB
SGND
Figure 1. Internal Block Diagram


Similar Part No. - MAX16834_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16834 MAXIM-MAX16834_15 Datasheet
233Kb / 23P
   High-Power LED Driver with Integrated High-Side LED Current Sense and PWM Dimming MOSFET Driver
Rev 5; 1/15
More results

Similar Description - MAX16834_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16834 MAXIM-MAX16834 Datasheet
183Kb / 23P
   High-Power LED Driver with Integrated High-Side LED Current Sense and PWM Dimming MOSFET Driver
Rev 2; 5/09
MAX16834 MAXIM-MAX16834_15 Datasheet
233Kb / 23P
   High-Power LED Driver with Integrated High-Side LED Current Sense and PWM Dimming MOSFET Driver
Rev 5; 1/15
logo
SamHop Microelectronics...
SM8205 SAMHOP-SM8205 Datasheet
437Kb / 13P
   High-Power LED Driver with Integrated PWM Dimming MOSFET Driver
logo
M.S. Kennedy Corporatio...
SM8205 MSK-SM8205 Datasheet
437Kb / 13P
   High-Power LED Driver with Integrated PWM Dimming MOSFET Driver
logo
Micrel Semiconductor
MIC3202 MICREL-MIC3202 Datasheet
853Kb / 19P
   High-Brightness LED Driver with Integrated MOSFET and High-Side Current Sense
MIC3201 MICREL-MIC3201 Datasheet
521Kb / 16P
   High Brightness LED Driver with High-Side Current Sense
logo
Maxim Integrated Produc...
MAX16812 MAXIM-MAX16812 Datasheet
352Kb / 21P
   Integrated High-Voltage LED Driver with Analog and PWM Dimming Control
Rev 0; 7/07
logo
Micrel Semiconductor
MIC3201 MICREL-MIC3201_11 Datasheet
698Kb / 16P
   High Brightness LED Driver with High-Side Current Sense
logo
Texas Instruments
TPS92515AHV-Q1 TI1-TPS92515AHV-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2-A, Buck LED Driver with Integrated N-channel FET, High-Side Current Sense, and Shunt FET PWM Dimming Capability
TPS92515 TI1-TPS92515 Datasheet
1Mb / 39P
[Old version datasheet]   2-A, Buck LED Driver with Integrated N-channel FET,High-Side Current Sense, and Shunt FET PWM Dimming Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com