Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX19790ETX+T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX19790ETX+T
Description  250MHz to 4000MHz Dual, Analog Voltage Variable Attenuator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX19790ETX+T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX19790ETX+T Datasheet HTML 1Page - Maxim Integrated Products MAX19790ETX+T Datasheet HTML 2Page - Maxim Integrated Products MAX19790ETX+T Datasheet HTML 3Page - Maxim Integrated Products MAX19790ETX+T Datasheet HTML 4Page - Maxim Integrated Products MAX19790ETX+T Datasheet HTML 5Page - Maxim Integrated Products MAX19790ETX+T Datasheet HTML 6Page - Maxim Integrated Products MAX19790ETX+T Datasheet HTML 7Page - Maxim Integrated Products MAX19790ETX+T Datasheet HTML 8Page - Maxim Integrated Products MAX19790ETX+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
_______________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
250MHz to 4000MHz Dual,
Analog Voltage Variable Attenuator
19-5165; Rev 0; 3/10
General Description
The MAX19790 dual, general-purpose analog voltage
variable attenuator (VVA) is designed to interface with
50I systems operating in the 250MHz to 4000MHz fre-
quency range. Each attenuator includes a patented con-
trol circuit that provides 22dB of attenuation range with a
linear control slope of 10dB/V.
Both attenuators share a common analog control and
can be cascaded together to yield 44dB of total dynamic
range, with a combined linear control slope of 20dB/V.
The IC is a monolithic device designed on one of Maxim’s
proprietary SiGe BiCMOS processes. The device oper-
ates from a single +5.0V supply and is available in a com-
pact, 36-pin thin QFN package (6mm x 6mm x 0.8mm)
with an exposed pad. Electrical performance is guaran-
teed over the extended -40° to +85°C temperature range.
Applications
Broadband System Applications, Including
Wireless Infrastructure Digital and Spread-
Spectrum Communication Systems
WCDMA/LTE, TD-SCDMA/TD-LTE, WiMAX™,
cdma2000®, GSM/EDGE, and MMDS Base
Stations
VSAT/Satellite Modems
Microwave Terrestrial Links
Lineup Gain Trim
Temperature Compensation Circuits
Automatic Level Control (ALC)
Transmitter Gain Control
Receiver Gain Control
General Test Equipment
Features
S
250MHz to 4000MHz RF Frequency Range
S
Integrates Two Analog Attenuators in One
Monolithic Device
S
Flexible Attenuation-Control Ranges
22dB (per Attenuator)
44dB (Both Attenuators Cascaded)
S
2.4dB 1500MHz Insertion Loss (per Attenuator)
S
Linear dB/V Analog Control Response Curve
Simplifies Automatic Leveling Control and
Gain-Trim Algorithms
S
Excellent Attenuation Flatness Over Wide
Frequency Ranges and Attenuation Settings
S
Low 7.3mA Supply Current
S
Single +5.0V Supply Voltage
Ordering Information
+Denotes a lead(Pb)-free/RoHS-compliant package.
*EP = Exposed pad.
T = Tape and reel.
WiMAX is a trademark of WiMAX Forum.
cdma2000 is a registered trademark of Telecommunications
Industry Association.
PART
TEMP RANGE
PIN-PACKAGE
MAX19790ETX+
-40NC to +85NC
36 Thin QFN-EP*
MAX19790ETX+T
-40NC to +85NC
36 Thin QFN-EP*


Similar Part No. - MAX19790ETX+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1979 MAXIM-MAX1979 Datasheet
321Kb / 20P
   Integrated Temperature Controllers for Peltier Modules
Rev 2; 1/10
MAX19791 MAXIM-MAX19791 Datasheet
4Mb / 24P
   50MHz to 4000MHz Dual Analog Voltage Variable Attenuator with On-Chip 10-Bit SPI-Controlled DAC
Rev 1; 10/12
MAX19791 MAXIM-MAX19791 Datasheet
6Mb / 25P
   10MHz to 500MHz Dual Analog Voltage Variable Attenuator with On-Chip 10-Bit SPI-Controlled DAC
Rev 1; 5/15
MAX19791ETX++ MAXIM-MAX19791ETX+ Datasheet
4Mb / 24P
   50MHz to 4000MHz Dual Analog Voltage Variable 50MHz to 4000MHz Dual Analog Voltage Variable
2015
MAX19791ETX+T MAXIM-MAX19791ETX+T Datasheet
4Mb / 24P
   50MHz to 4000MHz Dual Analog Voltage Variable 50MHz to 4000MHz Dual Analog Voltage Variable
2015
More results

Similar Description - MAX19790ETX+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19791 MAXIM-MAX19791_V01 Datasheet
4Mb / 24P
   50MHz to 4000MHz Dual Analog Voltage Variable 50MHz to 4000MHz Dual Analog Voltage Variable
2015
MAX19792 MAXIM-MAX19792 Datasheet
4Mb / 23P
   500MHz to 4000MHz Dual Analog Voltage Variable Attenuator with On-Chip 10-Bit SPI-Controlled DAC
Rev 1; 9/12
MAX19791 MAXIM-MAX19791 Datasheet
4Mb / 24P
   50MHz to 4000MHz Dual Analog Voltage Variable Attenuator with On-Chip 10-Bit SPI-Controlled DAC
Rev 1; 10/12
logo
RF Micro Devices
RFSA2534 RFMD-RFSA2534 Datasheet
1,012Kb / 12P
   50MHz to 4000MHz, Digital Step Attenuator
RFSA3715 RFMD-RFSA3715 Datasheet
1Mb / 20P
   5MHz to 4000MHz, Digital Step Attenuator
logo
Merrimac Industries, In...
VVA-MCM-1.9G-A MERRIMAC-VVA-MCM-1.9G-A Datasheet
124Kb / 2P
   VOLTAGE VARIABLE ATTENUATOR
logo
Mini-Circuits
EVA-1500 MINI-EVA-1500 Datasheet
402Kb / 3P
   Voltage Variable Attenuator
MVA-2000 MINI-MVA-2000 Datasheet
442Kb / 3P
   Voltage Variable Attenuator
SVA-2000 MINI-SVA-2000 Datasheet
421Kb / 2P
   Voltage Variable Attenuator
VACC-22 MINI-VACC-22 Datasheet
285Kb / 3P
   Voltage Variable Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com