Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX19790ETX+T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX19790ETX+T
Description  250MHz to 4000MHz Dual, Analog Voltage Variable Attenuator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX19790ETX+T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX19790ETX+T Datasheet HTML 1Page - Maxim Integrated Products MAX19790ETX+T Datasheet HTML 2Page - Maxim Integrated Products MAX19790ETX+T Datasheet HTML 3Page - Maxim Integrated Products MAX19790ETX+T Datasheet HTML 4Page - Maxim Integrated Products MAX19790ETX+T Datasheet HTML 5Page - Maxim Integrated Products MAX19790ETX+T Datasheet HTML 6Page - Maxim Integrated Products MAX19790ETX+T Datasheet HTML 7Page - Maxim Integrated Products MAX19790ETX+T Datasheet HTML 8Page - Maxim Integrated Products MAX19790ETX+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
250MHz to 4000MHz Dual,
Analog Voltage Variable Attenuator
5
Typical Operating Characteristics (continued)
(MAX19790 Evaluation Kit, two attenuators in cascade, VCC = +5.0V, PRF = -10dBm, TC = +25NC, VCTRL = +1.0V, unless otherwise noted.)
INPUT IP3 vs. VCTRL
VCTRL (V)
3
2
25
30
35
40
45
20
1
4
PIN = -10dBm/TONE
950MHz
1500MHz
2150MHz
INPUT IP2 vs. VCTRL
VCTRL (V)
3
2
50
60
70
80
90
40
1
4
fRF = 950MHz
PIN = -10dBm/TONE
TC = +25°C
TC = +85°C
TC = -40°C
INPUT IP2 vs. VCTRL
VCTRL (V)
3
2
50
60
70
80
90
40
1
4
PIN = -10dBm/TONE
2150MHz
950MHz
1500MHz
INPUT P1dB vs. RF FREQUENCY
RF FREQUENCY (MHz)
1750
1350
21
22
23
24
25
26
20
950
2150
TC = +85°C
TC = +25°C
TC = -40°C
INPUT IP3 vs. VCTRL
VCTRL (V)
3
2
25
30
35
40
45
20
1
4
fRF = 950MHz
PIN = -10dBm/TONE
TC = +25°C
TC = +85°C
TC = -40°C
INPUT P1dB vs. RF FREQUENCY
RF FREQUENCY (MHz)
1750
1350
21
22
23
24
25
26
20
950
2150
VCC = 4.75V
VCC = 5.25V
VCC = 5.0V


Similar Part No. - MAX19790ETX+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1979 MAXIM-MAX1979 Datasheet
321Kb / 20P
   Integrated Temperature Controllers for Peltier Modules
Rev 2; 1/10
MAX19791 MAXIM-MAX19791 Datasheet
4Mb / 24P
   50MHz to 4000MHz Dual Analog Voltage Variable Attenuator with On-Chip 10-Bit SPI-Controlled DAC
Rev 1; 10/12
MAX19791 MAXIM-MAX19791 Datasheet
6Mb / 25P
   10MHz to 500MHz Dual Analog Voltage Variable Attenuator with On-Chip 10-Bit SPI-Controlled DAC
Rev 1; 5/15
MAX19791ETX++ MAXIM-MAX19791ETX+ Datasheet
4Mb / 24P
   50MHz to 4000MHz Dual Analog Voltage Variable 50MHz to 4000MHz Dual Analog Voltage Variable
2015
MAX19791ETX+T MAXIM-MAX19791ETX+T Datasheet
4Mb / 24P
   50MHz to 4000MHz Dual Analog Voltage Variable 50MHz to 4000MHz Dual Analog Voltage Variable
2015
More results

Similar Description - MAX19790ETX+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19791 MAXIM-MAX19791_V01 Datasheet
4Mb / 24P
   50MHz to 4000MHz Dual Analog Voltage Variable 50MHz to 4000MHz Dual Analog Voltage Variable
2015
MAX19792 MAXIM-MAX19792 Datasheet
4Mb / 23P
   500MHz to 4000MHz Dual Analog Voltage Variable Attenuator with On-Chip 10-Bit SPI-Controlled DAC
Rev 1; 9/12
MAX19791 MAXIM-MAX19791 Datasheet
4Mb / 24P
   50MHz to 4000MHz Dual Analog Voltage Variable Attenuator with On-Chip 10-Bit SPI-Controlled DAC
Rev 1; 10/12
logo
RF Micro Devices
RFSA2534 RFMD-RFSA2534 Datasheet
1,012Kb / 12P
   50MHz to 4000MHz, Digital Step Attenuator
RFSA3715 RFMD-RFSA3715 Datasheet
1Mb / 20P
   5MHz to 4000MHz, Digital Step Attenuator
logo
Merrimac Industries, In...
VVA-MCM-1.9G-A MERRIMAC-VVA-MCM-1.9G-A Datasheet
124Kb / 2P
   VOLTAGE VARIABLE ATTENUATOR
logo
Mini-Circuits
EVA-1500 MINI-EVA-1500 Datasheet
402Kb / 3P
   Voltage Variable Attenuator
MVA-2000 MINI-MVA-2000 Datasheet
442Kb / 3P
   Voltage Variable Attenuator
SVA-2000 MINI-SVA-2000 Datasheet
421Kb / 2P
   Voltage Variable Attenuator
VACC-22 MINI-VACC-22 Datasheet
285Kb / 3P
   Voltage Variable Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com