Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5970 Datasheet(PDF) 7 Page - Texas Instruments

Part # TLC5970
Description  3-Channel, 12-Bit, PWM LED Driver with Buck DC/DC Converter and Differential Signal Interface
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5970 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC5970 Datasheet HTML 3Page - Texas Instruments TLC5970 Datasheet HTML 4Page - Texas Instruments TLC5970 Datasheet HTML 5Page - Texas Instruments TLC5970 Datasheet HTML 6Page - Texas Instruments TLC5970 Datasheet HTML 7Page - Texas Instruments TLC5970 Datasheet HTML 8Page - Texas Instruments TLC5970 Datasheet HTML 9Page - Texas Instruments TLC5970 Datasheet HTML 10Page - Texas Instruments TLC5970 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
TLC5970
www.ti.com
SBVS140 – MARCH 2010
ELECTRICAL CHARACTERISTICS (continued)
At VCC = 10 V to 36 V and TA = –40°C to +85°C. Typical values at VCC = 24 V, FB = 17 V, and TA = +25°C, unless otherwise
noted.
TLC5970
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIFFERENTIAL INTERFACE BLOCK
Positive-going input threshold
At SDTA-SDTB or SCKA-SCKB pins. Common-mode,
VITP
0.2
V
voltage
VIB = 1.5 V (see Figure 4)
Negative-going input threshold
At SDTA-SDTB or SCKA-SCKB pins. Common-mode,
VITN
–0.2
V
voltage
VIB = 1.5 V (see Figure 4)
VITHYS
Hysteresis voltage (|VITP – VITN|)
Common-mode
30
50
110
mV
At SDTA/SDTB/SCKA/SCKB pins. VIH = 12 V
II
2
3
mA
(other inputs at 0 V), VCC = 24 V
At SDTA/SDTB/SCKA/SCKB pins. VIH = 12 V
II1
2
3
mA
(other inputs at 0 V), VCC = 0 V
Input current
At SDTA/SDTB/SCKA/SCKB pins. VIH = –7 V
II2
–3
–1.2
mA
(other inputs at 0 V), VCC = 24 V
At SDTA/SDTB/SCKA/SCKB pins. VIH = –7 V
II3
–3
–1
mA
(other inputs at 0 V), VCC = 0 V
At SDTY-SDTZ or SCKY-SCKZ pins.
VOD
Differential output voltage
1
1.8
3
V
1/2 × RLDIF = 51 Ω (see Figure 6)
Change in magnitude of differential
At SDTY-SDTZ or SCKY-SCKZ pins.
ΔVOD
–0.2
0.2
V
output voltage(5)
1/2 × RLDIF = 51 Ω (see Figure 6)
Steady-state common-mode output
At SDTY-SDTZ or SCKY-SCKZ pins.
VOC
1.5
VREG/2
3
V
voltage
1/2 × RLDIF = 51 Ω (see Figure 6)
Change in magnitude of steady-state
At SDTY-SDTZ or SCKY-SCKZ pins.
ΔVOC
–0.2
0.2
V
common-mode output voltage(5)
1/2 × RLDIF = 51 Ω (see Figure 6)
Internal resistor between differential
At SDTA-SDTB or SCKA-SCKB pins.
RINT
10
k
Ω
input pair
A pins = 0 V, B pins = 1.8 V
At SDTY-SDTZ or SCKY-SCKZ pins. VCC = 0 V,
IO
Output current with power off
–7 V
≤ SDTY/SDTZ/SCKY/SCKZ ≤ 12 V, 1 pin sweep,
–10
±1
20
µA
all other outputs are open
(5)
ΔVOD and ΔVOC are the changes in the steady-state magnitude of VOD and VOC, respectively, that occur when the output data change
from a high level to a low level.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TLC5970


Similar Part No. - TLC5970

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5971 TI-TLC5971 Datasheet
823Kb / 37P
[Old version datasheet]   12-Channel 16-Bit, Enhanced Spectrum PWM, RGB LED Driver with 3.3-V Linear Regulator
TLC59711 TI1-TLC59711 Datasheet
963Kb / 36P
[Old version datasheet]   12-Channel, 16-Bit, Enhanced Spectrum PWM, RGB, LED Driver
TLC59711PWP TI1-TLC59711PWP Datasheet
963Kb / 36P
[Old version datasheet]   12-Channel, 16-Bit, Enhanced Spectrum PWM, RGB, LED Driver
TLC59711PWPR TI1-TLC59711PWPR Datasheet
963Kb / 36P
[Old version datasheet]   12-Channel, 16-Bit, Enhanced Spectrum PWM, RGB, LED Driver
TLC5971PWP TI-TLC5971PWP Datasheet
823Kb / 37P
[Old version datasheet]   12-Channel 16-Bit, Enhanced Spectrum PWM, RGB LED Driver with 3.3-V Linear Regulator
More results

Similar Description - TLC5970

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX25610A MAXIM-MAX25610A Datasheet
1Mb / 24P
   Synchronous Buck and Buck-Boost LED Driver/DC-DC Converter
Rev 5; 4/19
logo
Bookly Micro electronic
BM1509HV BOOKLY-BM1509HV Datasheet
656Kb / 6P
   PWM BUCK DC/DC CONVERTER
logo
ACE Technology Co., LTD...
ACE722A ACE-ACE722A Datasheet
179Kb / 9P
   2A PWM BUCK DC-DC Converter
VER 1.2
logo
Diodes Incorporated
AP1501A DIODES-AP1501A_17 Datasheet
367Kb / 13P
   5A PWM BUCK DC/DC CONVERTER
AP1506 DIODES-AP1506_17 Datasheet
449Kb / 14P
   3A PWM BUCK DC/DC CONVERTER
logo
Unisonic Technologies
P3576 UTC-P3576_18 Datasheet
145Kb / 6P
   2A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1507 DIODES-AP1507_18 Datasheet
301Kb / 12P
   3A PWM BUCK DC/DC CONVERTER
AP1509 DIODES-AP1509_18 Datasheet
317Kb / 12P
   2A PWM BUCK DC-DC CONVERTER
logo
Bookly Micro electronic
BM1507 BOOKLY-BM1507 Datasheet
652Kb / 12P
   3A PWM BUCK DC/DC CONVERTER
logo
Bright Power Semiconduc...
BP1808 BPS-BP1808 Datasheet
309Kb / 2P
   Boost, Buck and Buck-Boost DC/DC LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com