Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5970DAPR Datasheet(PDF) 4 Page - Texas Instruments

Part # TLC5970DAPR
Description  3-Channel, 12-Bit, PWM LED Driver with Buck DC/DC Converter and Differential Signal Interface
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5970DAPR Datasheet(HTML) 4 Page - Texas Instruments

  TLC5970DAPR Datasheet HTML 1Page - Texas Instruments TLC5970DAPR Datasheet HTML 2Page - Texas Instruments TLC5970DAPR Datasheet HTML 3Page - Texas Instruments TLC5970DAPR Datasheet HTML 4Page - Texas Instruments TLC5970DAPR Datasheet HTML 5Page - Texas Instruments TLC5970DAPR Datasheet HTML 6Page - Texas Instruments TLC5970DAPR Datasheet HTML 7Page - Texas Instruments TLC5970DAPR Datasheet HTML 8Page - Texas Instruments TLC5970DAPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
TLC5970
SBVS140 – MARCH 2010
www.ti.com
RECOMMENDED OPERATING CONDITIONS
At TA = –40°C to +85°C, unless otherwise noted.
TLC5970
UNIT
MIN
NOM
MAX
DC CHARACTERISTICS
VCC
10
36
V
Supply voltage
VCC = SWOFF = VREG = VREFIF = FB
VCC1
4.75
5.5
V
(no buck conver operation mode)
VI
FB (buck converter operation mode)
7
17
V
VI1
Voltage at input terminal
SDTA, SDTB, SCKA, SCKB
–7
12
V
VI2
VROM for data writing
18.5
19
19.5
V
VID
Differential voltage at input terminal(1)
SDTA-SDTB, SCKA-SCKB
–12
12
V
VIH
High level input voltage
SWOFF
0.7 × VREG
VREG
V
VIL
Low level input voltage
SWOFF
GND
0.3 × VREG
V
VO
Voltage at output terminal
OUT0 to OUT2
17
V
IOLC
Constant output sink current
OUT0 to OUT2
150
mA
IOH
High level output current
SDTY, SDTZ, SCKY, SCKZ
–30
mA
IOL
Low level output current
SDTY, SDTZ, SCKY, SCKZ
30
mA
TA
Operating free-air temperature
–40
+85
°C
TJ
Operating junction temperature
–40
+125
°C
AC CHARACTERISTICS
fCLK
Data shift clock frequency
SCKA-SCKB
20
MHz
TWH/TWL
Pulse duration
SCKA-SCKB
12
ns
TSU
Setup time
(SDTA-SDTB)-(SCKA-SCKB)
5
ns
TH
Hold time
(SDTA-SDTB)-(SCKA-SCKB)
3
ns
NROM
Number of EEPROM write cycles
At each address
10
Times
(1)
Differential input voltage is measured at the noninverting terminal with respect to the inverting terminal.
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TLC5970


Similar Part No. - TLC5970DAPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5971 TI-TLC5971 Datasheet
823Kb / 37P
[Old version datasheet]   12-Channel 16-Bit, Enhanced Spectrum PWM, RGB LED Driver with 3.3-V Linear Regulator
TLC59711 TI1-TLC59711 Datasheet
963Kb / 36P
[Old version datasheet]   12-Channel, 16-Bit, Enhanced Spectrum PWM, RGB, LED Driver
TLC59711PWP TI1-TLC59711PWP Datasheet
963Kb / 36P
[Old version datasheet]   12-Channel, 16-Bit, Enhanced Spectrum PWM, RGB, LED Driver
TLC59711PWPR TI1-TLC59711PWPR Datasheet
963Kb / 36P
[Old version datasheet]   12-Channel, 16-Bit, Enhanced Spectrum PWM, RGB, LED Driver
TLC5971PWP TI-TLC5971PWP Datasheet
823Kb / 37P
[Old version datasheet]   12-Channel 16-Bit, Enhanced Spectrum PWM, RGB LED Driver with 3.3-V Linear Regulator
More results

Similar Description - TLC5970DAPR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX25610A MAXIM-MAX25610A Datasheet
1Mb / 24P
   Synchronous Buck and Buck-Boost LED Driver/DC-DC Converter
Rev 5; 4/19
logo
Bookly Micro electronic
BM1509HV BOOKLY-BM1509HV Datasheet
656Kb / 6P
   PWM BUCK DC/DC CONVERTER
logo
ACE Technology Co., LTD...
ACE722A ACE-ACE722A Datasheet
179Kb / 9P
   2A PWM BUCK DC-DC Converter
VER 1.2
logo
Diodes Incorporated
AP1501A DIODES-AP1501A_17 Datasheet
367Kb / 13P
   5A PWM BUCK DC/DC CONVERTER
AP1506 DIODES-AP1506_17 Datasheet
449Kb / 14P
   3A PWM BUCK DC/DC CONVERTER
logo
Unisonic Technologies
P3576 UTC-P3576_18 Datasheet
145Kb / 6P
   2A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1507 DIODES-AP1507_18 Datasheet
301Kb / 12P
   3A PWM BUCK DC/DC CONVERTER
AP1509 DIODES-AP1509_18 Datasheet
317Kb / 12P
   2A PWM BUCK DC-DC CONVERTER
logo
Bookly Micro electronic
BM1507 BOOKLY-BM1507 Datasheet
652Kb / 12P
   3A PWM BUCK DC/DC CONVERTER
logo
Bright Power Semiconduc...
BP1808 BPS-BP1808 Datasheet
309Kb / 2P
   Boost, Buck and Buck-Boost DC/DC LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com