Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS53127PWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53127PWR
Description  DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53127PWR Datasheet(HTML) 1 Page - Texas Instruments

  TPS53127PWR Datasheet HTML 1Page - Texas Instruments TPS53127PWR Datasheet HTML 2Page - Texas Instruments TPS53127PWR Datasheet HTML 3Page - Texas Instruments TPS53127PWR Datasheet HTML 4Page - Texas Instruments TPS53127PWR Datasheet HTML 5Page - Texas Instruments TPS53127PWR Datasheet HTML 6Page - Texas Instruments TPS53127PWR Datasheet HTML 7Page - Texas Instruments TPS53127PWR Datasheet HTML 8Page - Texas Instruments TPS53127PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
TPS53127
www.ti.com
SLVSA93 – MARCH 2010
DUAL SYNCHRONOUS STEP-DOWN CONTROLLER
FOR LOW VOLTAGE POWER RAILS
Check for Samples: TPS53127
1
FEATURES
700-kHz Switching Frequency
2
D-CAP2™ Mode Control
Cycle-by-Cycle Over-Current Limiting Control
Fast Transient Response
30-mV to 300-mV OCP Threshold Voltage
No External Parts Required for Loop
Thermally Compensated OCP by 4000 ppm/°C
Compensation
at ITRIP
Compatible With Ceramic Output
APPLICATIONS
Capacitors
Point-of-Load Regulation in Low Power
High Initial Reference Accuracy (±1%)
Systems for Wide Range of Applications
Low Output Ripple
Digital TV Power Supply
Wide Input Voltage Range: 4.5 V to 24 V
Networking Home Terminal
Output Voltage Range: 0.76 V to 5.5 V
Digital Set-Top Box (STB)
Low-Side RDS(ON) Loss-Less Current Sensing
DVD Player/Recorder
Adaptive Gate Drivers with Integrated Boost
Gaming Consoles
Diode
Adjustable Soft Start
Non-Sinking Pre-Biased Soft Start
DESCRIPTION
The TPS53127 is a dual, adaptive on-time D-CAP2™ mode synchronous buck controller. The part enables
system designers to cost effectively complete the suite of various end equipment's power bus regulators with a
low external component count and low standby consumption. The main control loop for the TPS53127 uses the
D-CAP2™ Mode topology which provides a very fast transient response with no external component.
The TPS53127 also has a proprietary circuit that enables the device to adapt not only low equivalent series
resistance (ESR) output capacitors such as POSCAP/SP-CAP, but also ceramic capacitor. The part provides a
convenient and efficient operation with conversion voltages from 4.5 V to 24 V and output voltage from 0.76 V to
5.5 V.
The TPS53127 is available in the 24 pin RGE/PW package, and is specified from –40°C to 85°C ambient
temperature range.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
D-CAP2 is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS53127PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53127PWR TI-TPS53127PWR Datasheet
843Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
More results

Similar Description - TPS53127PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53128 TI-TPS53128 Datasheet
788Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53127 TI-TPS53127_1 Datasheet
843Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS51124 TI-TPS51124 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53129 TI-TPS53129 Datasheet
761Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53124 TI-TPS53124 Datasheet
719Kb / 22P
[Old version datasheet]   Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
TPS53126 TI-TPS53126 Datasheet
979Kb / 30P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53125 TI-TPS53125 Datasheet
462Kb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53125 TI-TPS53125_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS53125 Dual Synchronous Step-Down Controller for Low Voltage Power Rails
TPS51124 TI-TPS51124_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS51124 Dual Synchronous Step-Down Controller for Low-Voltage Power Rails
TPS53124 TI-TPS53124_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS53124 Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com