Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS53127PW Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53127PW
Description  DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53127PW Datasheet(HTML) 5 Page - Texas Instruments

  TPS53127PW Datasheet HTML 1Page - Texas Instruments TPS53127PW Datasheet HTML 2Page - Texas Instruments TPS53127PW Datasheet HTML 3Page - Texas Instruments TPS53127PW Datasheet HTML 4Page - Texas Instruments TPS53127PW Datasheet HTML 5Page - Texas Instruments TPS53127PW Datasheet HTML 6Page - Texas Instruments TPS53127PW Datasheet HTML 7Page - Texas Instruments TPS53127PW Datasheet HTML 8Page - Texas Instruments TPS53127PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
TPS53127
www.ti.com
SLVSA93 – MARCH 2010
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SW1 = 0.7 V, TA = 25°C,
TOFF1L
CH1 min off time
216
ns
VFB1 = 0.7 V
SW2 = 0.7 V, TA = 25°C,
TOFF2L
CH2 min off time
216
ns
VFB2 = 0.7 V
SOFT START
ISSC
SS1/SS2 charge current
VSS1/VSS2 = 0 V, TA = 25°C
–1.5
–2
–2.5
mA
TCISSC
ISSC temperature coefficient
On the basis of 25°C(1)
–4
3
nA/°C
ISSD
SS1/SS2 discharge current
VSS1/VSS2 = 0.5 V
100
150
mA
UVLO
Wake up
3.7
4.0
4.3
VUV5VFILT
V5FILT UVLO threshold
V
Hysteresis
0.2
0.3
0.4
LOGIC THRESHOLD
VENH
ENx high-level input voltage
EN 1/2
2.0
V
VENL
ENx low-level input voltage
EN 1/2
0.3
V
CURRENT SENSE
ITRIP
TRIP source current
VTRIPx = 0.1 V, TA = 25°C
8.5
10
11.5
mA
TCITRIP
ITRIP temperature coefficient
On the basis of 25°C
4000
ppm/°C
(VTRIPx-GND-VPGNDx-SWx) voltage,
–15
0
15
VTRIPx-GND = 60 mV, TA = 25°C
VOCLoff
OCP compensation offset
mV
(VTRIPx-GND-VPGNDx-SWx) voltage,
–20
20
VTRIPx-GND = 60 mV
VRtrip
Current limit threshold setting range
VTRIPx-GND voltage
30
300
mV
OUTPUT UNDERVOLTAGE AND OVERVOLTAGE PROTECTION
VOVP
Output OVP trip threshold
OVP detect
110
115
120
%
TOVPDEL
Output OVP prop delay
1.5
ms
UVP detect
65
70
75
VUVP
Output UVP trip threshold
%
Hysteresis (recover < 20 ms)
10
TUVPDEL
Output UVP delay
17
30
40
ms
TUVPEN
Output UVP enable delay
UVP enable delay / soft-start time
x1.4
x1.7
x2.0
ms
THERMAL SHUTDOWN
Shutdown temperature (2)
150
TSDN
Thermal shutdown threshold
°C
Hysteresis (2)
20
(2)
Not production tested - ensured by design.
TERMINAL FUNCTIONS
PIN Fucntion Table
TERMINAL
I/O
DESCRIPTION
QFN
TSSOP
NAME
24
24
Supply input for high-side NFET driver. Bypass to SWx with a high-quality
VBST1,
23, 8
2, 11
I
0.1-mF ceramic capacitor. An external schottky diode can be added from
VBST2
VREG5 if forward drop is critical to drive the high-side FET.
EN1, EN2
24, 7
3, 10
I
Enable. Pull High to enable SMPS.
Output voltage inputs for on-time adjustment and output discharge. Connect
VO1, VO2
1, 6
4, 9
I
directly to the output voltage.
VFB1,
2, 5
5, 8
I
D-CAP2 feedback inputs. Connect to output voltage with resistor divider.
VFB2
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS53127


Similar Part No. - TPS53127PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53127PW TI-TPS53127PW Datasheet
843Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53127PWR TI-TPS53127PWR Datasheet
843Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
More results

Similar Description - TPS53127PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53128 TI-TPS53128 Datasheet
788Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53127 TI-TPS53127_1 Datasheet
843Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS51124 TI-TPS51124 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53129 TI-TPS53129 Datasheet
761Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53124 TI-TPS53124 Datasheet
719Kb / 22P
[Old version datasheet]   Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
TPS53126 TI-TPS53126 Datasheet
979Kb / 30P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53125 TI-TPS53125 Datasheet
462Kb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53125 TI-TPS53125_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS53125 Dual Synchronous Step-Down Controller for Low Voltage Power Rails
TPS51124 TI-TPS51124_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS51124 Dual Synchronous Step-Down Controller for Low-Voltage Power Rails
TPS53124 TI-TPS53124_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS53124 Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com