Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM188R60J106M Datasheet(PDF) 11 Page - Texas Instruments

Part # GRM188R60J106M
Description  3-MHz 2A Step Down Converter in 2x2 SON Package
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GRM188R60J106M Datasheet(HTML) 11 Page - Texas Instruments

Back Button GRM188R60J106M Datasheet HTML 7Page - Texas Instruments GRM188R60J106M Datasheet HTML 8Page - Texas Instruments GRM188R60J106M Datasheet HTML 9Page - Texas Instruments GRM188R60J106M Datasheet HTML 10Page - Texas Instruments GRM188R60J106M Datasheet HTML 11Page - Texas Instruments GRM188R60J106M Datasheet HTML 12Page - Texas Instruments GRM188R60J106M Datasheet HTML 13Page - Texas Instruments GRM188R60J106M Datasheet HTML 14Page - Texas Instruments GRM188R60J106M Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Time Base - 100 ms/Div
500 mV/Div
V
V
I
L =
IN
OUT
OUT
= 3.6 V to 4.2 V,
= 1.8 V,
= 500 mA
1.2 H,
m
50 mV/Div
TimeBase-100ms/Div
200mV/Div
V
=3.6V,
V
=1.8V,
L =1.2
H
C
=10
I
200mA to1500mA
IN
OUT
OUT
OUT
m
mF
1A/Div
2A/Div
TimeBase-100 ms/Div
500mV/Div
V
=3.6Vto4.2V,
V
=1.8V,
I
=50mA,
L =1.2
H,
C
=10
IN
OUT
OUT
OUT
m
mF
50mV/Div
TimeBase-100 ms/Div
2V/Div
500mA/Div
2 A/Div
1V/Div
500mA/Div
V
=3.6V,
V
=1.8V,
Load=2R2
IN
OUT
L =1.2
H,
C
=10
F
m
m
OUT
TPS62065, TPS62067
www.ti.com
SLVS833 – MARCH 2010
Figure 17. Load Transient Response
Figure 18. Line Transient Response PWM Mode
200 mA To 1500 mA
Figure 19. Line Transient PFM Mode
Figure 20. Startup Into Load – VOUT 1.8V
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :TPS62065 TPS62067


Similar Part No. - GRM188R60J106M

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM188R60J106M MURATA-GRM188R60J106M Datasheet
64Kb / 1P
   Chip Monolithic Ceramic Capacitor 0603 X5R 10關F 6.3V
logo
Texas Instruments
GRM188R60J106M TI1-GRM188R60J106M Datasheet
786Kb / 22P
[Old version datasheet]   1.2A High Efficient Step Down Converter in 2x2mm SON Package
GRM188R60J106M TI1-GRM188R60J106M Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
GRM188R60J106M TI1-GRM188R60J106M Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm SON Package
GRM188R60J106M TI1-GRM188R60J106M Datasheet
4Mb / 48P
[Old version datasheet]   4A Processor Supply with I2C Compatible Interface and Remote Sense
More results

Similar Description - GRM188R60J106M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62065DSGT TI-TLV62065DSGT Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TPS62065_1005 TI-TPS62065_1005 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI1-TLV62065 Datasheet
1,022Kb / 24P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI-TLV62065 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065DSGT TI1-TLV62065DSGT Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TPS62060 TI-TPS62060 Datasheet
825Kb / 21P
[Old version datasheet]   3-MHz 1.6A Step Down Converter in 2x2 SON Package
TPS62061 TI1-TPS62061 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 1.6A Step Down Converter in 2x2 SON Package
JANUARY2011
TPS62231-Q1 TI1-TPS62231-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI-TPS62230 Datasheet
1Mb / 28P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI-TPS62230_10 Datasheet
1Mb / 32P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com