Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL10A106MQ8NRNC Datasheet(PDF) 6 Page - Texas Instruments

Part # CL10A106MQ8NRNC
Description  3-MHz 2A Step Down Converter in 2x2 SON Package
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CL10A106MQ8NRNC Datasheet(HTML) 6 Page - Texas Instruments

Back Button CL10A106MQ8NRNC Datasheet HTML 2Page - Texas Instruments CL10A106MQ8NRNC Datasheet HTML 3Page - Texas Instruments CL10A106MQ8NRNC Datasheet HTML 4Page - Texas Instruments CL10A106MQ8NRNC Datasheet HTML 5Page - Texas Instruments CL10A106MQ8NRNC Datasheet HTML 6Page - Texas Instruments CL10A106MQ8NRNC Datasheet HTML 7Page - Texas Instruments CL10A106MQ8NRNC Datasheet HTML 8Page - Texas Instruments CL10A106MQ8NRNC Datasheet HTML 9Page - Texas Instruments CL10A106MQ8NRNC Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
TPS62065, TPS62067
SLVS833 – MARCH 2010
www.ti.com
TYPICAL CHARACTERISTICS
Table 1. Table of Graphs
FIGURE
Load Current, VOUT = 1.2 V, Auto PF//PWM Mode, Linear Scale
Figure 1
Load Current, VOUT = 1.8 V, Auto PFM/PWM Mode, Linear Scale
Figure 2
h
Efficiency
Load Current, VOUT = 3.3 V, PFM/PWM Mode, Linear Scale
Figure 3
Load Current, VOUT = 1.8 V, Auto PFM/PWM Mode vs. Forced PWM
Figure 4
Mode, Logarithmic Scale
Load Current, VOUT = 1.8 V, Auto PFM/PWM Mode
Figure 5
Output Voltage Accuracy
Load Current, VOUT = 1.8 V, Forced PWM Mode
Figure 6
Shutdown Current
Input Voltage and Ambient Temperature
Figure 7
Quiescent Current
Input Voltage
Figure 8
Oscillator Frequency
Input Voltage
Figure 9
Input Voltage, Low-Side Switch
Figure 10
Static Drain-Source On-State
Resistance
Input Voltage, High-Side Switch
Figure 11
RDISCHARGE
Input Voltage vs. VOUT
Figure 12
PWM Mode, VIN = 3.6 V, VOUT = 1.8 V, 500 mA, L = 1.2 mH, COUT = 10mF
Figure 13
Typical Operation
PFM Mode, VIN = 3.6 V, VOUT = 1.8 V, 20 mA, L = 1.2 mH, COUT = 10mF
Figure 14
PWM Mode, VIN = 3.6 V, VOUT = 1.2 V, 0.2 mA to 1 A
Figure 15
Load Transient
PFM Mode, VIN = 3.6 V, VOUT = 1.2 V, 20 mA to 250 mA
Figure 16
VIN = 3.6 V, VOUT = 1.8 V, 200 mA to 1500 mA
Figure 17
PWM Mode, VIN = 3.6 V to 4.2 V, VOUT = 1.8 V, 500 mA
Figure 18
Line Transient
PFM Mode, VIN = 3.6 V to 4.2 V, VOUT = 1.8 V, 500 mA
Figure 19
Startup into Load
VIN = 3.6 V, VOUT = 1.8 V, Load = 2.2-Ω
Figure 20
Startup TPS62067
Into 2.2-
Ω Load with Power Good
Figure 21
Output Discharge
VIN = 3.6 V, VOUT = 1.8 V, No Load
Figure 22
Shutdown TPS62067
VIN = 4.2 V, VOUT = 3.3 V, No Load, PG Pullup Resistor 10 kΩ
Figure 23
6
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :TPS62065 TPS62067


Similar Part No. - CL10A106MQ8NRNC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CL10A106MQ8NRNC TI1-CL10A106MQ8NRNC Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
CL10A106MQ8NRNC TI1-CL10A106MQ8NRNC Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm SON Package
CL10A106MQ8NRNC TI1-CL10A106MQ8NRNC Datasheet
4Mb / 48P
[Old version datasheet]   4A Processor Supply with I2C Compatible Interface and Remote Sense
More results

Similar Description - CL10A106MQ8NRNC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62065DSGT TI-TLV62065DSGT Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TPS62065_1005 TI-TPS62065_1005 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI1-TLV62065 Datasheet
1,022Kb / 24P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI-TLV62065 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065DSGT TI1-TLV62065DSGT Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TPS62060 TI-TPS62060 Datasheet
825Kb / 21P
[Old version datasheet]   3-MHz 1.6A Step Down Converter in 2x2 SON Package
TPS62061 TI1-TPS62061 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 1.6A Step Down Converter in 2x2 SON Package
JANUARY2011
TPS62231-Q1 TI1-TPS62231-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI-TPS62230 Datasheet
1Mb / 28P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI-TPS62230_10 Datasheet
1Mb / 32P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com