Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS92001D Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92001D
Description  GENERAL PURPOSE LED LIGHTING PWM CONTROLLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS92001D Datasheet(HTML) 1 Page - Texas Instruments

  TPS92001D Datasheet HTML 1Page - Texas Instruments TPS92001D Datasheet HTML 2Page - Texas Instruments TPS92001D Datasheet HTML 3Page - Texas Instruments TPS92001D Datasheet HTML 4Page - Texas Instruments TPS92001D Datasheet HTML 5Page - Texas Instruments TPS92001D Datasheet HTML 6Page - Texas Instruments TPS92001D Datasheet HTML 7Page - Texas Instruments TPS92001D Datasheet HTML 8Page - Texas Instruments TPS92001D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
2
3
4
8
7
6
5
REF
VDD
GD
GND
CS
SS
RTC
RTD
TPS92001/2
Linear
Regulator
UDG-10003
TRIAC
Dimming
Control
EMI
Filter
TPS92001, TPS92002
www.ti.com
SLUSA24 – FEBRUARY 2010
GENERAL PURPOSE LED LIGHTING PWM CONTROLLER
Check for Samples: TPS92001, TPS92002
1
FEATURES
DESCRIPTION
Ideal for Single Stage Designs
The TPS92001/2 family of general LED lighting PWM
controllers
contains
control
and
drive
circuitry
Supports Isolated and Non-Isolated
required for off-line isolated or non-isolated LED
Topologies
lighting applications.
Phase-Cut TRIAC Dimmable
The controllers can support Phase Cut TRIAC
Few External Components Mode Operation
dimming with minimal external components. The
Wide Duty Cycle Range for Wide-Input Voltage
controllers can also be implemented for stage
or Dimming Range
conversion where the power factor (PF) exceeds
Convenient 5-V Reference Output
regulatory requirements for lighting. These controllers
also have an accessible 5-V reference that could be
Undervoltage Lockout for Safe Operation
used to power a microcontroller or other low power
Operation to 1-MHz
peripheral components. The controllers operate in
0.4-A Source/0.8-A Sink FET Driver
fixed frequency current mode switching with minimal
external parts count. Internally implemented circuits
Low 100-µA Startup Current
include undervoltage lockout featuring startup current
less than 100 µA, logic to ensure latched operation, a
APPLICATIONS
PWM comparator, and a totem pole output stage to
Residential LED Lighting Drivers for A19
sink or source peak current. The output stage,
E12/E26/27, GU10, MR16, PAR30/38 Integral
suitable for driving N-Channel MOSFETs, is low in
Lamps
the off state. Oscillator frequency and maximum duty
Drivers for Wall Sconces, Pathway Lighting
cycle are programmed with two resistors and a
and Overhead Lighting
capacitor.
Drivers for Wall Washing, Architectural and
The TPS92001/2 family also features full cycle soft
Display Lighting
start.
The
family
offers
UVLO
thresholds
and
hysteresis levels for off-line and DC-to-DC systems.
DEVICE
TURN-ON
TURN-OFF
The TPS92001/2 is offered in the 8-pin MSOP (DGK)
NUMBER
THRESHOLD (V)
THRESHOLD (V)
and 8-pin SOIC (D) packages. The small MSOP
TPS92001
10
package
makes
the
device
ideally
suited
for
8
TPS92002
15
applications where board space and height are at a
premium
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS92001D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92010 TI-TPS92010 Datasheet
370Kb / 19P
[Old version datasheet]   8-PIN HIGH-EFFICIENCY, OFFLINE LED LIGHTING CONTROLLER
TPS92010D TI-TPS92010D Datasheet
370Kb / 19P
[Old version datasheet]   8-PIN HIGH-EFFICIENCY, OFFLINE LED LIGHTING CONTROLLER
TPS92010DR TI-TPS92010DR Datasheet
370Kb / 19P
[Old version datasheet]   8-PIN HIGH-EFFICIENCY, OFFLINE LED LIGHTING CONTROLLER
TPS92020 TI-TPS92020 Datasheet
553Kb / 22P
[Old version datasheet]   Resonant-Switching Driver Controller for LED Lighting
TPS92020D TI-TPS92020D Datasheet
553Kb / 22P
[Old version datasheet]   Resonant-Switching Driver Controller for LED Lighting
More results

Similar Description - TPS92001D

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8805C RICHTEK-RT8805C Datasheet
380Kb / 18P
   Two Phase General Purpose PWM Controller
RT8805 RICHTEK-RT8805 Datasheet
377Kb / 15P
   Two Phase General Purpose PWM Controller
logo
Renesas Technology Corp
R2A20134SP RENESAS-R2A20134SP Datasheet
112Kb / 11P
   LED Lighting Power Controller
R2A20134SP RENESAS-R2A20134SP_15 Datasheet
112Kb / 11P
   LED Lighting Power Controller
logo
ON Semiconductor
NCL30086 ONSEMI-NCL30086 Datasheet
378Kb / 28P
   Controller for LED Lighting
February, 2015 ??Rev. 2
logo
Renesas Technology Corp
R2A20134ASP RENESAS-R2A20134ASP_16 Datasheet
735Kb / 14P
   LED Lighting Power Controller
logo
Texas Instruments
UCC28810 TI1-UCC28810_15 Datasheet
1Mb / 34P
[Old version datasheet]   LED LIGHTING POWER CONTROLLER
logo
Renesas Technology Corp
R2A20135SP RENESAS-R2A20135SP_16 Datasheet
290Kb / 12P
   LED Lighting Power Controller
R2A20134ASP RENESAS-R2A20134ASP Datasheet
734Kb / 14P
   LED Lighting Power Controller
Jan 08, 2016
R2A20134SP RENESAS-R2A20134SP_16 Datasheet
276Kb / 11P
   LED Lighting Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com