Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3019 Datasheet(PDF) 1 Page - Rohm

Part # 2SK3019
Description  2.5V Drive Nch MOS FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SK3019 Datasheet(HTML) 1 Page - Rohm

  2SK3019_2 Datasheet HTML 1Page - Rohm 2SK3019_2 Datasheet HTML 2Page - Rohm 2SK3019_2 Datasheet HTML 3Page - Rohm 2SK3019_2 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SK3019
Transistor
Rev.C
1/3
2.5V Drive Nch MOS FET
2SK3019
Structure
Silicon N-channel
MOSFET
Applications
Interfacing, switching (30V, 100mA)
Features
1) Low on-resistance.
2) Fast switching speed.
3) Low voltage drive (2.5V) makes this device ideal for
portable equipment.
4) Drive circuits can be simple.
5) Parallel use is easy.
Dimensions (Unit : mm)
(1)Source
(2)Gate
(3)Drain
EMT3
1.6
0.7
0.15
0.55
0.2
1.0
0.3
(2)
0.5
0.5
(3)
0.2
(1)
Abbreviated symbol : KN
Packaging specifications
TL
3000
2SK3019
Type
Package
Code
Basic ordering unit
(pieces)
Taping
Absolute maximum ratings (Ta=25
°C)
Parameter
Drain-source voltage
Gate-source voltage
Drain current
Total power dissipation
Channel temperature
Storage temperature
VDSS
VGSS
PD2
Tch
30
V
V
mA
mW
°C
±20
±100
ID
IDP1
Continuous
Pulsed
mA
±400
150
150
Tstg
°C
−55 to +150
Symbol
Limits
Unit
∗1 Pw≤10µs, Duty cycle≤1%
∗2 With each pin mounted on the recommended lands.
Equivalent circuit
Drain
Source
Gate
∗ Gate
Protection
Diode
∗A protection diode is included between the gate
and the source terminals to protect the diode
against static electricity when the product is in use.
Use a protection circuit when the fixed voltages
are exceeded.
Thermal resistance
Parameter
°C / W
Rth(ch-a)
Symbol
Limits
Unit
Channel to ambient
∗ With each pin mounted on the recommended lands.
833


Similar Part No. - 2SK3019_2

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
2SK3019-SOT523 YFWDIODE-2SK3019-SOT523 Datasheet
1Mb / 3P
   N-channel MOSFET
logo
Micro Commercial Compon...
2SK3019A MCC-2SK3019A Datasheet
486Kb / 4P
   N-Channel Plastic-Encapsulate Transistor
logo
Nanjing International G...
2SK3019A DGNJDZ-2SK3019A Datasheet
2Mb / 5P
   SOT-523 Plastic-Encapsulate MOSFETS
logo
Cystech Electonics Corp...
2SK3019C3 CYSTEKEC-2SK3019C3 Datasheet
327Kb / 8P
   ESD protected N-Channel Enhancement Mode MOSFET
logo
Rohm
2SK3019EB ROHM-2SK3019EB Datasheet
959Kb / 6P
   2.5V Drive Nch MOSFET
More results

Similar Description - 2SK3019_2

ManufacturerPart #DatasheetDescription
logo
Rohm
UM6K1N ROHM-UM6K1N_1 Datasheet
76Kb / 4P
   2.5V Drive NchNch MOS FET
QS5K2 ROHM-QS5K2 Datasheet
67Kb / 3P
   2.5V Drive NchNch MOS FET
QS6K1TR ROHM-QS6K1TR Datasheet
68Kb / 4P
   2.5V Drive NchNch MOS FET
UM5K1N ROHM-UM5K1N_06 Datasheet
81Kb / 4P
   2.5V Drive NchNch MOS FET
QS6K1 ROHM-QS6K1_1 Datasheet
79Kb / 4P
   2.5V Drive NchNch MOS FET
EM6K1 ROHM-EM6K1_1 Datasheet
75Kb / 4P
   2.5V Drive NchNch MOS FET
US6K1 ROHM-US6K1 Datasheet
58Kb / 3P
   2.5V Drive NchNch MOS FET
UM5K1NTR ROHM-UM5K1NTR Datasheet
72Kb / 4P
   2.5V Drive NchNch MOS FET
UM6K1NTN ROHM-UM6K1NTN Datasheet
81Kb / 4P
   2.5V Drive NchNch MOS FET
RTQ020N03 ROHM-RTQ020N03 Datasheet
66Kb / 3P
   2.5V Drive Nch MOS FET
2SK3019TL ROHM-2SK3019TL Datasheet
78Kb / 4P
   2.5V Drive Nch MOS FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com