Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA00DD0WT Datasheet(PDF) 3 Page - Rohm

Part # BA00DD0WT
Description  Standard Variable Output LDO Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA00DD0WT Datasheet(HTML) 3 Page - Rohm

  BA00DD0WT Datasheet HTML 1Page - Rohm BA00DD0WT Datasheet HTML 2Page - Rohm BA00DD0WT Datasheet HTML 3Page - Rohm BA00DD0WT Datasheet HTML 4Page - Rohm BA00DD0WT Datasheet HTML 5Page - Rohm BA00DD0WT Datasheet HTML 6Page - Rohm BA00DD0WT Datasheet HTML 7Page - Rohm BA00DD0WT Datasheet HTML 8Page - Rohm BA00DD0WT Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Technical Note
BA00DD0WCP-V5,BA00DD0WHFP,BA00DD0WT,
BA00CC0WT,BA00CC0WT-V5,BA00CC0WCP-V5,BA00CC0WFP
3/9
www.rohm.com
2010.02 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
2.0
2.5
3.0
3.5
4.0
4.5
-40
-20
0
20
40
60
80
100
120
AMBIENT TEMPERATURE:Ta[℃]
0
1
2
3
4
5
6
7
8
0
2
4
6
8
1012
1416
182022
24
CONTROL VOLTAGE:VCTL[V]
0
1
1
2
2
3
3
4
4
0
5
10
15
20
25
30
35
40
SUPPLY VOLTAGE:Vcc[V]
0
1
1
2
2
3
3
4
4
130
140
150
160
170
180
190
AMBIENT TEMPERATURE:Ta[℃]
0
50
100
150
200
0
100 200 300 400 500 600 700 800 900 1000
OUTPUT CURRENT:Io[mA]
0
100
200
300
400
500
600
700
800
900
1000
0
2
4
6
8
1012
1416
1820
CONTROL VOLTAGE:VCTL[V]
Fig.7 Output Voltage
Fig.8 Circuit Current by load Level
Fig.9 CTL Voltage vs. CTL Current
Temperature Characteristics
(IOUT=0mA→1A)
Fig.3 Input Stability
Fig.1 Circuit current
Fig.2 Input Stability
Io=500mA)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
02
46
8
10
12
14
16
18
20
SUPPLY VOLTAGE:VCC[V]
0.0
1.0
2.0
3.0
4.0
0
2
4
6
8
10
12
14
16
18
20
SUPPLY VOLTAGE:VCC[V]
0.0
1.0
2.0
3.0
4.0
0
2
4
6
8
10
12
14
16
18
20
SUPPLY VOLTAGE:VCC[V]
Reference Data BA00CC0□□(3.3V preset voltage)
(Unless specified otherwise, Vcc=10V, VOUT=3.3V preset, VCTL=3V, Io=0mA, R1=2.2kΩ, and R2=6.8kΩ)
0
100
200
300
400
500
600
0
100 200 300 400 500 600 700 800 900 1000
OUTPUT CURRENT:Io[mA]
0
10
20
30
40
50
60
70
80
10
1000
100000
FREQUENCY:f[Hz]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
200 400 600 800 1000 1200 1400 1600 1800 2000
OUTPUT CURRENT:Io[mA]
Fig.6 Ripple Rejection Characteristics
Io=100mA)
1000k
Fig.5 Input/Output Voltage Difference
Fig.4 Load Stability
Io-ΔVd Characteristics(Vcc=2.95V)
100k
10k
1k
100
Fig.10 CTL Voltage vs. Output Voltage
Fig.11 Overvoltage Operating
Fig.12 Thermal Shutdown
Circuit Characteristics
Characteristics (Io=200mA)


Similar Part No. - BA00DD0WT

ManufacturerPart #DatasheetDescription
logo
Rohm
BA00DD0WT-E2 ROHM-BA00DD0WT-E2 Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
BA00DD0WT-TR ROHM-BA00DD0WT-TR Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
BA00DD0WT-V5 ROHM-BA00DD0WT-V5 Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
BA00DD0WTE2 ROHM-BA00DD0WTE2 Datasheet
528Kb / 20P
   2A/1A Variable Output
BA00DD0WTTR ROHM-BA00DD0WTTR Datasheet
528Kb / 20P
   2A/1A Variable Output
More results

Similar Description - BA00DD0WT

ManufacturerPart #DatasheetDescription
logo
Rohm
BD00C0AWFP ROHM-BD00C0AWFP Datasheet
391Kb / 12P
   1A Standard Variable Output LDO Regulators
BA00DD0WCP-V5 ROHM-BA00DD0WCP-V5_11 Datasheet
320Kb / 10P
   Standard Variable Output LDO Regulators with Shutdown Switch
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BD00HC5WEFJ ROHM-BD00HC5WEFJ_13 Datasheet
494Kb / 22P
   1.5A Variable / Fixed Output LDO Regulators
BA3259HFP ROHM-BA3259HFP_12 Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
BD00HA3WEFJ ROHM-BD00HA3WEFJ_13 Datasheet
522Kb / 22P
   300mA Variable Fixed Output LDO Regulators
BDXXGA3WEFJ ROHM-BDXXGA3WEFJ Datasheet
858Kb / 23P
   300mA Variable / Fixed Output LDO Regulators
17.May.2013 Rev.004
BDXXGA5WEFJ ROHM-BDXXGA5WEFJ Datasheet
565Kb / 22P
   500mA Variable / Fixed Output LDO Regulators
7.Feb.2013 Rev.002
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00HC5WEFJ ROHM-BD00HC5WEFJ_12 Datasheet
494Kb / 22P
   1.5A Variable Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com