Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA829 Datasheet(PDF) 7 Page - Rohm

Part # BA829
Description  Serial / Parallel 5-input Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA829 Datasheet(HTML) 7 Page - Rohm

  BA829 Datasheet HTML 1Page - Rohm BA829 Datasheet HTML 2Page - Rohm BA829 Datasheet HTML 3Page - Rohm BA829 Datasheet HTML 4Page - Rohm BA829 Datasheet HTML 5Page - Rohm BA829 Datasheet HTML 6Page - Rohm BA829 Datasheet HTML 7Page - Rohm BA829 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
BA829
Technical Note
7/7
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Ordering part number
B
D
8
2
9
Part No.
Part No.
Package
None:DIP18
Packaging and forming specification
None: Tube
(Unit : mm)
DIP18
22.9
±0.3
2.54
0.5
±0.1
0
°−15°
7.62
0.3
±0.1
19
18
10
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Tube
Container
Quantity
Direction of feed
1000pcs
Direction of products is fixed in a container tube


Similar Part No. - BA829

ManufacturerPart #DatasheetDescription
logo
Rohm
BA829 ROHM-BA829 Datasheet
81Kb / 7P
   8-bit, serial IN, parallel OUT driver
BA82901YF-C ROHM-BA82901YF-C Datasheet
2Mb / 31P
   Automotive Excellent EMI Characteristics Ground Sense Comparators
26.Jun.2018 Rev.001
BA82901YF-CE2 ROHM-BA82901YF-CE2 Datasheet
2Mb / 31P
   Automotive Excellent EMI Characteristics Ground Sense Comparators
26.Jun.2018 Rev.001
BA82901YFV-C ROHM-BA82901YFV-C Datasheet
2Mb / 31P
   Automotive Excellent EMI Characteristics Ground Sense Comparators
26.Jun.2018 Rev.001
BA82901YFV-CE2 ROHM-BA82901YFV-CE2 Datasheet
2Mb / 31P
   Automotive Excellent EMI Characteristics Ground Sense Comparators
26.Jun.2018 Rev.001
More results

Similar Description - BA829

ManufacturerPart #DatasheetDescription
logo
Rohm
BA823F ROHM-BA823F_09 Datasheet
326Kb / 9P
   Serial-Parallel 3-input Driver
logo
Toshiba Semiconductor
TD6337P TOSHIBA-TD6337P Datasheet
236Kb / 6P
   10BIT SERIAL-INPUT/PARALLEL OUTPUT DRIVER
logo
Rohm
BA823F ROHM-BA823F Datasheet
152Kb / 6P
   8-Bit Serial-Input Parallel-Output Driver
logo
Toshiba Semiconductor
TD6338P TOSHIBA-TD6338P Datasheet
235Kb / 6P
   Bi-CMOS 10 BIT SERIAL-INPUT/PARALLEL OUTPUT DRIVER
logo
Rohm
BU2050F ROHM-BU2050F_1 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
BD7851FP-E2 ROHM-BD7851FP-E2 Datasheet
451Kb / 25P
   Serial / Parallel 4-input Drivers
BU2050F ROHM-BU2050F_09 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
BU2098F ROHM-BU2098F_09 Datasheet
299Kb / 13P
   Serial / Parallel 2-input Drivers
logo
System Logic Semiconduc...
SL74HC164 SLS-SL74HC164 Datasheet
50Kb / 5P
   8-Bit Serial-Input/Parallel-Output8-Bit Serial-Input/Parallel-Output Shift Register
logo
STMicroelectronics
M8438A STMICROELECTRONICS-M8438A Datasheet
301Kb / 7P
   SERIAL INPUT LCD DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com