Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA3258HFP Datasheet(PDF) 5 Page - Rohm

Part # BA3258HFP
Description  Dual-output Secondary Fixed Output LDO Regulators for Local Power Supplies
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3258HFP Datasheet(HTML) 5 Page - Rohm

  BA3258HFP_09 Datasheet HTML 1Page - Rohm BA3258HFP_09 Datasheet HTML 2Page - Rohm BA3258HFP_09 Datasheet HTML 3Page - Rohm BA3258HFP_09 Datasheet HTML 4Page - Rohm BA3258HFP_09 Datasheet HTML 5Page - Rohm BA3258HFP_09 Datasheet HTML 6Page - Rohm BA3258HFP_09 Datasheet HTML 7Page - Rohm BA3258HFP_09 Datasheet HTML 8Page - Rohm BA3258HFP_09 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
BA3258HFP, BA33D15HFP, BA33D18HFP
Technical Note
5/8
www.rohm.co
2009.04 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Block Diagrams / Standard Example Application Circuits
BA3258HFP
Fig.25 BA3258HFP Block Diagram
BA33D□□ Series
Pin No.
Pin name
Function
1
Vcc
Power supply pin
2
N.C.
N.C. pin
3
GND
GND pin
4
Vo1
3.3
V output pin
5
Vo2
1.5
V/1.8 V output pin
FIN
GND
GND pin
*The N.C. pin is not electrically connected internally
Fig.26 BA33D□□ Series Block Diagram
Input / Output Equivalent Circuits
BA3258HFP
BA33D□□ Series
Fig. 27 BA3258HFP Input / Output Equivalent Circuit
Fig. 28 BA33D□□ Series
Equivalent Circuit Diagrams
Pin No.
Pin name
Function
1
Vcc
Power supply pin
2
V02_S
Output voltage monitor
pin
3
GND
GND pin
4
Vo2
1.5
V output pin
5
Vo1
3.3
V output pin
FIN
GND
GND pin
Vcc
Vo1/Vo2
Vcc
Vo1
Vcc
Vo2
Vo2_S
TOP VIEW
VREF
Current
Limit
Thermal
Shutdown
Current
Limit
VO1
VO2
GND
3.3V
1
F
1.5V
1
F
3.3
F
VIN
CO1
CO2
CIN
1
2
5
4
FIN
V02_S
Vcc
3
GND
Reference
Voltage
Current
Limit
Sat.
Prevention
Current
Limit
Sat.
Prevention
Thermal
Shut Down
GND(Fin)
Vcc
Vcc
Vcc
Vcc
Vcc
Vo2
GND
Vo1
N.C.
1
2
3
4
5
1
F
Co
Co
10
F
10
F
HRP5
PIN
External capacitor
setting range
Vcc (1 Pin)
Approximately 3.3
F
Vo1 (5 Pin)
1
F to 1000 F
Vo2 (4 Pin)
1
F to 1000 F
TOP VIEW
HRP5
PIN
External capacitor
setting range
Vcc (1 Pin)
Approximately 3.3
F
Vo1 (4 Pin)
10
F to 1000 F
Vo2 (5 Pin)
10
F to 1000 F
1 2 3 4 5
1 2 3 4 5


Similar Part No. - BA3258HFP_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3258HFP-TR ROHM-BA3258HFP-TR Datasheet
407Kb / 18P
   Dual Output Fixed Output LDO Regulators
BA3258HFP ROHM-BA3258HFP_11 Datasheet
307Kb / 9P
   Dual Output Secondary Fixed Output LDO Regulators
More results

Similar Description - BA3258HFP_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3259HFP ROHM-BA3259HFP_09 Datasheet
383Kb / 10P
   Dual-output Secondary Fixed/Variable Output LDO Regulators for Local Power Supplies
BD00HC5WEFJ ROHM-BD00HC5WEFJ Datasheet
492Kb / 12P
   1.5A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA3WEFJ ROHM-BD00GA3WEFJ Datasheet
523Kb / 12P
   300mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA5WEFJ ROHM-BD00GA5WEFJ Datasheet
463Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HC0WEFJ ROHM-BD00HC0WEFJ Datasheet
491Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HA5WEFJ ROHM-BD00HA5WEFJ Datasheet
457Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GC0WEFJ ROHM-BD00GC0WEFJ Datasheet
543Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HA3WEFJ ROHM-BD00HA3WEFJ Datasheet
513Kb / 12P
   300mA Secondary Variable Output LDO Regulators for Local Power Supplies
BA3258HFP ROHM-BA3258HFP_11 Datasheet
307Kb / 9P
   Dual Output Secondary Fixed Output LDO Regulators
BA15JC5WT ROHM-BA15JC5WT Datasheet
351Kb / 11P
   Secondary Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com