Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA3472F Datasheet(PDF) 9 Page - Rohm

Part # BA3472F
Description  Operational Amplifiers: High Speed
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3472F Datasheet(HTML) 9 Page - Rohm

Back Button BA3472F_09 Datasheet HTML 2Page - Rohm BA3472F_09 Datasheet HTML 3Page - Rohm BA3472F_09 Datasheet HTML 4Page - Rohm BA3472F_09 Datasheet HTML 5Page - Rohm BA3472F_09 Datasheet HTML 6Page - Rohm BA3472F_09 Datasheet HTML 7Page - Rohm BA3472F_09 Datasheet HTML 8Page - Rohm BA3472F_09 Datasheet HTML 9Page - Rohm BA3472F_09 Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
BA3472F,BA3472FV,BA3472FVM
Technical Note
9/9
www.rohm.com
2009.11 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
(Unit : mm)
MSOP8
0.08 S
S
8
3
1
6
2.9
±0.1
0.475
4
5
7
(MAX 3.25 include BURR)
2
1PIN MARK
0.65
0.22
+0.05
–0.04
0.145
+0.05
–0.03
4
°
+6°
−4°
Direction of feed
Reel
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper right when you hold
reel on the left hand and you pull out the tape on the right hand
3000pcs
TR
()
1pin


Similar Part No. - BA3472F_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3472F-E2 ROHM-BA3472F-E2 Datasheet
615Kb / 41P
   High Speed with High Voltage Operational Amplifiers
BA3472F-E2 ROHM-BA3472F-E2 Datasheet
694Kb / 32P
   High Speed with High Voltage Operational Amplifiers
BA3472F-E2 ROHM-BA3472F-E2 Datasheet
1Mb / 40P
   High Speed with High Voltage Operational Amplifiers
BA3472FE2 ROHM-BA3472FE2 Datasheet
694Kb / 32P
   High Speed with High Voltage Operational Amplifiers
BA3472FJ ROHM-BA3472FJ Datasheet
1Mb / 40P
   High Speed with High Voltage Operational Amplifiers
More results

Similar Description - BA3472F_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3472YFC ROHM-BA3472YFC Datasheet
659Kb / 32P
   Automotive High Speed Operational Amplifiers
BA3472YFV-C ROHM-BA3472YFV-C Datasheet
750Kb / 32P
   Automotive High Speed Operational Amplifiers
logo
STMicroelectronics
TS272C STMICROELECTRONICS-TS272C Datasheet
216Kb / 9P
   HIGH SPEED CMOS DUAL OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA132 TI1-OPA132 Datasheet
1Mb / 30P
[Old version datasheet]   High-Speed FET-Input Operational Amplifiers
logo
Burr-Brown (TI)
OPA132 BURR-BROWN-OPA132_04 Datasheet
576Kb / 14P
   High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TS274 STMICROELECTRONICS-TS274 Datasheet
198Kb / 15P
   HIGH SPEED CMOS QUAD OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA132 BURR-BROWN-OPA132 Datasheet
998Kb / 7P
   High Speed FET-INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA627 TI1-OPA627 Datasheet
1Mb / 37P
[Old version datasheet]   Precision High-Speed Difet Operational Amplifiers
logo
STMicroelectronics
TS274C STMICROELECTRONICS-TS274C Datasheet
90Kb / 8P
   HIGH SPEED CMOS QUAD OPERATIONAL AMPLIFIERS
TS512 STMICROELECTRONICS-TS512 Datasheet
54Kb / 7P
   HIGH SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com