Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA6246 Datasheet(PDF) 6 Page - Rohm

Part # BA6246
Description  Reversible motor drivers (for two motors series)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6246 Datasheet(HTML) 6 Page - Rohm

Back Button BA6246_09 Datasheet HTML 2Page - Rohm BA6246_09 Datasheet HTML 3Page - Rohm BA6246_09 Datasheet HTML 4Page - Rohm BA6246_09 Datasheet HTML 5Page - Rohm BA6246_09 Datasheet HTML 6Page - Rohm BA6246_09 Datasheet HTML 7Page - Rohm BA6246_09 Datasheet HTML 8Page - Rohm BA6246_09 Datasheet HTML 9Page - Rohm BA6246_09 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Technical Note
6/15
BA6246, BA6246N, BA6247FP-Y, BA6239A, BA6238A, BA6238AN
www.rohm.com
2009.04 - Rev.A
c
2009 ROHM Co., Ltd. All rights reserved.
Block diagram and pin configuration
BA6246 / BA6246N
Fig.25 BA6246 / BA6246N
Table 1 BA6246 / BA6246N
Pin
Name
Function
1
GND
GND
2
OUT2
Driver output
3
OUT3
Driver output
4
IN1
Control input
5
IN2
Control input
6
IN3
Control input
7
VCC1
Power supply (small signal)
8
VR
Reference voltage setting pin
9
VCC2
Power supply (driver stage)
10
OUT1
Driver output
R3
C4
C1
R2
R1
C5
1
8
7
9
3
10
2
4
5
6
CTRL
TSD
IN1
IN2
IN3
VCC2
VCC1
VR
GND
OUT2
OUT1
OUT3
M
M
C2
C3
Fig.26 BA6246 (HSIP10)
Fig.27 BA6246N (SIP10)


Similar Part No. - BA6246_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6246N ROHM-BA6246N Datasheet
275Kb / 5P
   Reversible motor driver for 2 motors
BA6246N ROHM-BA6246N Datasheet
121Kb / 6P
   Reversible motor driver
More results

Similar Description - BA6246_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6247FP-Y ROHM-BA6247FP-Y_11 Datasheet
265Kb / 12P
   1.0A or More Reversible Motor Drivers (2 Motors)
BA6247FP-Y ROHM-BA6247FP-Y Datasheet
283Kb / 5P
   Reversible Motor Driver for 2 motors
BA6246N ROHM-BA6246N Datasheet
275Kb / 5P
   Reversible motor driver for 2 motors
BA6238A ROHM-BA6238A_1 Datasheet
282Kb / 5P
   Reversible Motor Driver for 2 motors
BA6246 ROHM-BA6246 Datasheet
278Kb / 5P
   Reversible Motor Driver for 2 motors
BA6239A ROHM-BA6239A Datasheet
272Kb / 5P
   Reversible Motor Driver for 2 motors
BA6238AN ROHM-BA6238AN Datasheet
276Kb / 5P
   Reversible Motor Driver for 2 motors
BA6956AN ROHM-BA6956AN_09 Datasheet
377Kb / 16P
   Reversible motor drivers (1A series)
BH6578FVM ROHM-BH6578FVM_09 Datasheet
296Kb / 9P
   Reversible Motor Drivers for Output 0.5A 1 Motor
BA6956AN ROHM-BA6956AN_11 Datasheet
335Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com