Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

BA6247FP-Y Datasheet(PDF) 10 Page - Rohm

Part No. BA6247FP-Y
Description  Reversible motor drivers (for two motors series)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6247FP-Y Datasheet(HTML) 10 Page - Rohm

Back Button BA6247FP-Y Datasheet HTML 6Page - Rohm BA6247FP-Y Datasheet HTML 7Page - Rohm BA6247FP-Y Datasheet HTML 8Page - Rohm BA6247FP-Y Datasheet HTML 9Page - Rohm BA6247FP-Y Datasheet HTML 10Page - Rohm BA6247FP-Y Datasheet HTML 11Page - Rohm BA6247FP-Y Datasheet HTML 12Page - Rohm BA6247FP-Y Datasheet HTML 13Page - Rohm BA6247FP-Y Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Technical Note
10/15
BA6246, BA6246N, BA6247FP-Y, BA6239A, BA6238A, BA6238AN
www.rohm.com
2009.04 - Rev.A
c
2009 ROHM Co., Ltd. All rights reserved.
External application components
1) Resistor for the current limitation, R1
This is a current limiting resistor for collector loss reduction and at the time of short-circuited output. It depends on the
power supply voltage used, etc., but choose resistance of about 5 to 10Ω. In addition, set resistance with utmost care
to voltage drop caused by inrush current that flows when the motor is started.
2) Resistors and zener diode for the output high voltage setting, R2, R3 and ZD
These are the resistors and zener diode used when output high voltage is set. Zener diode ZD is recommended to be
used instead of resistor R3 when the power supply voltage is unstable for BA6246/N, BA6247FP-Y and BA6238A/AN.
3) Stabilization capacitor for the power supply line, C1
Please connect the capacitor of 1μF to 100μF for the stabilization of the power supply line, and confirm the motor
operation.
4) Phase compensating capacitor, C2, C3, C4, C5
Noise is generated in output pins or oscillation results in accord with the set mounting state such as power supply
circuit, motor characteristics, PCB pattern artwork, etc. As noise oscillation measures, connect 0.01μF to 0.1μF
capacitors.
Functional descriptions
1) Operation modes
Table 5 Logic table, BA6246 / BA6246N
IN1
IN2
IN3
OUT1
OUT2
OUT3
OPERATION
L
L
L
L
L
L
Brake (stop)
H
H
L
L
H
L
OPEN*
Motor 1, forward (OUT1 > OUT2)
H
L
H
OPEN*
Motor 1, reverse (OUT2 > OUT1)
L
H
L
H
OPEN*
L
Motor 2, forward (OUT1 > OUT3)
H
L
OPEN*
H
Motor 2, reverse (OUT3 > OUT1)
H
H
L
OPEN*
OPEN*
OPEN*
Stop (idling)
H
* OPEN is the off state of all output transistors. Please note that this is the state of the connected diodes, which differs from that of the mechanical relay.
Table 6 Logic table, BA6247FP-Y / BA6239A / BA6238A / BA6238AN
IN1
IN2
IN3
OUT1
OUT2
OUT3
OPERATION
L
L
L
L
L
L
Brake (stop)
H
H
L
L
H
L
OPEN*
Motor 1, forward (OUT1 > OUT2)
H
L
H
OPEN*
Motor 1, reverse (OUT2 > OUT1)
L
H
L
H
OPEN*
L
Motor 2, forward (OUT1 > OUT3)
H
L
OPEN*
H
Motor 2, reverse (OUT3 > OUT1)
H
H
L
L
L
L
Brake (stop)
H
* OPEN is the off state of all output transistors. Please note that this is the state of the connected diodes, which differs from that of the mechanical relay.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn