Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

BA6247FP-Y Datasheet(PDF) 3 Page - Rohm

Part No. BA6247FP-Y
Description  Reversible motor drivers (for two motors series)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6247FP-Y Datasheet(HTML) 3 Page - Rohm

  BA6247FP-Y Datasheet HTML 1Page - Rohm BA6247FP-Y Datasheet HTML 2Page - Rohm BA6247FP-Y Datasheet HTML 3Page - Rohm BA6247FP-Y Datasheet HTML 4Page - Rohm BA6247FP-Y Datasheet HTML 5Page - Rohm BA6247FP-Y Datasheet HTML 6Page - Rohm BA6247FP-Y Datasheet HTML 7Page - Rohm BA6247FP-Y Datasheet HTML 8Page - Rohm BA6247FP-Y Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Technical Note
3/15
BA6246, BA6246N, BA6247FP-Y, BA6239A, BA6238A, BA6238AN
www.rohm.com
2009.04 - Rev.A
c
2009 ROHM Co., Ltd. All rights reserved.
Electrical characteristics (BA6239A, unless otherwise specified, Ta=25°C and VCC1=VCC2=12V)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Supply current
ICC
-
12
24
mA
IN1, IN2, IN3=L, RL=∞
Input threshold voltage H
VIH
4.0
-
-
V
Input threshold voltage L
VIL
-
-
1.0
V
Output voltage H
VOH
10.5
11.2
-
V
RL=100Ω
Output voltage L
VOL
-
0.8
1.5
V
RL=100Ω
Output leak current
IOL
-
-
1
mA
IN1, IN2, IN3=L, RL=∞, VCC2 current
Electrical characteristics (BA6238A, unless otherwise specified, Ta=25°C and VCC1=VCC2=12V)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Supply current
ICC
-
12
24
mA
IN1, IN2, IN3=L, RL=∞
Input threshold voltage H
VIH
4.0
-
-
V
Input threshold voltage L
VIL
-
-
1.0
V
Output voltage H
VOH
10.0
10.5
-
V
IO=0.5A, VR=OPEN
Output voltage L
VOL
-
0.8
1.5
V
IO=0.5A, VR=OPEN
Output leak current
IOL
-
-
1
mA
IN1, IN2, IN3=L, RL=∞, VCC2 current
Output offset voltage
VOFS
-0.5
0
0.5
V
VR=6V, IO=0.5A, VOH-VR
VR bias current
I8
0.2
0.6
1.5
mA
VR=6V, IO=0.5A
Electrical characteristics (BA6238AN, unless otherwise specified, Ta=25°C and VCC1=VCC2=12V)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Supply current
ICC
-
12
24
mA
IN1, IN2, IN3=L, RL=∞
Input threshold voltage H
VIH
4.0
-
-
V
Input threshold voltage L
VIL
-
-
1.0
V
Output voltage H
VOH
10.0
10.5
-
V
IO=0.5A, VR=OPEN
Output voltage L
VOL
-
0.8
1.5
V
IO=0.5A, VR=OPEN
Output leak current
IOL
-
-
1
mA
IN1, IN2, IN3=L, RL=∞, VCC2 current
Output offset voltage
VOFS
-0.5
0
0.5
V
VR=6V, IO=0.5A, VOH-VR
VR bias current
I8
0.2
0.6
1.5
mA
VR=6V, IO=0.5A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn