Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA6920FP-Y Datasheet(PDF) 3 Page - Rohm

Part # BA6920FP-Y
Description  DC Brush Motor Driver for Paper Feed or Carriage Use
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6920FP-Y Datasheet(HTML) 3 Page - Rohm

  BA6920FP-Y_05 Datasheet HTML 1Page - Rohm BA6920FP-Y_05 Datasheet HTML 2Page - Rohm BA6920FP-Y_05 Datasheet HTML 3Page - Rohm BA6920FP-Y_05 Datasheet HTML 4Page - Rohm BA6920FP-Y_05 Datasheet HTML 5Page - Rohm BA6920FP-Y_05 Datasheet HTML 6Page - Rohm BA6920FP-Y_05 Datasheet HTML 7Page - Rohm BA6920FP-Y_05 Datasheet HTML 8Page - Rohm BA6920FP-Y_05 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/8
Reference data
Pin assignment
BA6219BFP-Y
BA6920FP-Y
Fig.10
Fig.11
Fig. 3 Circuit current 3 (Brake)
(BA6219BFP-Y)
Fig. 1 Circuit current 1 (Standby)
(BA6219BFP-Y)
Fig. 2 Circuit current 2 (Reverse rotation)
(BA6219BFP-Y)
0
0.5
1
1.5
2
8
10
1214
1618
Supply Voltage:Vcc[v]
25℃
75℃
-25℃
IN1=IN2=L
VCC1=VCC2
0
5
10
15
20
25
30
8
1012
141618
Supply Voltage :Vcc[v]
25℃
75℃
-25℃
IN1=L, IN2=H
VCC1=VCC2
0
10
20
30
40
8
1012
141618
Supply Voltage:Vcc[v]
25℃
75℃
-25℃
IN1=IN2=H
VCC1=VCC2
Fig. 6 High Output vs Output Current
(BA6219BFP-Y)
Fig. 5 Circuit current 2 (Brake)
(BA6920FP-Y)
Fig. 4 Circuit current 1 (Forward rotation)
(BA6920FP-Y)
0
3
6
9
12
15
5
10
152025
3035
Supply Voltage:Vcc[v]
85℃
-30℃
25℃
FIN=H, RIN=L
VCC=VM
0
3
6
9
12
15
5
10
152025
3035
Supply Voltage:Vcc[v]
25℃
-30℃
85℃
FIN=H, RIN=H
VCC=VM
6.5
6.75
7
7.25
7.5
0
0.5
1
1.5
2
Output Current:Iout[A]
25℃
75℃
-25℃
VCC1= VCC2=12V
VREF=6.8V
Fig. 9 Low Output vs Output Current
(BA6920AFP-Y)
Fig. 7 High Output vs Output Current
(BA6920BFP-Y)
Fig. 8 Low Output vs Output Current
(BA6219BFP-Y)
-2.1
-1.7
-1.3
-0.9
-0.5
-0.1
0
0.2
0.4
0.6
0.8
1
Output Current:Iout[A]
85℃
25℃
-30℃
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
0.2
0.4
0.6
0.8
1
Output Current:Iout[A]
75℃
25℃
-30℃
0.0
0.4
0.8
1.2
1.6
2.0
2.4
00.511.5
2
Output Current:Iout[A]
75℃
25℃
-25℃
VCC1=VCC2=12V
VREF=5V


Similar Part No. - BA6920FP-Y_05

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6920FP-YE2 ROHM-BA6920FP-YE2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6920FP-Y ROHM-BA6920FP-Y_1 Datasheet
160Kb / 5P
   Motor driver with DC brush
More results

Similar Description - BA6920FP-Y_05

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6222HFP ROHM-BD6222HFP Datasheet
267Kb / 5P
   H-bridge driver for DC brush motor
BD6211F ROHM-BD6211F Datasheet
265Kb / 5P
   H-bridge driver for DC brush motor
BD6210F ROHM-BD6210F Datasheet
266Kb / 5P
   H-bridge driver for DC brush motor
BD6220F ROHM-BD6220F Datasheet
267Kb / 5P
   H-bridge driver for DC brush motor
BD6232HFP ROHM-BD6232HFP Datasheet
238Kb / 3P
   H-bridge driver for DC brush motor
BA6920FP-Y ROHM-BA6920FP-Y_1 Datasheet
160Kb / 5P
   Motor driver with DC brush
logo
Shenzhen Huazhimei Semi...
HM2572 HMSEMI-HM2572 Datasheet
1Mb / 14P
   Brush type DC motor driver
logo
Rohm
BD6211HFP ROHM-BD6211HFP Datasheet
266Kb / 5P
   H-bridge driver for DC brush motor
BD6212HFP ROHM-BD6212HFP Datasheet
266Kb / 5P
   H-bridge driver for DC brush motor
BD6222FP ROHM-BD6222FP Datasheet
238Kb / 3P
   H-bridge driver for DC brush motor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com