Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA6950FS Datasheet(PDF) 4 Page - Rohm

Part # BA6950FS
Description  Reversible Motor Drivers for 0.8A or less (1 Motor)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6950FS Datasheet(HTML) 4 Page - Rohm

  BA6950FS_10 Datasheet HTML 1Page - Rohm BA6950FS_10 Datasheet HTML 2Page - Rohm BA6950FS_10 Datasheet HTML 3Page - Rohm BA6950FS_10 Datasheet HTML 4Page - Rohm BA6950FS_10 Datasheet HTML 5Page - Rohm BA6950FS_10 Datasheet HTML 6Page - Rohm BA6950FS_10 Datasheet HTML 7Page - Rohm BA6950FS_10 Datasheet HTML 8Page - Rohm BA6950FS_10 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Technical Note
4/9
BA6950FS, BA6951FS
www.rohm.com
2010.02 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
Block diagram and pin configuration
BA6950FS
Fig.13 BA6950FS
Table 1 BA6950FS
Pin
Name
Function
1
GND
GND
2
VCTL
Control input
3
RC
Control gain setting
4
PCT
CTL amp phase compensation
5
RIN
Control input (reverse)
6
VB
Power supply (driver stage)
7
M1
Driver output
8
ATC
Current sense pin
9
M2
Driver output
10
FIN
Control input (forward)
11
PC
Phase compensation
12
VCC
Power supply (small signal)
13
CS1
CS amp gain setting
14
CS2
CS amp gain setting
15
RT2
CTL amp gain setting
16
RT1
CTL amp gain setting
6
10
5
CTRL
FIN
RIN
VB
TSD
7
9
M2
M1
M
3
2
VCTL
4
R1
C1
1
GND
14
R4
8
15
16
RT2
RT1
CS2
PCT
RC
13
CS1
R2
R3
11
C2
PC
12
VCC
VCC
CTRL
AMP
CS
AMP
PRE
DRIVER
ATC
x4
R5
C3
C5
C6
C4
GND
VCTL
RC
PCT
RIN
VB
M1
ATC
RT1
RT2
CS2
CS1
VCC
PC
FIN
M2
Fig.14 BA6950FS (SSOP-A16)


Similar Part No. - BA6950FS_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6950FS ROHM-BA6950FS_1 Datasheet
308Kb / 5P
   Reversible Motor Driver
BA6950FS ROHM-BA6950FS_11 Datasheet
307Kb / 11P
   0.5A or Less Reversible Motor Driver (Single Motor)
More results

Similar Description - BA6950FS_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BH6578FVM ROHM-BH6578FVM_15 Datasheet
1Mb / 17P
   0.5 Amp or Less Reversible Motor Drivers (Single Motor)
BD7931F-E2 ROHM-BD7931F-E2 Datasheet
396Kb / 11P
   0.5A or Less Reversible Motor Drivers (Single Moter)
BH6578FVM ROHM-BH6578FVM_11 Datasheet
253Kb / 9P
   0.5A or Less Reversible Motor Drivers (Single Moter)
BA6950FS ROHM-BA6950FS_11 Datasheet
307Kb / 11P
   0.5A or Less Reversible Motor Driver (Single Motor)
BH6578FVM ROHM-BH6578FVM_09 Datasheet
296Kb / 9P
   Reversible Motor Drivers for Output 0.5A 1 Motor
BA6219BFP ROHM-BA6219BFP Datasheet
419Kb / 13P
   2.0A or More Reversible Motor Drivers (Single Motor)
BA6219BFP-Y ROHM-BA6219BFP-Y_11 Datasheet
278Kb / 11P
   2.0A or More Reversible Motor Drivers (Single Motor)
BA6956AN ROHM-BA6956AN_11 Datasheet
335Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6287F-E2 ROHM-BA6287F-E2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6920FP-YE2 ROHM-BA6920FP-YE2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com