Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA7622F Datasheet(PDF) 6 Page - Rohm

Part # BA7622F
Description  Standard 3-output Video Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7622F Datasheet(HTML) 6 Page - Rohm

Back Button BA7622F_09 Datasheet HTML 2Page - Rohm BA7622F_09 Datasheet HTML 3Page - Rohm BA7622F_09 Datasheet HTML 4Page - Rohm BA7622F_09 Datasheet HTML 5Page - Rohm BA7622F_09 Datasheet HTML 6Page - Rohm BA7622F_09 Datasheet HTML 7Page - Rohm BA7622F_09 Datasheet HTML 8Page - Rohm BA7622F_09 Datasheet HTML 9Page - Rohm BA7622F_09 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
BA7622F, BA7623F
Technical Note
6/16
www.rohm.com
2009.04 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
●Pin descriptions (1/2)
BA7622F
Pin
No.
Pin
name
IN
OUT
Typical
voltage
Equivalent Circuit
Function
1
GND
0V
GND terminal
2
IN1
1.4V
Clamp input pin
Inputs a video signal or
Y/C separated Y signal.
3
IN2
1.4V
Clamp input pin
Inputs a video signal or
Y/C separated Y signal.
4
IN3
2.7V
Bias input pin
Inputs a chroma signal.
GND
GND
Q1
N
Vcc
Q2
N
100µA
IN1,IN2
Q1
N
Vcc
Q2
N
100µA
IN1,IN2
Q1
N
Vcc
Q2
N
100µA
IN1,IN2
20k
10k


Similar Part No. - BA7622F_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7622F ROHM-BA7622F Datasheet
77Kb / 7P
   75??driver IC with 3 internal circuits
More results

Similar Description - BA7622F_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BH7600AFS ROHM-BH7600AFS_09 Datasheet
377Kb / 17P
   Wide Band 3-output Video Driver
logo
Savitech Corp.
SV5104C SAVITECH-SV5104C Datasheet
213Kb / 8P
   Standard Definition Video Driver
SV5108 SAVITECH-SV5108 Datasheet
382Kb / 9P
   Standard Definition Video Driver
SV5108B SAVITECH-SV5108B Datasheet
333Kb / 8P
   Standard Definition Video Driver
logo
Guangdong Kexin Industr...
2SA1724 KEXIN-2SA1724 Datasheet
374Kb / 3P
   Video Output Driver Applications
logo
New Japan Radio
NJM2504 NJRC-NJM2504 Datasheet
117Kb / 5P
   VIDEO DIFFERENTIAL OUTPUT DRIVER
logo
Savitech Corp.
SV5309 SAVITECH-SV5309 Datasheet
220Kb / 8P
   Standard Definition Video Filter Driver
logo
SG Micro Corp
SGM9149 SGMICRO-SGM9149 Datasheet
310Kb / 10P
   Standard Definition Video Filter Driver
logo
Mitsumi Electronics, Co...
MM1221 MITSUMI-MM1221 Datasheet
95Kb / 7P
   2-Input 1-Output Video Switch (W/75OHM driver)/3-Input 1-Output Video Switch (W/75OHM driver)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com