Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

BA9741F Datasheet(PDF) 10 Page - Rohm

Part No. BA9741F
Description  Dual-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA9741F Datasheet(HTML) 10 Page - Rohm

Back Button BA9741F Datasheet HTML 6Page - Rohm BA9741F Datasheet HTML 7Page - Rohm BA9741F Datasheet HTML 8Page - Rohm BA9741F Datasheet HTML 9Page - Rohm BA9741F Datasheet HTML 10Page - Rohm BA9741F Datasheet HTML 11Page - Rohm BA9741F Datasheet HTML 12Page - Rohm BA9741F Datasheet HTML 13Page - Rohm BA9741F Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image

4) SC P Comp ( Timer-latch type short-circuit prevention circuit )
When the output voltage malfunctions because of a short circuit, this function is used to turn OFF the output transistor forcedly, in order to
protect the system. If the output voltage drops in realtion to the set voltage level, an error will be amplified through the Err Amp and the
voltage at the FB1/FB2 pins will reach the low voltage side. If SCP Comp sets the voltage below the threshold level for either the FB1 or
FB2, (i.e., 1.05Vtype for the BA9741F/FS / BA9743AFV or 0.25Vtype for the BA9744FV), the short prevention circuit will be activated to
start the charging of the capacitor of SCP pin. When VIT=1.64Vtyp for the BA9741F/FS / BA9743AFV or VIT=1.18Vtyp for the BA9744FV
is achieved, the output transistor will turn OF F.
The time is set by the capacitor (Cscp) connected to the SCP pin (pin 15) .
The time TSCP is obtained by the formula shown below:
TSCP =
. Cscp
For example, in the case of the BA9743AFV, assuming that C SCP =0.1μ F, V IT =1.64 V, V STB =0.05V and ISCP =2.5μA.
TSCP =
×0.1μ = 63.6mS
In order to stop the function of the short prevention circuit, short-circuit the SC P pin to GND .
5) PWM Comp 1/2 DEAD TIME (Rest period adjustment circuit / Dead time)
This function can be set by dividing the resistance of DT1 and DT2 pins (pins 6 and 11) between V REF and GND. With PWM Comp,
comparing the dead time voltage input and the error voltage from the Err Amp with the triangular wave, the output drive transistors are
turned ON/OFF.
When Dead time voltage>Error voltage, the output duty is determined by the dead time voltage.
The dead time voltage VDT is obtained by the expression shown below.
VDT = V REF .
(BA9741F/FS/BA9743AFV)
(BA9744FV)
When VDT=1.48Vtyp: Duty 100%
When VDT=0.49Vtyp: Duty 100%
When VDT=1.97Vtyp: Duty 0%
When VDT=1.01Vtyp: Duty 0%
(Provided, however, that fosc=10kHz)
(Provided, however, that fosc=10kHz )
Note: If the oscillation frequency is at a high level, the upper/lower limits (Vt0/Vt100) of the triangular wave will be shifted in the direction in
which the amplitude is developed.
6) PWM Comp 1/2 SS (Soft start function)
By connecting the resistors R1 and R2, and
the capacitor CD T to D T pins (pins 6 and 11),
as shown in figure on the right, the soft start
function is enabled.
7) Handling of pins of unused channel
If channel 1 is only used, the unused channel should be handled as shown above.
V IT +V STB
ISCP
1.64 - 0.05
2.5μ
R2
R1 + R2
BA9741F/FS, BA9743AFV
BA9744FV
Vcc
Fig.36
Fig.37
Fig.35


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn