Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGF50DA120T1G Datasheet(PDF) 5 Page - Microsemi Corporation

Part # APTGF50DA120T1G
Description  Boost chopper NPT IGBT Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGF50DA120T1G Datasheet(HTML) 5 Page - Microsemi Corporation

  APTGF50DA120T1G Datasheet HTML 1Page - Microsemi Corporation APTGF50DA120T1G Datasheet HTML 2Page - Microsemi Corporation APTGF50DA120T1G Datasheet HTML 3Page - Microsemi Corporation APTGF50DA120T1G Datasheet HTML 4Page - Microsemi Corporation APTGF50DA120T1G Datasheet HTML 5Page - Microsemi Corporation APTGF50DA120T1G Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
APTGF50DA120T1G
www.microsemi.com
5 – 6
VGE = 15V
25
30
35
40
45
0
25
50
75
100
125
ICE, Collector to Emitter Current (A)
Turn-On Delay Time vs Collector Current
VCE = 600V
RG = 5Ω
VGE=15V,
TJ=25°C
VGE=15V,
TJ=125°C
200
250
300
350
400
0
25
50
75
100
125
ICE, Collector to Emitter Current (A)
Turn-Off Delay Time vs Collector Current
VCE = 600V
RG = 5Ω
VGE=15V
20
60
100
140
180
025
50
75
100
125
ICE, Collector to Emitter Current (A)
Current Rise Time vs Collector Current
VCE = 600V
RG = 5Ω
TJ = 25°C
TJ = 125°C
20
30
40
50
0
25
50
75
100
125
ICE, Collector to Emitter Current (A)
Current Fall Time vs Collector Current
VCE = 600V, VGE = 15V, RG = 5Ω
TJ=25°C,
VGE=15V
TJ=125°C,
VGE=15V
0
4
8
12
16
20
24
28
0
25
50
75
100
125
ICE, Collector to Emitter Current (A)
Turn-On Energy Loss vs Collector Current
VCE = 600V
RG = 5Ω
TJ = 25°C
TJ = 125°C
0
2
4
6
8
0
25
50
75
100
125
ICE, Collector to Emitter Current (A)
Turn-Off Energy Loss vs Collector Current
VCE = 600V
VGE = 15V
RG = 5Ω
Eon, 50A
Eoff, 50A
Eon, 25A
Eoff, 25A
0
2
4
6
8
10
12
14
16
18
0
1020304050
Gate Resistance (Ohms)
Switching Energy Losses vs Gate Resistance
VCE = 600V
VGE = 15V
TJ= 125°C
Eon, 50A
Eoff, 50A
Eon, 25A
Eoff, 25A
0
2
4
6
8
25
50
75
100
125
TJ, Junction Temperature (°C)
Switching Energy Losses vs Junction Temp.
VCE = 600V
VGE = 15V
RG = 5Ω


Similar Part No. - APTGF50DA120T1G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGF50DA120TG MICROSEMI-APTGF50DA120TG Datasheet
286Kb / 6P
   Boost chopper NPT IGBT Power Module
More results

Similar Description - APTGF50DA120T1G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGF90DA60T1G MICROSEMI-APTGF90DA60T1G Datasheet
318Kb / 6P
   Boost chopper NPT IGBT Power Module
APTGF100DA120T1G MICROSEMI-APTGF100DA120T1G Datasheet
281Kb / 5P
   Boost chopper NPT IGBT Power Module
APTGF50DA120TG MICROSEMI-APTGF50DA120TG Datasheet
286Kb / 6P
   Boost chopper NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF75DA60D1 ADPOW-APTGF75DA60D1 Datasheet
173Kb / 3P
   Boost Chopper NPT IGBT Power Module
APTGF90DA60D1 ADPOW-APTGF90DA60D1 Datasheet
173Kb / 3P
   Boost Chopper NPT IGBT Power Module
logo
Microsemi Corporation
APTGF180DA60TG MICROSEMI-APTGF180DA60TG Datasheet
287Kb / 6P
   Boost chopper NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF165DA60D1 ADPOW-APTGF165DA60D1 Datasheet
173Kb / 3P
   Boost Chopper NPT IGBT Power Module
logo
Microsemi Corporation
APTGF350DA60G MICROSEMI-APTGF350DA60G Datasheet
274Kb / 6P
   Boost chopper NPT IGBT Power Module
APTGF90DA60TG MICROSEMI-APTGF90DA60TG Datasheet
287Kb / 6P
   Boost chopper NPT IGBT Power Module
APTGF100DA120TG MICROSEMI-APTGF100DA120TG Datasheet
286Kb / 6P
   Boost chopper NPT IGBT Power Module
APTGF300DA120D3G MICROSEMI-APTGF300DA120D3G Datasheet
218Kb / 5P
   Boost chopper NPT IGBT Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com