Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGF90DA60CT1G Datasheet(PDF) 3 Page - Microsemi Corporation

Part # APTGF90DA60CT1G
Description  Boost chopper NPT IGBT SiC Chopper diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGF90DA60CT1G Datasheet(HTML) 3 Page - Microsemi Corporation

  APTGF90DA60CT1G Datasheet HTML 1Page - Microsemi Corporation APTGF90DA60CT1G Datasheet HTML 2Page - Microsemi Corporation APTGF90DA60CT1G Datasheet HTML 3Page - Microsemi Corporation APTGF90DA60CT1G Datasheet HTML 4Page - Microsemi Corporation APTGF90DA60CT1G Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
APTGF90DA60CT1G
www.microsemi.com
3 – 5
Thermal and package characteristics
Symbol
Characteristic
Min
Typ
Max
Unit
IGBT
0.3
RthJC
Junction to Case Thermal Resistance
SiC chopper diode
0.8
°C/W
VISOL
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
4000
V
TJ
Operating junction temperature range
-40
150
TSTG
Storage Temperature Range
-40
125
TC
Operating Case Temperature
-40
100
°C
Torque Mounting torque
To heatsink
M4
2.5
4.7
N.m
Wt
Package Weight
80
g
Temperature sensor NTC (see application note APT0406 on www.microsemi.com for more information).
Symbol
Characteristic
Min
Typ
Max
Unit
R25
Resistance @ 25°C
50
k
Ω
∆R25/R25
5
%
B25/85
T25 = 298.15 K
3952
K
∆B/B
TC=100°C
4
%
⎟⎟
⎜⎜
=
T
T
B
R
R
T
1
1
exp
25
85
/
25
25
SP1 Package outline (dimensions in mm)
See application note 1904 - Mounting Instructions for SP1 Power Modules on www.microsemi.com
T: Thermistor temperature
RT: Thermistor value at T


Similar Part No. - APTGF90DA60CT1G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGF90DA60D1 ADPOW-APTGF90DA60D1 Datasheet
173Kb / 3P
   Boost Chopper NPT IGBT Power Module
logo
Microsemi Corporation
APTGF90DA60T1G MICROSEMI-APTGF90DA60T1G Datasheet
318Kb / 6P
   Boost chopper NPT IGBT Power Module
APTGF90DA60T3AG MICROSEMI-APTGF90DA60T3AG Datasheet
208Kb / 5P
   Boost chopper NPT IGBT Power Module Power Module
APTGF90DA60TG MICROSEMI-APTGF90DA60TG Datasheet
287Kb / 6P
   Boost chopper NPT IGBT Power Module
More results

Similar Description - APTGF90DA60CT1G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGF50DA120CT1G MICROSEMI-APTGF50DA120CT1G Datasheet
256Kb / 7P
   Boost chopper NPT IGBT SiC Chopper diode
APT25GF120JCU2 MICROSEMI-APT25GF120JCU2 Datasheet
219Kb / 6P
   ISOTOP짰 Boost chopper NPT IGBT SiC chopper diode
APT50GF60JCU2 MICROSEMI-APT50GF60JCU2 Datasheet
219Kb / 6P
   ISOTOP짰 Boost chopper NPT IGBT SiC chopper diode
APT30GF60JCU2 MICROSEMI-APT30GF60JCU2 Datasheet
219Kb / 6P
   ISOTOP짰 Boost chopper NPT IGBT SiC chopper diode
APT15GF120JCU2 MICROSEMI-APT15GF120JCU2 Datasheet
220Kb / 6P
   ISOTOP짰 Boost chopper NPT IGBT SiC chopper diode
APT50GF60JU2 MICROSEMI-APT50GF60JU2 Datasheet
465Kb / 8P
   Boost chopper NPT IGBT
APT60GF60JU2 MICROSEMI-APT60GF60JU2 Datasheet
516Kb / 8P
   Boost chopper NPT IGBT
APT100GF60JU2 MICROSEMI-APT100GF60JU2 Datasheet
431Kb / 9P
   Boost chopper NPT IGBT
logo
Advanced Power Technolo...
APT30GF60JU2 ADPOW-APT30GF60JU2 Datasheet
480Kb / 8P
   ISOTOP Boost chopper NPT IGBT
logo
Microsemi Corporation
APT30GF60JU2 MICROSEMI-APT30GF60JU2 Datasheet
469Kb / 8P
   ISOTOP Boost chopper NPT IGBT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com