Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD5229 Datasheet(PDF) 7 Page - Rohm

Part # BD5229
Description  Free Delay Time Setting CMOS Voltage Detector IC Series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD5229 Datasheet(HTML) 7 Page - Rohm

Back Button BD5229 Datasheet HTML 2Page - Rohm BD5229 Datasheet HTML 3Page - Rohm BD5229 Datasheet HTML 4Page - Rohm BD5229 Datasheet HTML 5Page - Rohm BD5229 Datasheet HTML 6Page - Rohm BD5229 Datasheet HTML 7Page - Rohm BD5229 Datasheet HTML 8Page - Rohm BD5229 Datasheet HTML 9Page - Rohm BD5229 Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Technical Note
7/9
BD52
□□G, BD52□□FVE, BD53□□G, BD53□□FVE series
www.rohm.com
2009.06 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
3) Examples of the power supply with resistor dividers
In applications where the power supply input terminal (VDD) of an IC with resistor dividers, it is possible that a through
current will momentarily flow into the circuit when the output logic switches, resulting in malfunctions (such as output
oscillatory state).
(Through-current is a current that momentarily flows from the power supply (VDD) to ground (GND) when the output level
switches from “High” to “Low” or vice versa.)
Fig.21
A voltage drop of [the through-current (I1)] × [input resistor (R2)] is caused by the through current, and the input voltage to
descends, when the output switches from “Low” to “High”. When the input voltage decreases and falls below the detection
voltage, the output voltage switches from “High” to “Low”. At this time, the through-current stops flowing through output
“Low”, and the voltage drop is eliminated. As a result, the output switches from “Low” to “High”, which again causes the
through current to flow and the voltage drop. This process is repeated, resulting in oscillation.
Fig.22 Current Consumption vs. Power Supply Voltage
*This data is for reference only.
The figures will vary with the application, so please confirm actual operating conditions before use.
VOUT
R2
VDD
BD52□□
BD53□□
GND
R1
I1
V1
CIN
CL
IDD
VDD
VDET
0
Through
Current
VDD - IDD Peak Current Ta=25°C
0.001
0.01
0.1
1
10
34
56
78
9
10
VDD[V]
BU43xx
BU42xx
BD52xx
BD53xx
Temp - IDD(BD52xx)
0
0.1
0.2
0.3
0.4
-50
-30
-10
10
30
50
70
90
110
130
Temp[°C]
VDD3V
VDD5V
VDD7V
VDD10V


Similar Part No. - BD5229

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BD5229 ETC-BD5229 Datasheet
375Kb / 4P
   VOLTAGE DETECTOR IC
logo
Rohm
BD5229 ROHM-BD5229 Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
logo
List of Unclassifed Man...
BD5229 ETC1-BD5229 Datasheet
387Kb / 4P
   VOLTAGE DETECTOR IC with adjustable delay time
logo
Rohm
BD5229 ROHM-BD5229 Datasheet
410Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5229 ROHM-BD5229 Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
More results

Similar Description - BD5229

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4142HFV ROHM-BD4142HFV Datasheet
698Kb / 18P
   Free Delay Time Setting CMOS Voltage Detector IC
BD5231FVE-TR ROHM-BD5231FVE-TR Datasheet
474Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5260 ROHM-BD5260_13 Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD52E23G-TR ROHM-BD52E23G-TR Datasheet
373Kb / 15P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5223G-TR ROHM-BD5223G-TR Datasheet
308Kb / 12P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5240G-TR ROHM-BD5240G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD52E23G-MTR ROHM-BD52E23G-MTR Datasheet
396Kb / 15P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5223G-TR ROHM-BD5223G-TR_13 Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5229G-TR ROHM-BD5229G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5226G-TR ROHM-BD5226G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5228FVE-TR ROHM-BD5228FVE-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com