Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD2046AFJ Datasheet(PDF) 2 Page - Rohm

Part # BD2046AFJ
Description  2ch Small Current Output USB High Side Switch ICs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD2046AFJ Datasheet(HTML) 2 Page - Rohm

  BD2046AFJ_09 Datasheet HTML 1Page - Rohm BD2046AFJ_09 Datasheet HTML 2Page - Rohm BD2046AFJ_09 Datasheet HTML 3Page - Rohm BD2046AFJ_09 Datasheet HTML 4Page - Rohm BD2046AFJ_09 Datasheet HTML 5Page - Rohm BD2046AFJ_09 Datasheet HTML 6Page - Rohm BD2046AFJ_09 Datasheet HTML 7Page - Rohm BD2046AFJ_09 Datasheet HTML 8Page - Rohm BD2046AFJ_09 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
BD2046AFJ, BD2056AFJ
Technical Note
2/13
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Electrical characteristics
BD2046AFJ (Unless otherwise specified, VIN = 5.0V, Ta = 25°C)
Parameter
Symbol
Limits
Unit
Condition
Min.
Typ.
Max.
Operating Current
IDD
-
110
140
μA
V/EN = 0V, OUT = OPEN
Standby Current
ISTB
-
0.01
1
μA
V/EN = 5V, OUT = OPEN
/EN input voltage
V/EN
2.0
-
-
V
High input
-
-
0.8
V
Low input
-
-
0.4
V
Low input 2.7V≤ VIN ≤4.5V
/EN input current
I/EN
-1.0
0.01
1.0
μA
V/EN = 0V or V/EN = 5V
/OC output LOW voltage
V/OC
-
-
0.5
V
I/OC = 5mA
/OC output leak current
IL/OC
-
0.01
1
μA
V/OC = 5V
ON resistance
RON
-
100
130
mΩ
IOUT = 250mA
Output current at short
ISC
0.3
0.5
0.7
A
VIN = 5V, VOUT = 0V,
CL = 100μF (RMS)
Output rise time
TON1
-
1.8
10
ms
RL = 20Ω , CL = OPEN
Output turn on time
TON2
-
2.1
20
ms
Output fall time
TOFF1
-
1
20
μs
Output turn off time
TOFF2
-
3
40
μs
UVLO threshold
VTUVH
2.1
2.3
2.5
V
Increasing VIN
VTUVL
2.0
2.2
2.4
V
Decreasing VIN
BD2056AFJ (Unless otherwise specified, VIN = 5.0V, Ta = 25°C)
Parameter
Symbol
Limits
Unit
Condition
Min.
Typ.
Max.
Operating Current
IDD
-
110
140
μA
VEN = 5V , OUT = OPEN
Standby Current
ISTB
-
0.01
1
μA
VEN = 0V , OUT = OPEN
/EN input voltage
VEN
2.0
-
-
V
High input
-
-
0.8
V
Low input
-
-
0.4
V
Low input 2.7V≤ VIN ≤4.5V
/EN input current
IEN
-1.0
0.01
1.0
μA
VEN = 0V or VEN = 5V
/OC output LOW voltage
V/OC
-
-
0.5
V
I/OC = 5mA
/OC output leak current
IL/OC
-
0.01
1
μA
V/OC = 5V
ON resistance
RON
-
100
130
mΩ
IOUT = 250mA
Output current at short
ISC
0.3
0.5
0.7
A
VIN = 5V , VOUT = 0V,
CL = 100μF (RMS)
Output rise time
TON1
-
1.8
10
ms
RL = 20Ω , CL = OPEN
Output turn on time
TON2
-
2.1
20
ms
Output fall time
TOFF1
-
1
20
μs
Output turn off time
TOFF2
-
3
40
μs
UVLO threshold
VTUVH
2.1
2.3
2.5
V
Increasing VIN
VTUVL
2.0
2.2
2.4
V
Decreasing VIN


Similar Part No. - BD2046AFJ_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2046AFJ-E2 ROHM-BD2046AFJ-E2 Datasheet
1,011Kb / 27P
   0.5A Current Limit High Side Switch ICs
BD2046AFJ ROHM-BD2046AFJ_11 Datasheet
394Kb / 14P
   2ch High Side Switch ICs for USB Devices and Memory Cards
BD2046AFJ ROHM-BD2046AFJ_14 Datasheet
1,011Kb / 27P
   0.5A Current Limit High Side Switch ICs
More results

Similar Description - BD2046AFJ_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2045AFJ ROHM-BD2045AFJ_09 Datasheet
366Kb / 13P
   1ch Small Current Output USB High Side Switch ICs
BD6516F-E2 ROHM-BD6516F-E2 Datasheet
716Kb / 41P
   High Side Switch ICs 2ch
BD2061AFJ ROHM-BD2061AFJ_09 Datasheet
351Kb / 13P
   1ch Large Current Output USB High Side Switch ICs
BD2041AFJ ROHM-BD2041AFJ_09 Datasheet
481Kb / 19P
   1ch Large Current Output USB High Side Switch ICs
BD2062FJ-LB ROHM-BD2062FJ-LB Datasheet
535Kb / 25P
   2ch High Side Switch ICs for USB Devices and Memory Cards
BD2062FJ ROHM-BD2062FJ_11 Datasheet
331Kb / 17P
   2ch High Side Switch ICs for USB Devices and Memory Cards
BD2046AFJ ROHM-BD2046AFJ_11 Datasheet
394Kb / 14P
   2ch High Side Switch ICs for USB Devices and Memory Cards
BD6512F ROHM-BD6512F_11 Datasheet
413Kb / 21P
   2ch High Side Switch ICs for USB Devices and Memory Cards
BD6512F-E2 ROHM-BD6512F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD226XG-M ROHM-BD226XG-M Datasheet
615Kb / 37P
   Current Limit High Side Switch ICs
03.Feb.2014 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com