Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD4951 Datasheet(PDF) 9 Page - Rohm

Part # BD4951
Description  Standard CMOS Voltage Detector IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD4951 Datasheet(HTML) 9 Page - Rohm

Back Button BD4951 Datasheet HTML 2Page - Rohm BD4951 Datasheet HTML 3Page - Rohm BD4951 Datasheet HTML 4Page - Rohm BD4951 Datasheet HTML 5Page - Rohm BD4951 Datasheet HTML 6Page - Rohm BD4951 Datasheet HTML 7Page - Rohm BD4951 Datasheet HTML 8Page - Rohm BD4951 Datasheet HTML 9Page - Rohm BD4951 Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Technical Note
9/9
BD48
□□G, BD48□□FVE, BD49□□G, BD49□□FVE series
www.rohm.com
2009.04 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
 Part Number Selection
B
D
4
8
2
3
G
T
R
Standard CMOS Reset IC
Reset Voltage Value
Package
Taping Specifications
BD48: Open Drain Type
23: 2.3V to (0.1V step)
G: SSOP5
Embossed Taping
BD49: CMOS Output Type
60: 6.0V
FVE: VSOF5
<Tape and Reel information> SSOP5
Embossed carrier tape
TR (The direction is the 1pin of product is at the upper left
when you hold reel on the left hand and you pull out the tape
on the right hand)
Tape
Quantity
Direction
of feed
3000pcs
* When you order, please order in times the amount of package quantity
.
Reel
Direction of feed
1Pin
XX X
X X X
XX X
X X X
XX X
X X X
X X X
X X X
X X X
X X X
SSOP5
<Dimension>
0.1
2.9
±0.2
0.13
4°
+6°
4°
+0.05
−0.03
0.42 +
0.05
−0.04
0.95
5
4
12
3
(Unit:mm)
*When you order, please order in times the amount of package quantity
.
<Tape and Reel information> VSOF5
Embossed carrier tape
TR (The direction is the 1pin of product is at the upper left
when you hold reel on the left hand and you pull out the tape
on the right hand)
Tape
Quantity
Direction
of feed
3000pcs
Reel
Direction of feed
1Pin
XX X
X X X
XX X
X X X
XX X
X X X
X X X
X X X
X X X
X X X
VSOF5
<Dimension>
3
2
1
4
5
0.5
1.0
±0.05
1.6
±0.05
M
0.08
0.22
±0.05
0.13
±0.05
(Unit:mm)


Similar Part No. - BD4951

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4951 ROHM-BD4951 Datasheet
269Kb / 10P
   Standard CMOS Voltage Detector IC
BD4951 ROHM-BD4951 Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4951 ROHM-BD4951 Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4951 ROHM-BD4951 Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD4951 ROHM-BD4951 Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
More results

Similar Description - BD4951

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4860 ROHM-BD4860_09 Datasheet
269Kb / 10P
   Standard CMOS Voltage Detector IC
BD4833G-TR ROHM-BD4833G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E23G-MTR ROHM-BD48E23G-MTR Datasheet
343Kb / 17P
   Standard CMOS Voltage Detector IC
BD48K25G-TL ROHM-BD48K25G-TL Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4835G-TR ROHM-BD4835G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4940G-TR ROHM-BD4940G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E23G-TR ROHM-BD48E23G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4860 ROHM-BD4860 Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD4930G-TR ROHM-BD4930G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD4850G-TR ROHM-BD4850G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com