Electronic Components Datasheet Search |
|
BD3504FVM Datasheet(PDF) 10 Page - Rohm |
|
BD3504FVM Datasheet(HTML) 10 Page - Rohm |
10 / 17 page 10/16 ●APPLICATION CIRCUIT ●Directions for pattern layout of PCB ・ Because a VIN input capacitor causes impedance to drop, mount it as close to the VIN terminal as possible and use thick wiring patterns. In the event that it causes the wire to come in contact with the inner-layer ground plane, use a plurality of through holes. ・ Because the NRCS terminal is analog I/O, take care to noise. In particular, high-frequency noise of GND may cause IC maloperation through capacitors. It is recommended to connect GND of NRCS capacitor to IC GND terminal at one point. ・ The VFB terminal is an output voltage sense line. Effects of wiring impedance can be ignored by sensing the output voltage from the load side, but increased sense wiring causes VFB to be susceptible to noise, to which care must be taken. ・ Because the GND terminal is GND to be used in analog circuit inside BD3501/02/04FVM, connect it at one point to inner-layer GND of substrate by as short pattern as possible. Arrange a bypass capacitor across VCC and GND as close as possible so that a loop can be minimized. ・ The G terminal is a terminal for gate drive. If long wiring is inevitable, increase the pattern width and lower impedance. ・ Heat generated in the output transistor can be calculated by: (VIN - VOUT) × Io(Max) Design heat generation not to exceed the guarantee temperature of transistor. ・ Connect the output capacitor with thick short wiring so that the impedance is lowered. Connect capacitor GND to inner-layer GND plane by a plurality of through holes. C3 C2 Ven C4 C5 VIN C1 Vcc + 1 2 3 4 8 7 6 5 VIN R1’ R2’ C3 Ven C4 C1 Vcc + 1 2 3 4 8 7 6 5 C2 R1 R2 |
Similar Part No. - BD3504FVM |
|
Similar Description - BD3504FVM |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |