Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD3506F Datasheet(PDF) 4 Page - Rohm

Part # BD3506F
Description  Ultra Low Dropout Linear Regulators for PC Chipsets
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3506F Datasheet(HTML) 4 Page - Rohm

  BD3506F Datasheet HTML 1Page - Rohm BD3506F Datasheet HTML 2Page - Rohm BD3506F Datasheet HTML 3Page - Rohm BD3506F Datasheet HTML 4Page - Rohm BD3506F Datasheet HTML 5Page - Rohm BD3506F Datasheet HTML 6Page - Rohm BD3506F Datasheet HTML 7Page - Rohm BD3506F Datasheet HTML 8Page - Rohm BD3506F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4/16
Reference Data
Fig.1 Transient Response
Fig.2 Input Voltage
SequenceFinal Input Voltage
EN
Fig.4 Input Voltage
SequenceFinal Input Voltage
VIN
Fig.5 Ta-Vfb
Fig.6 Input Voltage
SequenceFinal Input Voltage
VCC
Fig.7 Transient Response (rise)
Cout=100uF
Fig.8 Transient Response (fall)
Cout=100uF
Fig.9 VEN-IEN
Fig.10 Transient Response (rise)
Cout=220uF
Fig.11 Start up Wave Form
Fig.12 Shut down Wave Form
0
2
4
6
8
10
024
68
VIN(V)
646
647
648
649
650
651
652
653
654
655
656
-10
1030
5070
90
Ta(℃)
0
2
4
6
8
10
12
14
16
18
0
1
2
345
VEN(V)
EN
2V/DIV
NRCS
0.5V/DIV
Vo
0.5V/DIV
Vout
(50mV/div)
Iout
(1A/div)
Vo
Vcc
EN
Vin
Vo
Vcc
EN
Vin
Vo
Vcc
EN
Vin
Io
1A/DIV
Vo
20mV/DIV
Io
1A/DIV
Vo
20mV/DIV
Io
1A/DIV
Vo
20mV/DIV
Fig.3 VIN-IIN(Ta=25℃)
EN
2V/DIV
NRCS
0.5V/DIV
Vo
0.5V/DIV


Similar Part No. - BD3506F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3506F ROHM-BD3506F Datasheet
224Kb / 6P
   1ch Series Regulator Driver IC
BD3506F ROHM-BD3506F Datasheet
534Kb / 15P
   Nch FET Ultra LDO for PC Chipsets
BD3506F ROHM-BD3506F_10 Datasheet
534Kb / 15P
   Nch FET Ultra LDO for PC Chipsets
More results

Similar Description - BD3506F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3507HFV ROHM-BD3507HFV_08 Datasheet
633Kb / 16P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3508MUV ROHM-BD3508MUV_09 Datasheet
689Kb / 21P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3512MUV ROHM-BD3512MUV_08 Datasheet
675Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets with Power Good
BD3550HFN ROHM-BD3550HFN_08 Datasheet
665Kb / 17P
   Ultra Low Dropout Linear Regulators for PC
BD3504FVM ROHM-BD3504FVM_08 Datasheet
681Kb / 17P
   Ultra Low Dropout Linear Regulator Controllers for PC Chipsets
BD3522EFV ROHM-BD3522EFV_08 Datasheet
639Kb / 21P
   Ultra Low Dropout Linear Regulators(4A) for Desktop PC
logo
National Semiconductor ...
LP3871 NSC-LP3871 Datasheet
311Kb / 14P
   0.8A Fast Ultra Low Dropout Linear Regulators
LP3963 NSC-LP3963_03 Datasheet
388Kb / 17P
   3A Fast Ultra Low Dropout Linear Regulators
LP3961 NSC-LP3961 Datasheet
376Kb / 20P
   800mA Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3873 TI-LP3873_15 Datasheet
2Mb / 24P
[Old version datasheet]   3A Fast Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com