Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD3507HFV Datasheet(PDF) 1 Page - Rohm

Part # BD3507HFV
Description  Ultra Low Dropout Linear Regulators for PC Chipsets
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3507HFV Datasheet(HTML) 1 Page - Rohm

  BD3507HFV Datasheet HTML 1Page - Rohm BD3507HFV Datasheet HTML 2Page - Rohm BD3507HFV Datasheet HTML 3Page - Rohm BD3507HFV Datasheet HTML 4Page - Rohm BD3507HFV Datasheet HTML 5Page - Rohm BD3507HFV Datasheet HTML 6Page - Rohm BD3507HFV Datasheet HTML 7Page - Rohm BD3507HFV Datasheet HTML 8Page - Rohm BD3507HFV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TECHNICAL NOTE
High-performance Regulator IC Series for PCs
Ultra Low Dropout
Linear Regulators for PC Chipsets
BD3507HFV
Description
The BD3507HFV is suited for power supply for chipset bus. Though small in size, BD3507HFV adopts power PKG with
radiation fins, and it therefore can be used for a regulator up to 550mA. Because it adopts Nch MOSFET and can form a
ultra low dropout power supply of RON=300mΩ (TYP), BD3507HFV can compose a high-efficiency system, though it is of a
linear type power supply. The output voltage can be set by VREF terminal and can be synchronized with other power
supply. In addition, it can be used as a high side switch (RON = 300mΩ/lo = 550mA) of low-voltage power supply line.
Because ceramic capacitors can be used for output capacitors, BD3507HFV contributes to downsizing and reduced
thickness not only of IC but also of sets.
Features
1)
Built-in high-accuracy buffer circuit (can be set to 0.65-2.7V)
2)
Adoption of ceramic capacitors
3)
Built-in enable function (0μA at standby)
4)
Built-in current limiting circuit (550mA Max)
5)
Built-in undervoltage lockout circuit (UVLO)
6)
Built-in thermal shutdown circuit (TSD)
7)
Adoption of ultra-small-size high-power HVSOF6 package (3.0 x 1.6 x 0.75 mm)
Applications
Notebook PC, desktop PC, digital camera, digital home appliances
Oct. 2008


Similar Part No. - BD3507HFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3507HFV ROHM-BD3507HFV Datasheet
227Kb / 6P
   1ch Series Regulator Driver IC
BD3507HFV ROHM-BD3507HFV Datasheet
479Kb / 16P
   Nch FET Ultra LDO for PC Chipsets
BD3507HFV ROHM-BD3507HFV_10 Datasheet
479Kb / 16P
   Nch FET Ultra LDO for PC Chipsets
More results

Similar Description - BD3507HFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3506F ROHM-BD3506F_08 Datasheet
702Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3508MUV ROHM-BD3508MUV_09 Datasheet
689Kb / 21P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3512MUV ROHM-BD3512MUV_08 Datasheet
675Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets with Power Good
BD3550HFN ROHM-BD3550HFN_08 Datasheet
665Kb / 17P
   Ultra Low Dropout Linear Regulators for PC
BD3504FVM ROHM-BD3504FVM_08 Datasheet
681Kb / 17P
   Ultra Low Dropout Linear Regulator Controllers for PC Chipsets
BD3522EFV ROHM-BD3522EFV_08 Datasheet
639Kb / 21P
   Ultra Low Dropout Linear Regulators(4A) for Desktop PC
logo
National Semiconductor ...
LP3871 NSC-LP3871 Datasheet
311Kb / 14P
   0.8A Fast Ultra Low Dropout Linear Regulators
LP3963 NSC-LP3963_03 Datasheet
388Kb / 17P
   3A Fast Ultra Low Dropout Linear Regulators
LP3961 NSC-LP3961 Datasheet
376Kb / 20P
   800mA Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3873 TI-LP3873_15 Datasheet
2Mb / 24P
[Old version datasheet]   3A Fast Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com