Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD3508MUV Datasheet(PDF) 6 Page - Rohm

Part # BD3508MUV
Description  Ultra Low Dropout Linear Regulators for PC Chipsets
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3508MUV Datasheet(HTML) 6 Page - Rohm

Back Button BD3508MUV Datasheet HTML 2Page - Rohm BD3508MUV Datasheet HTML 3Page - Rohm BD3508MUV Datasheet HTML 4Page - Rohm BD3508MUV Datasheet HTML 5Page - Rohm BD3508MUV Datasheet HTML 6Page - Rohm BD3508MUV Datasheet HTML 7Page - Rohm BD3508MUV Datasheet HTML 8Page - Rohm BD3508MUV Datasheet HTML 9Page - Rohm BD3508MUV Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6/20
www.rohm.com
2009.05 - Rev.A
c
2009 ROHM Co., Ltd. All rights reserved.
BD3508MUV, BD3509MUV
Technical Note
Reference Data
1.15
1.17
1.19
1.21
1.23
1.25
-10
103050
70
90
Ta(℃)
Fig.13 Input sequence
Fig.14 Input sequence
VCC
Ven
VIN
Vo
VCC
Ven
VIN
Vo
VIN→Ven→VCC
Ven→VIN→VCC
Fig.15 Tj-Vo (Io=0mA)
Fig.16 Tj-ICC
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
-10
1030
507090
Ta(℃)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
-60
-30
0
30
60
90
120 150
Ta(℃)
Fig.17 Tj-ISTB
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
-10
1030
5070
90
Ta(℃)
Fig.18 Tj-IIN
Fig.19 Tj-IINSTB
0
5
10
15
20
25
30
-60
-30
0
30
60
90
120 150
Ta(℃)
15
16
17
18
19
20
21
22
23
24
25
-10
1030
507090
Ta(℃)
Fig.20 Tj-INRCS
-20
-15
-10
-5
0
5
10
15
20
-10
10305070
90
Ta(℃)
Fig.21 Tj-IFB
Fig.22 Tj-Ien
0
1
2
3
4
5
6
7
8
9
10
-10
1030
507090
Ta(℃)
Fig.23 Tj-RON
(Vcc=5V/Vo=1.2V)
Fig.24 Vcc-RON
100
100
100
100
100
100
25
30
35
40
45
50
55
60
24
6
8
Vcc(V)
0
10
20
30
40
50
60
-10
1030
507090
Ta(℃)
2.5V
100
1.8V
1.2V


Similar Part No. - BD3508MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3508MUV ROHM-BD3508MUV Datasheet
665Kb / 21P
   Nch FET Ultra LDO for PC Chipsets
More results

Similar Description - BD3508MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3507HFV ROHM-BD3507HFV_08 Datasheet
633Kb / 16P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3506F ROHM-BD3506F_08 Datasheet
702Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3512MUV ROHM-BD3512MUV_08 Datasheet
675Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets with Power Good
BD3550HFN ROHM-BD3550HFN_08 Datasheet
665Kb / 17P
   Ultra Low Dropout Linear Regulators for PC
BD3504FVM ROHM-BD3504FVM_08 Datasheet
681Kb / 17P
   Ultra Low Dropout Linear Regulator Controllers for PC Chipsets
BD3522EFV ROHM-BD3522EFV_08 Datasheet
639Kb / 21P
   Ultra Low Dropout Linear Regulators(4A) for Desktop PC
logo
National Semiconductor ...
LP3871 NSC-LP3871 Datasheet
311Kb / 14P
   0.8A Fast Ultra Low Dropout Linear Regulators
LP3963 NSC-LP3963_03 Datasheet
388Kb / 17P
   3A Fast Ultra Low Dropout Linear Regulators
LP3961 NSC-LP3961 Datasheet
376Kb / 20P
   800mA Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3873 TI-LP3873_15 Datasheet
2Mb / 24P
[Old version datasheet]   3A Fast Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com