Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD3508MUV Datasheet(PDF) 9 Page - Rohm

Part # BD3508MUV
Description  Ultra Low Dropout Linear Regulators for PC Chipsets
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3508MUV Datasheet(HTML) 9 Page - Rohm

Back Button BD3508MUV Datasheet HTML 5Page - Rohm BD3508MUV Datasheet HTML 6Page - Rohm BD3508MUV Datasheet HTML 7Page - Rohm BD3508MUV Datasheet HTML 8Page - Rohm BD3508MUV Datasheet HTML 9Page - Rohm BD3508MUV Datasheet HTML 10Page - Rohm BD3508MUV Datasheet HTML 11Page - Rohm BD3508MUV Datasheet HTML 12Page - Rohm BD3508MUV Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9/20
www.rohm.com
2009.05 - Rev.A
c
2009 ROHM Co., Ltd. All rights reserved.
BD3508MUV, BD3509MUV
Technical Note
Reference Data
Block Diagram
BD3508MUV
BD3509MUV
Fig.49 Tj-RON
(Vcc=5V/Vo=1.2V)
Fig.50 Vcc-RON
0
5
10
15
20
25
30
35
40
45
50
-50 -25
0
25
50
75 100 125 150
Ta(℃)
25
30
35
40
45
50
4
4.3
5
5.5
VCC[V]
2.5V
1.8V
1.25V
1.0V
Reference
Block
Thermal
Shutdown
NRCS
Current
Limit
CL
UVLO
TSD
EN
VCC
UVLO
VCC
CL
EN
VCC
VCC
VIN1
VIN2
VIN3
Vo1
Vo2
Vo3
FB
GATE
GND
NRCS
Vo
VIN
TSD
7
6
20
12
11
8
9
10
16
17
18
19
Reference
Block
Thermal
Shutdown
NRCS
Current
Limit
7
6
9
10
12
14
15
16
19
11
2
1
20
CL
UVLO
TSD
EN
VCC
UVLO
VCC
CL
EN
VCC
VCC
VIN1
VIN2
VIN3
Vo1
Vo2
Vo3
FB
GATE
GND
NRCS
Vo
VIN
TSD
13
8
VIN4
VIN5
17
18
Vo4
Vo5
4
POWER
GOOD
PGOOD
VCC
5
VDD


Similar Part No. - BD3508MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3508MUV ROHM-BD3508MUV Datasheet
665Kb / 21P
   Nch FET Ultra LDO for PC Chipsets
More results

Similar Description - BD3508MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3507HFV ROHM-BD3507HFV_08 Datasheet
633Kb / 16P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3506F ROHM-BD3506F_08 Datasheet
702Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3512MUV ROHM-BD3512MUV_08 Datasheet
675Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets with Power Good
BD3550HFN ROHM-BD3550HFN_08 Datasheet
665Kb / 17P
   Ultra Low Dropout Linear Regulators for PC
BD3504FVM ROHM-BD3504FVM_08 Datasheet
681Kb / 17P
   Ultra Low Dropout Linear Regulator Controllers for PC Chipsets
BD3522EFV ROHM-BD3522EFV_08 Datasheet
639Kb / 21P
   Ultra Low Dropout Linear Regulators(4A) for Desktop PC
logo
National Semiconductor ...
LP3871 NSC-LP3871 Datasheet
311Kb / 14P
   0.8A Fast Ultra Low Dropout Linear Regulators
LP3963 NSC-LP3963_03 Datasheet
388Kb / 17P
   3A Fast Ultra Low Dropout Linear Regulators
LP3961 NSC-LP3961 Datasheet
376Kb / 20P
   800mA Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3873 TI-LP3873_15 Datasheet
2Mb / 24P
[Old version datasheet]   3A Fast Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com