Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD3509MUV Datasheet(PDF) 5 Page - Rohm

Part # BD3509MUV
Description  Ultra Low Dropout Linear Regulators for PC Chipsets
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3509MUV Datasheet(HTML) 5 Page - Rohm

  BD3509MUV Datasheet HTML 1Page - Rohm BD3509MUV Datasheet HTML 2Page - Rohm BD3509MUV Datasheet HTML 3Page - Rohm BD3509MUV Datasheet HTML 4Page - Rohm BD3509MUV Datasheet HTML 5Page - Rohm BD3509MUV Datasheet HTML 6Page - Rohm BD3509MUV Datasheet HTML 7Page - Rohm BD3509MUV Datasheet HTML 8Page - Rohm BD3509MUV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5/20
www.rohm.com
2009.05 - Rev.A
c
2009 ROHM Co., Ltd. All rights reserved.
BD3508MUV, BD3509MUV
Technical Note
Reference Data
BD3508MUV
Fig.1 Transient Response
(0→3A)
Co=150μF×2, CFB=0.01uF
Fig.2 Transient Response
(0→3A)
Co=150μF
Fig.4 Transient Response
(3→0A)
Co=150μF×2
Fig.5 Transient Response
(3→0A)
Co=150μF
Fig.6 Transient Response
(3→0A)
Co=47μF
Fig.9 Input sequence
Fig.10 Input sequence
Fig.11 Input sequence
Fig.12 Input sequence
45mV
3.0A
Vo
50mV/div
Io
2A/div
64mV
3.0A
Vo
50mV/div
Io
2A/div
Vo
50mV/div
Io
2A/div
55mV
3.0A
Io=0A→3A/3μsec
t(5μsec/div)
Io=0A→3A/3μsec
t(5μsec/div)
Fig.3 Transient Response
(0→3A)
Co=47μF, CFB=0.01uF
91mV
3A
Vo
100mV/div
Io
2A/div
Io=0A→3A/3μsec
t(5μsec/div)
Io=3A→0A/3μsec
t(5μsec/div)
Vo
50mV/div
Io
2A/div
79mV
3.0A
Io=3A→0A/3μsec
t(5μsec/div)
Vo
100mV/div
Io
2A/div
87mV
3A
Io=3A→0A/3μsec
t(5μsec/div)
VCC
Ven
VIN
Vo
VCC
Ven
VIN
Vo
VCC
Ven
VIN
Vo
VCC
Ven
VIN
Vo
VCC→VIN→Ven
VIN→VCC→Ven
Ven→VCC→VIN
VCC→Ven→VIN
Fig.7: Waveform at output start
Fig.8 Waveform at output OFF
Ven
2V/div
VNRCS
2V/div
Vo
1V/div
Ven
2V/div
t(200μsec/div)
t(2msec/div)
VNRCS
2V/div
Vo
1V/div


Similar Part No. - BD3509MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3509MUV ROHM-BD3509MUV Datasheet
379Kb / 6P
   Silicon monolithic integrated circuit 1ch Series Regulator Driver IC
BD3509MUV ROHM-BD3509MUV Datasheet
665Kb / 21P
   Nch FET Ultra LDO for PC Chipsets
BD3509MUV ROHM-BD3509MUV_10 Datasheet
665Kb / 21P
   Nch FET Ultra LDO for PC Chipsets
More results

Similar Description - BD3509MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3507HFV ROHM-BD3507HFV_08 Datasheet
633Kb / 16P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3506F ROHM-BD3506F_08 Datasheet
702Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3512MUV ROHM-BD3512MUV_08 Datasheet
675Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets with Power Good
BD3550HFN ROHM-BD3550HFN_08 Datasheet
665Kb / 17P
   Ultra Low Dropout Linear Regulators for PC
BD3504FVM ROHM-BD3504FVM_08 Datasheet
681Kb / 17P
   Ultra Low Dropout Linear Regulator Controllers for PC Chipsets
BD3522EFV ROHM-BD3522EFV_08 Datasheet
639Kb / 21P
   Ultra Low Dropout Linear Regulators(4A) for Desktop PC
logo
National Semiconductor ...
LP3871 NSC-LP3871 Datasheet
311Kb / 14P
   0.8A Fast Ultra Low Dropout Linear Regulators
LP3963 NSC-LP3963_03 Datasheet
388Kb / 17P
   3A Fast Ultra Low Dropout Linear Regulators
LP3961 NSC-LP3961 Datasheet
376Kb / 20P
   800mA Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3873 TI-LP3873_15 Datasheet
2Mb / 24P
[Old version datasheet]   3A Fast Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com