Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD35221EFV Datasheet(PDF) 1 Page - Rohm

Part # BD35221EFV
Description  Ultra Low Dropout Linear Regulators(4A) for Desktop PC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD35221EFV Datasheet(HTML) 1 Page - Rohm

  BD35221EFV Datasheet HTML 1Page - Rohm BD35221EFV Datasheet HTML 2Page - Rohm BD35221EFV Datasheet HTML 3Page - Rohm BD35221EFV Datasheet HTML 4Page - Rohm BD35221EFV Datasheet HTML 5Page - Rohm BD35221EFV Datasheet HTML 6Page - Rohm BD35221EFV Datasheet HTML 7Page - Rohm BD35221EFV Datasheet HTML 8Page - Rohm BD35221EFV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
TECHNICAL NOTE
High-performance Regulator IC Series for PCs
Ultra Low Dropout
Linear Regulators(4A) for Desktop PC
BD3522EFV, BD35221EFV, BD35222EFV
● Description
BD3522EFV / BD35221EFV / BD35222EFV ultra low-dropout linear chipset regulator operates from a very low input supply,
and offers ideal performance in low input voltage to low output voltage applications. It incorporates a built-in N-MOSFET
power transistor to minimize the input-to-output voltage differential to the ON resistance (RON=50mΩ) level. By lowering the
dropout voltage in this way, the regulator realizes high current output (Iomax=4.0A) with reduced conversion loss, and
thereby obviates the switching regulator and its power transistor, choke coil, and rectifier diode. Thus, BD3522EFV /
BD35221EFV / BD35222EFV designed to enable significant package profile downsizing and cost reduction. In BD3522EFV,
an external resistor allows the entire range of output voltage configurations between 0.65 and 2.7V, while the NRCS (soft
start) function enables a controlled output voltage ramp-up, which can be programmed to whatever power supply sequence
is required.
● Features
1) Internal high-precision reference voltage circuit(0.65V±1%)
2) Internal high-precision output voltage circuit <BD35221EFV/BD35222EFV>
3) Built-in VCC undervoltage lockout circuit (VCC=3.80V)
4) NRCS (soft start) function reduces the magnitude of in-rush current
5) Internal Nch MOSFET driver offers low ON resistance (28mΩ typ)
6) Built-in short circuit protection (SCP)
7) Built-in current limit circuit (4.0A min)
8) Built-in thermal shutdown (TSD) circuit
9) Variable output
(0.65~2.7V) <BD3522EFV>
10) High-power package HTSSOP-B20 : 6.5mm x 6.4mm x 1.0mm
11) Tracking function
● Applications
Notebook computers, Desktop computers, LCD-TV, DVD, Digital appliances
● Line-up
Maximum Output Voltage
Package
Product name
Adjustable (0.65~2.7V)
HTSSOP-B20
BD3522EFV
1.2V (fixed)
BD35221EFV
1.5V (fixed)
BD35222EFV
Oct. 2008


Similar Part No. - BD35221EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3522EFV ROHM-BD3522EFV Datasheet
1Mb / 27P
   Ultra Low Dropout Linear Regulator
BD3522EFV-E2 ROHM-BD3522EFV-E2 Datasheet
1Mb / 27P
   Ultra Low Dropout Linear Regulator
More results

Similar Description - BD35221EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3550HFN ROHM-BD3550HFN_08 Datasheet
665Kb / 17P
   Ultra Low Dropout Linear Regulators for PC
BD3506F ROHM-BD3506F_08 Datasheet
702Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3508MUV ROHM-BD3508MUV_09 Datasheet
689Kb / 21P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3507HFV ROHM-BD3507HFV_08 Datasheet
633Kb / 16P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3512MUV ROHM-BD3512MUV_08 Datasheet
675Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets with Power Good
logo
National Semiconductor ...
LP3871 NSC-LP3871 Datasheet
311Kb / 14P
   0.8A Fast Ultra Low Dropout Linear Regulators
LP3963 NSC-LP3963_03 Datasheet
388Kb / 17P
   3A Fast Ultra Low Dropout Linear Regulators
LP3961 NSC-LP3961 Datasheet
376Kb / 20P
   800mA Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3873 TI-LP3873_15 Datasheet
2Mb / 24P
[Old version datasheet]   3A Fast Ultra Low Dropout Linear Regulators
LP3875-ADJ TI-LP3875-ADJ_15 Datasheet
1Mb / 20P
[Old version datasheet]   1.5A Fast Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com