Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD3532EFV Datasheet(PDF) 11 Page - Rohm

Part # BD3532EFV
Description  Termination Regulators for DDR-SDRAMs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3532EFV Datasheet(HTML) 11 Page - Rohm

Back Button BD3532EFV Datasheet HTML 7Page - Rohm BD3532EFV Datasheet HTML 8Page - Rohm BD3532EFV Datasheet HTML 9Page - Rohm BD3532EFV Datasheet HTML 10Page - Rohm BD3532EFV Datasheet HTML 11Page - Rohm BD3532EFV Datasheet HTML 12Page - Rohm BD3532EFV Datasheet HTML 13Page - Rohm BD3532EFV Datasheet HTML 14Page - Rohm BD3532EFV Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11/16
VTT
A DDR memory termination output pin.
BD3533/31/32 has a sink/source current capability of ±1.0A/±1.5A/±3.0A
respectively. The output voltage tracks the voltage divided in half at VDDQ pin. VTT output is turned to OFF when VCC
UVLO or thermal shutdown protector is activated with EN pin level turned to “Low”. Do not fail to connect a capacitor to
VTT output pin for a loop gain phase compensation and a reduction in output voltage variation in the event of sudden change
in load. Insufficient capacitance may cause an oscillation. High ESR (Equivalent Series Resistance) of the capacitor may
result in increase in output voltage variation in the event of sudden change in load. It is recommended to use a 220 μF
functional polymer capacitor (OS-CON, POS-CAP, NEO-CAP), though it depends on ambient temperature and other
conditions. A low ESR ceramic capacitor may reduce a loop gain phase margin and may cause an oscillation, which may
be improved by connecting a resistor in series with the capacitor.
EN
With an input of 2.3 volts or higher, the level at EN pin turns to “High” to provide VTT output. If the input is lowered to 0.8
volts or less, the level at EN pin turns to “Low” and VTT status turns to Hi-Z. But if VCC and VDDQ are established, VREF
output is maintained.
Evaluation Board
Part No
Value
Company
Parts Name
Part No
Value
Company
Parts Name
U1
-
ROHM
BD3533F
C4
-
-
-
R1
-
-
-
C5
10uF
KYOCERA
CM21B106M06A
R4
220Ω
ROHM
MCR032200
C6
-
-
-
J1
-
-
C7
-
-
-
J2
-
-
C8
-
-
-
C1
-
-
-
C9
2.2uF
KYOCERA
CM105B225K06A
C2
10uF
KYOCERA CM21B106M06A
C10
220uF
SANYO
2R5TPE220MF
C3
1uF
KYOCERA CM105B105K06A
BD3533F Evaluation Board Application Components
Versions for MSOP8 and HQFN20V packages are also available.
In addition, BD3533F/FVM/EKN(1A), BD3531F(1.5A), and BD3532F/EFV/KN(3A) are available
.
Silk Screen
TOP Layer
Bottom Layer
BD3533F Evaluation Board Circuit
C5,C6
GND
BD3533F
VREF
EN
VCC
VDDQ
VTT_IN
VTTS
VTT
GND
VCC
SW1
J2
R4
C9
J1
C3,C4
C7 C8 C10
C2
C1
R1
2
7
5
6
1
8
3
4
U1
VTT_IN
VCC
VTT
VREF
VDDQ
EN
VTTS
GND
BD3533F(SOP8) Evaluation Board Layout


Similar Part No. - BD3532EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3532F ROHM-BD3532F Datasheet
231Kb / 6P
   Regulator IC for Memory Termination
BD3532F ROHM-BD3532F Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD3532F-E2 ROHM-BD3532F-E2 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD3532F ROHM-BD3532F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
More results

Similar Description - BD3532EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3538F ROHM-BD3538F_15 Datasheet
1Mb / 20P
   Termination Regulators for DDR-SDRAMs
BD3537F ROHM-BD3537F_08 Datasheet
581Kb / 11P
   Termination Regulators for DDR-SDRAMs
BD3538F ROHM-BD3538F_10 Datasheet
389Kb / 11P
   Termination Regulators for DDR-SDRAMs
BD3539FVM ROHM-BD3539FVM_10 Datasheet
441Kb / 12P
   Termination Regulators for DDR-SDRAMs
BD35390FJ ROHM-BD35390FJ_09 Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD3532F ROHM-BD3532F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD35390FJ ROHM-BD35390FJ Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD3537F ROHM-BD3537F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD3531F ROHM-BD3531F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD3538F ROHM-BD3538F_08 Datasheet
535Kb / 12P
   Termination Regulators for DDR-SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com