Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD3537F Datasheet(PDF) 5 Page - Rohm

Part # BD3537F
Description  Termination Regulators for DDR-SDRAMs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3537F Datasheet(HTML) 5 Page - Rohm

  BD3537F_08 Datasheet HTML 1Page - Rohm BD3537F_08 Datasheet HTML 2Page - Rohm BD3537F_08 Datasheet HTML 3Page - Rohm BD3537F_08 Datasheet HTML 4Page - Rohm BD3537F_08 Datasheet HTML 5Page - Rohm BD3537F_08 Datasheet HTML 6Page - Rohm BD3537F_08 Datasheet HTML 7Page - Rohm BD3537F_08 Datasheet HTML 8Page - Rohm BD3537F_08 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5/10
BLOCK DIAGRAM
PIN CONFIGRATION
PIN FUNCTION
PIN No.
PIN name
PIN Function
1
VTT_IN
Termination power supply pin
2
GND
Ground pin
3
REF
Reference voltage output pin
4
VTT
Termination output pin
5
N.C.
Non connection
6
VCC
VCC Pin
7
N.C.
Non connection
8
N.C.
Non connection
Description of operations
VCC
In BD3537F, an independent power input pin is provided for an internal circuit operation of the IC. This is used to drive the
amplifier circuit of the IC, and its maximum current rating is 2.5mA.
The power supply voltage is 5.0 volts.
It is
recommended to connect a bypass capacitor of 1μF or so to VCC.
VTT_IN
VTT_IN is a power supply input pin for VTT output. Voltage in the range up to 1.8 volts may be supplied to this VTT_IN
terminal, but care must be taken to the current limitation due to on-resistance of the IC and the change in allowable loss due to
input/output voltage difference.
Higher impedance of the voltage input at VTT_IN may result in oscillation or degradation in ripple rejection, which must be
noted. To VTT_IN terminal, it is recommended to use a 10μF capacitor characterized with less change in capacitance. But
it may depend on the characteristics of the power supply input and the impedance of the pc board wiring, which must be
carefully checked before use.
VTT
A DDR memory termination output pin. BD3537F has a sink/source current capability of ±1.8A respectively. The output
voltage is same as REF voltage. VTT output is turned to OFF when VCC UVLO or thermal shutdown protector is activated
with EN pin level becomes EN-OFF voltage or below. Do not fail to connect a capacitor to VTT output pin for a loop gain
phase compensation and a reduction in output voltage variation in the event of sudden change in load. Insufficient
capacitance may cause an oscillation. High ESR (Equivalent Series Resistance) of the capacitor may result in increase in
output voltage variation in the event of sudden change in load. It is recommended to use a 10 μF ceramic capacitor (X5R or
X7R), though it depends on ambient temperature and other conditions. A low ESR ceramic capacitor may reduce a loop gain
phase margin and may cause an oscillation, which may be improved by connecting a resistor in series with the OS-capacitor
(several-hundred μF).
REF
With an input of 0.6 volts or higher, the level at REF pin turns to “High” to provide VTT output. If the input is lowered to 0.15
volts or less, the level at REF pin turns to “Low” and VTT status turns to Hi-Z.
VCC
VCC
VDDQ
VTT
Reference
Block
GND
VTT
VTT_IN
TSD
EN
UVLO
UVLO
TSD
VCC
VCC
TSD
EN
UVLO
-
+
-
+
+
-
C3
REF
VTT_IN
C2
C1
Enable
Block
EN
C4
R1
R2
Thermal
Protection
N.C
VTT_IN
GND
REF
N.C.
VCC
1
2
3
6
7
8
VTT
N.C.
4
5


Similar Part No. - BD3537F_08

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3537F-E2 ROHM-BD3537F-E2 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD3537F ROHM-BD3537F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
More results

Similar Description - BD3537F_08

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3538F ROHM-BD3538F_15 Datasheet
1Mb / 20P
   Termination Regulators for DDR-SDRAMs
BD3538F ROHM-BD3538F_10 Datasheet
389Kb / 11P
   Termination Regulators for DDR-SDRAMs
BD3533F ROHM-BD3533F_08 Datasheet
678Kb / 17P
   Termination Regulators for DDR-SDRAMs
BD3539FVM ROHM-BD3539FVM_10 Datasheet
441Kb / 12P
   Termination Regulators for DDR-SDRAMs
BD35390FJ ROHM-BD35390FJ_09 Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD3532F ROHM-BD3532F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD35390FJ ROHM-BD35390FJ Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD3537F ROHM-BD3537F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD3531F ROHM-BD3531F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD3538F ROHM-BD3538F_08 Datasheet
535Kb / 12P
   Termination Regulators for DDR-SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com